Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR420 Datasheet(PDF) 2 Page - Lumins Inc.

Part # SR420
Description  Ceiling mount
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

SR420 Datasheet(HTML) 2 Page - Lumins Inc.

  SR420 Datasheet HTML 1Page - Lumins Inc. SR420 Datasheet HTML 2Page - Lumins Inc. SR420 Datasheet HTML 3Page - Lumins Inc. SR420 Datasheet HTML 4Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SCIROCCO
MOUNTING ACCESSORIES
SR100
SR400SD
SR400
SR300
LUMINIS [ USA ] - 3555 NW 53rd Court, Fort Lauderdale, FL.33309
Tel: 954 .717 .4155
Fax: 954
. 717.4157
Web: www.luminis.com
LUMINIS [ Canada ] - 87 C Brunswick D.D.O. Q.C. Canada H9B 2J5
June.2007
Toll free: 888 .401 .6999
SR200
SR600
SR350
L U M I
I
N S
T
Wall mount.
ACW3
Wall mount.
W
Wall mount.
Except
SR600 series
APS
Post top
APA
Side pole
mount.
ACA3
Side pole
mount.
APC
Side pole
mount.
Page
101
Wall mount
Pole mount
S
Ceiling stem
mount.
Ceiling mount
SR150
SR340
Luminaires may be altered for design improvements or discontinued without prior notice.
WA
Wall mount
SR600 series.
PXD
pole
style
60”
* Note
PCA
pole
style
PCA
pole
style
PAA
pole
style
* Note:
36” extension with ACA3 attachment
24” extension with APC & APA attachment
For poles details and specification, please refer to pages 140 to 144
Compatible poles listing.
PAA414-ACA
PAA416-ACA
PAA418-ACA
PAA420-ACA
PAA514-ACA
PAA516-ACA
PAA518-ACA
PAA520-ACA
PXD14-ACA
PXD16-ACA
PXD18-ACA
PXD20-ACA
14 ft
16 ft
18 ft
20 ft
PCA14-ACA
PCA16-ACA
Post side mount with ACA3 attachment accessory
PAA510-APC
PAA512-APC
PAA514-APC
PAA516-APC
PAA518-APC
PAA520-APC
PAA410-APC
PAA412-APC
PAA414-APC
PAA416-APC
PAA418-APC
PAA420-APC
10 ft
12 ft
14 ft
16 ft
18 ft
20 ft
PCA12-APC
PCA14-APC
PCA16-APC
PXD10-APC
PXD12-APC
PXD14-APC
PXD16-APC
PXD18-APC
PXD20-APC
PAA410-APA
PAA412-APA
PAA414-APA
PAA416-APA
PAA418-APA
PAA420-APA
PAA510-APA
PAA512-APA
PAA514-APA
PAA516-APA
PAA518-APA
PAA520-APA
PXD10-APA
PXD12-APA
PXD14-APA
PXD16-APA
PXD18-APA
PXD20-APA
10 ft
12 ft
14 ft
16 ft
18 ft
20 ft
PCA12-APA
PCA14-APA
PCA16-APA
Post side mount with APA attachment accessory
Post side mount with APC attachment accessory
Post side mount with APS attachment accessory
PAA410-A
PAA412-A
PAA414-A
PAA416-A
PAA418-A
PAA420-A
PAA510-A1
PAA512-A1
PAA514-A1
PAA516-A1
PAA518-A1
PAA520-A1
PXD10-A
PXD12-A
PXD14-A
PXD16-A
PXD18-A
PXD20-A
PCA10-A
PCA12-A
PCA14-A
PCA16-A
10 ft
12 ft
14 ft
16 ft
18 ft
20 ft
4”O.D.
5”O.D.
4”O.D.
4”O.D.
Pole
height
Mounting
style
OAL pole height
12-14 or 16ft.
APC
APA
APS
ACA3


Similar Part No. - SR420

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
SR420C LUMINIS-SR420C Datasheet
306Kb / 4P
   Ceiling surface mounting
SR420CD LUMINIS-SR420CD Datasheet
306Kb / 4P
   Ceiling surface mounting
SR420SD LUMINIS-SR420SD Datasheet
307Kb / 4P
   Ceiling surface mounting
More results

Similar Description - SR420

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
W1000 LUMINIS-W1000 Datasheet
86Kb / 2P
   Ceiling mount
TR15 LUMINIS-TR15 Datasheet
131Kb / 3P
   Ceiling mount
SR150 LUMINIS-SR150 Datasheet
301Kb / 4P
   Ceiling mount
TR25 LUMINIS-TR25 Datasheet
140Kb / 3P
   Ceiling mount
OC100 LUMINIS-OC100 Datasheet
186Kb / 4P
   Ceiling mount
SR300 LUMINIS-SR300 Datasheet
304Kb / 4P
   Ceiling mount
SR700 LUMINIS-SR700 Datasheet
298Kb / 4P
   Ceiling mount
AR101 LUMINIS-AR101 Datasheet
192Kb / 4P
   Ceiling mount
W1286 LUMINIS-W1286 Datasheet
148Kb / 3P
   Ceiling mount
TG1900 LUMINIS-TG1900 Datasheet
195Kb / 4P
   Ceiling mount
PR1240 LUMINIS-PR1240 Datasheet
193Kb / 4P
   Ceiling mount
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com