Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR570 Datasheet(PDF) 3 Page - Lumins Inc.

Part # SR570
Description  Ceiling surface mounting
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

SR570 Datasheet(HTML) 3 Page - Lumins Inc.

  SR570 Datasheet HTML 1Page - Lumins Inc. SR570 Datasheet HTML 2Page - Lumins Inc. SR570 Datasheet HTML 3Page - Lumins Inc. SR570 Datasheet HTML 4Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SCIROCCO
MOUNTING ACCESSORIES
LUMINIS [ USA ] - 3555 NW 53rd Court, Fort Lauderdale, FL.33309
Tel: 954 .717 .4155
Fax: 954
. 717.4157
Web: www.luminis.com
LUMINIS [ Canada ] - 87 C Brunswick D.D.O. Q.C. Canada H9B 2J5
June.2007
Toll free: 888 .401 .6999
Luminaries may be altered for improvements or discontinued without prior notice.
Page
102
L U M I
I
N S
-S
15º swivel ceiling mount with 1/2”
dia.X36”lg aluminum stem.
luminaire top adaptor allowing to
cut stem to length on site.(Mounts
over a standard 4" octagonal box
with 3 1/2" C/C holes)
APA -1 5/8” Dia. shepherd
aluminum side pole mount.
(EPA: 0.15)
APS -1 5/8” Dia. shepherd
aluminum post top mount, with a
cast aluminum tenon to fit with
a 3 3/4” I.D. pole.
(EPA: 0.15)
36”
5”
28 1/2”
ACA3 -1” x 3” extruded aluminum Davit arm pole
mounting adaptor designed to fit with 4 to 5” dia.
poles.1/2” dia.X 45º standard natural stainless steel
rod support.
(EPA: 0.7)
ACW3 -1” x 3” extruded aluminum Davit arm wall
mounting adaptor with cast aluminum covers and
galvanized steel mounting plates. 1/2” dia.X 45º
standard natural stainless steel rod support.
T -1” x 3” extruded aluminum wall
mounting straight adaptor with cast
aluminum cover and galvanized
steel mounting plate.
APC -1” x 3” extruded
aluminum side pole mounting
straight adaptor (EPA: 0.12)
Power supply
Power supply
29”
4 1/2”
32”
11”
F
W -1 5/8” Dia. shepherd aluminum
arm wall mount, with a cast
aluminum wall cover and
galvanized steel mounting plate.
WA- For SR600 series with double
wall cast mounting plate
14”
23”
16”
15”
5 1/8”
5 5/8”
4 5/8”
3”
E
4”
Above listed dimensions may vary upon minor
design changes. For critical conditions, please
consult factory.
SR600
Series
15”
SR600
Series
0 ”
SR600
Series
36 ”
SR600
Series=36 ”
OptIon
“T ”
SR100
SR150
SR200
SR350
22 1/2”
OptIon
“APC ”
21 1/2”
F
E
SR300
17”
16”
SR400SD
SR410SD
24 1/2”
23 1/2”
SR400
SR410
18 1/2”
18 1/2”
25”
24”
SR600
17 3/4”
7”


Similar Part No. - SR570

ManufacturerPart #DatasheetDescription
logo
Jinan Jingheng (Group) ...
SR570 JINANJINGHENG-SR570 Datasheet
75Kb / 2P
   SCHOTTKY BARRIER DIODE CHIPS
logo
Shanghai Shunye Electro...
SR570 SHUNYE-SR570 Datasheet
233Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
SR570 YFWDIODE-SR570 Datasheet
73Kb / 2P
   5.0Amp Schottky Barrier Rectifiers
logo
Microdiode Electronics ...
SR570 CHENDA-SR570 Datasheet
589Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Dongguan City Niuhang E...
SR570 NIUHANG-SR570 Datasheet
1Mb / 3P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SR570

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
SR400SD LUMINIS-SR400SD Datasheet
307Kb / 4P
   Ceiling surface mounting
SR500 LUMINIS-SR500 Datasheet
301Kb / 4P
   Ceiling surface mounting
SR400CD LUMINIS-SR400CD Datasheet
306Kb / 4P
   Ceiling surface mounting
SR510 LUMINIS-SR510 Datasheet
298Kb / 4P
   Ceiling surface mounting
SR600 LUMINIS-SR600 Datasheet
299Kb / 4P
   Ceiling surface mounting
SR400C LUMINIS-SR400C Datasheet
306Kb / 4P
   Ceiling surface mounting
NT100C LUMINIS-NT100C Datasheet
110Kb / 2P
   Ceiling surface mount
logo
Laird Tech Smart Techno...
SL8244P12NF LSTD-SL8244P12NF Datasheet
351Kb / 1P
   Easy mounting to all ceiling surfaces
logo
Lumins Inc.
SY610 LUMINIS-SY610 Datasheet
349Kb / 2P
   Cast aluminum ventilated top cover with ceiling mounting plate.
W1000 LUMINIS-W1000 Datasheet
86Kb / 2P
   Ceiling mount
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com