Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR600 Datasheet(PDF) 4 Page - Lumins Inc.

Part # SR600
Description  Ceiling surface mounting
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

SR600 Datasheet(HTML) 4 Page - Lumins Inc.

  SR600 Datasheet HTML 1Page - Lumins Inc. SR600 Datasheet HTML 2Page - Lumins Inc. SR600 Datasheet HTML 3Page - Lumins Inc. SR600 Datasheet HTML 4Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Single pole test switch (Breaking the connection)
Quartz lamp restrike
Quartz lamp socket for external 120V
emergency power input.
Separate 120V dedicated wiring is included.
max.100 W DC bayonet type.
(Lamp is not included.)
Not Applicable with CFL lamps.
Option: QS
Please specify selected option as a suffix to the specified model number. Some options may not be compatible when used in the
same luminaire. This information is indicated when it is applicable.
SCIROCCO
LUMINIS [ USA ] - 3555 NW 53rd Court, Fort Lauderdale, FL.33309
Tel: 954 .717 .4155
Fax: 954
. 717.4157
Web: www.luminis.com
LUMINIS [ Canada ] - 87 C Brunswick D.D.O. Q.C. Canada H9B 2J5
Sept. 2006 Rev. Feb.2007
Toll free: 888 .401 .6999
Options :
Add selected suffix to catalog number
High impact white
translucent U.V.
stabilized acrylic diffuser.
Max. 50W H.I.D.
or 2x32w C.F.L
Impact resistant diffuser
Option: PC5
PH1 -120V
PH2 - 277 / 347V
Light photo sensor
Option:
MOUNTING ACCESSORIES
Luminaries may be altered for improvements or discontinued without prior notice.
Quartz restrike
standby lamp kit
max.100W DC
bayonet type
Quartz lamp restrike
Option: QRS
Page
103
L U M I
I
N S
Option: SPW (White)
SPB (Black)
Suspension power cord
3/18 X 36”lg. power cord with
adjustable aircraft cable.
3/18 Spiral power cord Max.
277V Standard extended
length: 3ft.
Not applicable when
using options
EM42 / EM42S
QS / DS/ DS2
SPB Black power cable only
with options
EM42 / EM42S
QS / DS/ DS2
Spiral power cord
Option: TCW (White)
TCB (Black)
Safety suspension cable
Safety aircraft
suspension cable, for
applications with
earthquake regulations.
Cables extends 18”
beyond canopy.
(Secured to building
structure)
Longer suspension stem
36” lg.X5/8” O.D.
suspension stem.
STM60
60” lg.X5/8” O.D.
suspension stem.
STM80
80” lg. X5/8” O.D.
suspension stem.
For other factory cut to size length add
suffix -STM with desired length to
catalog# max.120”
Stems can be cut on site
and rethreaded externally
(Tap size 1/4-18)
Option
Note: cable size
and type may
change at factory
discretion upon
availability, to
accommodate
required wiring
with selected
option.
45º hang straight ball swivel
for 5/8” dia. suspension stem.
Option: SW45
Slope ceiling adaptor
SW45
Emergency battery pack
EM42
One lamp:
26w: 450 Lmns..
32w: 575 Lmns.
42w: 750 Lmns.
For 57w & 70w: Consult factory
Please refer to page 16 for
more details
PH1 & PH2 Photo electric sensors, are installed with
luminaire when specified with C.F.L. sources.
For H.I.D sources PH1 or PH2 are installed with pole only.
(see options APA/APS/ACA3/APC)
Fuse
Option
FS
Ballast protection fuse
Available with H.I.D.
luminaires only
Note: FS option fuse is factory
calibrated and installed with
selected wattage.
Post mount luminaires:
FS installed with pole.
All other types:
FS is installed with luminaire.
For SR700
series only
Option: STC
Option: FH
Aluminum hood
One piece solid aluminum
reflector hood.All painted same
color as luminaire.
Replaces slotted standard hood.
Pier mount adaptor
Pier mount or short wall
perimeter mounting
adaptor plate.
Fits with SR500 series
Option: PM
Emergency battery back-up
EM42 / EM42S
One lamp:
26w: 450 Lmns..
32w: 575 Lmns.
42w: 750 Lmns.
Time: 90 Mnts -
120/277V / T 0º C
For 57w & 70w:
(Remote installation only) Consult factory
Note: Use of Emergency battery, requires periodic
and regular testing to ensure correct operation.
(please refer to manufacturer’s instructions.
HOT
BLK
WHT
WHT
COM
EM
ballast
AC ballast
Black/120V (Factory wired)
Orange/277V
(Cap unused lead.)
EM42S wiring
EM42 wiring
EM Ballast wiring
diagram for 120V
factory connection.
Note:
EM42 option is supplied
with integral test switch and
pilot light.
EM42S is supplied with
additional wiring for
external remotely installed
test switch and pilot light.
Please refer to luminaire
specification sheet option
listing.


Similar Part No. - SR600

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
SR60 LAMBDA-SR60 Datasheet
374Kb / 4P
   Single output 20W ~ 660W?
logo
Frontier Electronics.
SR60-03 FRONTIER-SR60-03 Datasheet
124Kb / 2P
   60A SCHOTTKY BARRIER RECTIFIERS
SR60-03-LFR FRONTIER-SR60-03-LFR Datasheet
124Kb / 2P
   60A SCHOTTKY BARRIER RECTIFIERS
SR60-035 FRONTIER-SR60-035 Datasheet
124Kb / 2P
   60A SCHOTTKY BARRIER RECTIFIERS
SR60-035-LFR FRONTIER-SR60-035-LFR Datasheet
124Kb / 2P
   60A SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SR600

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
SR400SD LUMINIS-SR400SD Datasheet
307Kb / 4P
   Ceiling surface mounting
SR500 LUMINIS-SR500 Datasheet
301Kb / 4P
   Ceiling surface mounting
SR400CD LUMINIS-SR400CD Datasheet
306Kb / 4P
   Ceiling surface mounting
SR510 LUMINIS-SR510 Datasheet
298Kb / 4P
   Ceiling surface mounting
SR560 LUMINIS-SR560 Datasheet
298Kb / 4P
   Ceiling surface mounting
SR400C LUMINIS-SR400C Datasheet
306Kb / 4P
   Ceiling surface mounting
NT100C LUMINIS-NT100C Datasheet
110Kb / 2P
   Ceiling surface mount
logo
Laird Tech Smart Techno...
SL8244P12NF LSTD-SL8244P12NF Datasheet
351Kb / 1P
   Easy mounting to all ceiling surfaces
logo
Lumins Inc.
SY610 LUMINIS-SY610 Datasheet
349Kb / 2P
   Cast aluminum ventilated top cover with ceiling mounting plate.
W1000 LUMINIS-W1000 Datasheet
86Kb / 2P
   Ceiling mount
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com