Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

103-314-04-24 Datasheet(PDF) 3 Page - Marl International Limited

Part # 103-314-04-24
Description  PCB MOUNTING LEDs - 횠 3mm
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

103-314-04-24 Datasheet(HTML) 3 Page - Marl International Limited

  103-314-04-24 Datasheet HTML 1Page - Marl International Limited 103-314-04-24 Datasheet HTML 2Page - Marl International Limited 103-314-04-24 Datasheet HTML 3Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
103 Series
ALSO AVAILABLE
SAMPLES AVAILABLE
© MARL INTERNATIONAL LTD 2008 : DS 050/07 Issue 3
Page 3 of 3
How to Order:
website: www.marl.co.uk • email: sales@marl.co.uk •
Telephone +44 (0)1229 582430 Fax: +44 (0)1229 585155
The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation
relating to either products or service. Marl International reserve the right to alter without notice the specification or any conditions of supply
for products or service.
PART NO.
COLOUR
VOLTAGE DC
(Vdc) Vopr
103-000-01-54
Blue
2mA
103-000-04-54
Blue
20mA
103-305-01
Red
2mA
103-305-04-05
Red
20mA
103-305-04-24
Red
20mA
103-305-13
Red
20mA RP
103-311-01
Yellow
2mA
103-311-04-05
Yellow
20mA
103-311-04-24
Yellow
20mA
103-311-13
Yellow
20mA RP
103-314-01
Green
2mA
103-314-04-05
Green
20mA
103-314-04-24
Green
20mA
103-314-04-26
Green
20mA
103-314-13
Green
20mA RP
103-326-04
Blue
20mA
103-330-01
Red/Green Bi-colour
2mA
103-330-04-05
Red/Green Bi-colour
20mA
103-330-04-24
Red/Green Bi-colour
20mA
103-330-13
Red/Green Bi-colour
20mA RP
103-331-04
Red/Yellow Bi-colour
20mA
103-332-04
Green/Yellow Bi-colour 20mA
103-332-04-25
Green/Yellow Bi-colour 20mA
103-336-04
Blue
20mA
103-337-04
Blue/Green Bi-colour
20mA
103-382-30
Yellow
5/6 Vdc RP
UNITS
Part numbers also available in the 103 Series:
BS EN ISO 9001:2000
Approved Manufacturer
305 & 311
314
330
The products listed above illustrate all of the options available to order.
These products may have custom modifications that alter their operation
beyond the generic information contained within this datasheet. Please
contact sales for further information.


Similar Part No. - 103-314-04-24

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
103-314-04 MARL-103-314-04 Datasheet
208Kb / 5P
   pcb led indicators
103-314-04 MARL-103-314-04 Datasheet
210Kb / 2P
   PCB MOUNTING LED
More results

Similar Description - 103-314-04-24

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
122-305-04 MARL-122-305-04 Datasheet
215Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
123-305-04 MARL-123-305-04 Datasheet
246Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
107-305-04 MARL-107-305-04 Datasheet
280Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
124-305-04 MARL-124-305-04 Datasheet
190Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
109-305-04 MARL-109-305-04 Datasheet
216Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
113-305-04 MARL-113-305-04 Datasheet
276Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
153-305-04 MARL-153-305-04 Datasheet
190Kb / 2P
   PCB MOUNTING LEDs - 횠 3mm Surface Mount
151-535-04 MARL-151-535-04 Datasheet
128Kb / 3P
   PCB MOUNTING LEDs - 횠 5mm
108-505-04 MARL-108-505-04 Datasheet
278Kb / 3P
   PCB MOUNTING LEDs - 횠 5mm
101-205-02 MARL-101-205-02 Datasheet
191Kb / 3P
   PCB MOUNTING LEDs - 횠 2mm
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com