Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LV14A Datasheet(PDF) 1 Page - Texas Instruments

Part # 74LV14A
Description  HEX SCHMITT-TRIGGER INVERTERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74LV14A Datasheet(HTML) 1 Page - Texas Instruments

  74LV14A Datasheet HTML 1Page - Texas Instruments 74LV14A Datasheet HTML 2Page - Texas Instruments 74LV14A Datasheet HTML 3Page - Texas Instruments 74LV14A Datasheet HTML 4Page - Texas Instruments 74LV14A Datasheet HTML 5Page - Texas Instruments 74LV14A Datasheet HTML 6Page - Texas Instruments 74LV14A Datasheet HTML 7Page - Texas Instruments 74LV14A Datasheet HTML 8Page - Texas Instruments 74LV14A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SN54LV14A, SN74LV14A
HEX SCHMITT TRIGGER INVERTERS
SCLS386J − SEPTEMBER 1997 − REVISED APRIL 2005
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 2-V to 5.5-V VCC Operation
D Max tpd of 10 ns at 5 V
D Typical VOLP (Output Ground Bounce)
<0.8 V at VCC = 3.3 V, TA = 25°C
D Typical VOHV (Output VOH Undershoot)
>2.3 V at VCC = 3.3 V, TA = 25°C
D Support Mixed-Mode Voltage Operation on
All Ports
D Ioff Supports Partial-Power-Down Mode
Operation
D Latch-Up Performance Exceeds 250 mA Per
JESD 17
D ESD Protection Exceeds JESD 22
− 2000-V Human-Body Model (A114-A)
− 200-V Machine Model (A115-A)
− 1000-V Charged-Device Model (C101)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1Y
2A
2Y
3A
3Y
GND
VCC
6A
6Y
5A
5Y
4A
4Y
SN54LV14A ...J OR W PACKAGE
SN74LV14A . . . D, DB, DGV, NS,
OR PW PACKAGE
(TOP VIEW)
32 1 20 19
910 11 1213
4
5
6
7
8
18
17
16
15
14
6Y
NC
5A
NC
5Y
2A
NC
2Y
NC
3A
SN54LV14A . . . FK PACKAGE
(TOP VIEW)
NC − No internal connection
SN74LV14A . . . RGY PACKAGE
(TOP VIEW)
114
78
2
3
4
5
6
13
12
11
10
9
6A
6Y
5A
5Y
4A
1Y
2A
2Y
3A
3Y
description/ordering information
These hex Schmitt-trigger inverters are designed for 2-V to 5.5-V VCC operation.
The ’LV14A devices contain six independent inverters. These devices perform the Boolean function Y = A.
These devices are fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the
outputs, preventing damaging current backflow through the devices when they are powered down.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
QFN − RGY
Reel of 1000
SN74LV14ARGYR
LV14A
SOIC − D
Tube of 50
SN74LV14AD
LV14A
SOIC − D
Reel of 2500
SN74LV14ADR
LV14A
SOP − NS
Reel of 2000
SN74LV14ANSR
74LV14A
−40
°C to 85°C
SSOP − DB
Reel of 2000
SN74LV14ADBR
LV14A
−40 C to 85 C
Tube of 90
SN74LV14APW
TSSOP − PW
Reel of 2000
SN74LV14APWR
LV14A
TSSOP − PW
Reel of 250
SN74LV14APWT
LV14A
TVSOP − DGV
Reel of 2000
SN74LV14ADGVR
LV14A
CDIP − J
Tube of 25
SNJ54LV14AJ
SNJ54LV14AJ
−55
°C to 125°C
CFP − W
Tube of 150
SNJ54LV14AW
SNJ54LV14AW
−55 C to 125 C
LCCC − FK
Tube of 55
SNJ54LV14AFK
SNJ54LV14AFK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design
guidelines are available at www.ti.com/sc/package.
Copyright
 2005, Texas Instruments Incorporated
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - 74LV14A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74LV14A DIODES-74LV14A Datasheet
285Kb / 9P
   HEX INVERTERS WITH SCHMITT TRIGGER INPUTS
logo
Nexperia B.V. All right...
74LV14A NEXPERIA-74LV14A Datasheet
239Kb / 13P
   Hex inverting Schmitt trigger
Rev. 4 - 29 April 2021
74LV14ABZ NEXPERIA-74LV14ABZ Datasheet
239Kb / 13P
   Hex inverting Schmitt trigger
Rev. 4 - 29 April 2021
74LV14APW NEXPERIA-74LV14APW Datasheet
239Kb / 13P
   Hex inverting Schmitt trigger
Rev. 4 - 29 April 2021
logo
Diodes Incorporated
74LV14AS14 DIODES-74LV14AS14 Datasheet
285Kb / 9P
   HEX INVERTERS WITH SCHMITT TRIGGER INPUTS
More results

Similar Description - 74LV14A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LVC14 HITACHI-HD74LVC14 Datasheet
36Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Renesas Technology Corp
HD74LVC14 RENESAS-HD74LVC14 Datasheet
193Kb / 6P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54HC14 TI-SN54HC14 Datasheet
77Kb / 15P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Unisonic Technologies
U74AHC14 UTC-U74AHC14_15 Datasheet
182Kb / 5P
   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74HC14FH HITACHI-HD74HC14FH Datasheet
44Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54LV14 TI-SN54LV14 Datasheet
117Kb / 6P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_08 Datasheet
686Kb / 19P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_07 Datasheet
562Kb / 20P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Unisonic Technologies
U74LVC14A UTC-U74LVC14A Datasheet
170Kb / 5P
   HEX SCHMITT-TRIGGER INVERTERS
logo
Renesas Technology Corp
RD74LVC14B RENESAS-RD74LVC14B Datasheet
64Kb / 7P
   Hex Schmitt-trigger Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com