Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LV175ADGVRE4 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74LV175ADGVRE4
Description  QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LV175ADGVRE4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LV175ADGVRE4 Datasheet HTML 2Page - Texas Instruments SN74LV175ADGVRE4 Datasheet HTML 3Page - Texas Instruments SN74LV175ADGVRE4 Datasheet HTML 4Page - Texas Instruments SN74LV175ADGVRE4 Datasheet HTML 5Page - Texas Instruments SN74LV175ADGVRE4 Datasheet HTML 6Page - Texas Instruments SN74LV175ADGVRE4 Datasheet HTML 7Page - Texas Instruments SN74LV175ADGVRE4 Datasheet HTML 8Page - Texas Instruments SN74LV175ADGVRE4 Datasheet HTML 9Page - Texas Instruments SN74LV175ADGVRE4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
SN54LV175A, SN74LV175A
QUADRUPLE DTYPE FLIPFLOPS
WITH CLEAR
SCLS400G − APRIL 1998 − REVISED APRIL 2005
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching
characteristics
over
recommended
operating
free-air
temperature
range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54LV175A
SN74LV175A
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
fmax
CL = 15 pF
90*
155*
75*
75
MHz
fmax
CL = 50 pF
50
120
45
45
MHz
tpd
CLR
Any
CL = 15 pF
5.5*
10.1*
1*
12*
1
12
ns
tpd
CLK
Any
CL = 15 pF
6.5*
11.5*
1*
13.5*
1
13.5
ns
tpd
CLR
Any
CL = 50 pF
7.4
13.6
1
15.5
1
15.5
ns
tpd
CLK
Any
CL = 50 pF
8.4
15
1
17
1
17
ns
tsk(o)
CL = 50 pF
1.5
1.5
ns
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
switching
characteristics
over
recommended
operating
free-air
temperature
range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54LV175A
SN74LV175A
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
fmax
CL = 15 pF
150*
215*
125*
125
MHz
fmax
CL = 50 pF
85
165
75
75
MHz
tpd
CLR
Any
CL = 15 pF
3.7*
6.4*
1*
7.5*
1
7.5
ns
tpd
CLK
Any
CL = 15 pF
4.6*
7.3*
1*
8.5*
1
8.5
ns
tpd
CLR
Any
CL = 50 pF
5.3
8.4
1
9.5
1
9.5
ns
tpd
CLK
Any
CL = 50 pF
6
9.3
1
10.5
1
10.5
ns
tsk(o)
CL = 50 pF
1
1
ns
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
noise characteristics, VCC = 3.3 V, CL = 50 pF, TA = 25°C (see Note 5)
PARAMETER
SN74LV175A
UNIT
PARAMETER
MIN
TYP
MAX
UNIT
VOL(P)
Quiet output, maximum dynamic VOL
0.3
0.8
V
VOL(V)
Quiet output, minimum dynamic VOL
−0.3
−0.8
V
VOH(V)
Quiet output, minimum dynamic VOH
3
V
VIH(D)
High-level dynamic input voltage
2.31
V
VIL(D)
Low-level dynamic input voltage
0.99
V
NOTE 5: Characteristics are for surface-mount packages only.
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
VCC
TYP
UNIT
Cpd
Power dissipation capacitance
CL = 50 pF,
f = 10 MHz
3.3 V
13.6
pF
Cpd
Power dissipation capacitance
CL = 50 pF,
f = 10 MHz
5 V
14.5
pF
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN74LV175ADGVRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV175ADGVRE4 TI-SN74LV175ADGVRE4 Datasheet
512Kb / 17P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN74LV175ADGVRE4 TI-SN74LV175ADGVRE4 Datasheet
541Kb / 17P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
More results

Similar Description - SN74LV175ADGVRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC175 TI-SN54HC175 Datasheet
93Kb / 6P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN54LS171 TI-SN54LS171 Datasheet
127Kb / 4P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN54F175 TI-SN54F175 Datasheet
72Kb / 5P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN54LV175A TI-SN54LV175A_08 Datasheet
541Kb / 17P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
54AC11175 TI-54AC11175 Datasheet
117Kb / 7P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN54LV175A TI-SN54LV175A_07 Datasheet
512Kb / 17P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN54HC175 TI1-SN54HC175_16 Datasheet
910Kb / 21P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
54AC11175 TI1-54AC11175_09 Datasheet
130Kb / 7P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN54HC175 TI-SN54HC175_07 Datasheet
582Kb / 16P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN74ALS175 TI-SN74ALS175 Datasheet
148Kb / 2P
[Old version datasheet]   HEX/QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com