Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

109-320-04-50 Datasheet(PDF) 3 Page - Marl International Limited

Part # 109-320-04-50
Description  PCB MOUNTING LEDs - 횠 3mm
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

109-320-04-50 Datasheet(HTML) 3 Page - Marl International Limited

  109-320-04-50 Datasheet HTML 1Page - Marl International Limited 109-320-04-50 Datasheet HTML 2Page - Marl International Limited 109-320-04-50 Datasheet HTML 3Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
BS EN ISO 9001:2000
Approved Manufacturer
SAMPLES AVAILABLE
© MARL INTERNATIONAL LTD 2007 : DS 048/07 Issue 2
Page 3 of 3
How to Order:
website: www.marl.co.uk • email: sales@marl.co.uk •
Telephone +44 (0)1229 582430 Fax: +44 (0)1229 585155
The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation
relating to either products or service. Marl International reserve the right to alter without notice the specification or any conditions of supply
for products or service.
109 Series
PART NO.
COLOUR
VOLTAGE DC
(Vdc) Vopr
109-000-01-50
Red over Green
2mA
109-000-01-51
Green over Red
2mA
109-000-01-53
Red over Yellow
2mA
109-000-01-54
Green over Yellow
2mA
109-000-01-57
Red over Green
2mA
109-000-01-58
Yellow over Green
2mA
109-000-02-50
Red over Green
10mA
109-000-04-50
Red over Green
20mA
109-000-04-51
Yellow over Red
20mA
109-000-04-52
Green over Yellow
20mA
109-000-04-53
Yellow over Green
20mA
109-000-04-54
Green over Red
20mA
109-000-04-56
Red over Yellow
20mA
109-000-04-57
Yellow over Blue
20mA
109-000-04-58
Yellow over Red/Green 20mA
109-000-04-60
Red over Yellow
20mA
109-000-04-61
Yellow over Blue
20mA
109-000-04-62
Red/Yellow over Green 20mA
109-000-04-63
Red/Green over Blank 20mA
109-000-04-65
Green over Yellow
20mA
109-000-04-66
Green over Yellow
20mA
109-000-13-50
Yellow over Green
20mA RP
109-000-20-50
Yellow over Red
5/6Vdc
109-000-20-51
Green over Red
5/6Vdc
109-000-20-52
Red over Green
5/6Vdc
109-000-20-53
Yellow over Green
5/6Vdc
UNITS
VDC
PART NO.
COLOUR
VOLTAGE DC
(Vdc) Vopr
109-301-04
Red
20mA
109-305-01
Red
2mA
109-305-01-24
Red
2mA
109-305-04-24
Red
20mA
109-305-13
Red
20mA RP
109-311-01
Yellow
2mA
109-311-01-24
Yellow
2mA
109-311-04-24
Yellow
20mA
109-314-01
Green
2mA
109-314-01-24
Green
2mA
109-314-01-50
Green
2mA
109-314-01-51
Green
2mA
109-314-04-24
Green
20mA
109-314-04-26
Green
20mA
109-320-04-50
Blue over Blank
20mA
109-330-01
Red/Green
2mA
109-330-01-24
Red/Green
2mA
109-330-04-24
Red/Green
20mA
109-330-13
Red/Green
20mA RP
109-332-04
Grn/Ylw Bi-colour 20mA
109-332-13
Grn/Ylw Bi-colour 20mA RP
UNITS
VDC
Part numbers also available in the 109 Series:
The products listed above illustrate all of the options available to order. These products may have custom modifications that alter
their operation beyond the generic information contained within this datasheet. Please contact sales for further information.


Similar Part No. - 109-320-04-50

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
109-305-01 MARL-109-305-01 Datasheet
227Kb / 2P
   PCB MOUNTING LED
109-305-01 MARL-109-305-01_15 Datasheet
227Kb / 2P
   PCB MOUNTING LED
109-305-04 MARL-109-305-04 Datasheet
222Kb / 5P
   pcb led indicators
109-305-04 MARL-109-305-04 Datasheet
222Kb / 5P
   pcb led indicators
109-305-04 MARL-109-305-04 Datasheet
227Kb / 2P
   PCB MOUNTING LED
More results

Similar Description - 109-320-04-50

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
122-305-04 MARL-122-305-04 Datasheet
215Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
123-305-04 MARL-123-305-04 Datasheet
246Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
103-305-04 MARL-103-305-04 Datasheet
231Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
107-305-04 MARL-107-305-04 Datasheet
280Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
124-305-04 MARL-124-305-04 Datasheet
190Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
113-305-04 MARL-113-305-04 Datasheet
276Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
153-305-04 MARL-153-305-04 Datasheet
190Kb / 2P
   PCB MOUNTING LEDs - 횠 3mm Surface Mount
151-535-04 MARL-151-535-04 Datasheet
128Kb / 3P
   PCB MOUNTING LEDs - 횠 5mm
108-505-04 MARL-108-505-04 Datasheet
278Kb / 3P
   PCB MOUNTING LEDs - 횠 5mm
101-205-02 MARL-101-205-02 Datasheet
191Kb / 3P
   PCB MOUNTING LEDs - 횠 2mm
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com