Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54LV74AW Datasheet(PDF) 9 Page - Texas Instruments

Part # SN54LV74AW
Description  DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54LV74AW Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN54LV74AW Datasheet HTML 5Page - Texas Instruments SN54LV74AW Datasheet HTML 6Page - Texas Instruments SN54LV74AW Datasheet HTML 7Page - Texas Instruments SN54LV74AW Datasheet HTML 8Page - Texas Instruments SN54LV74AW Datasheet HTML 9Page - Texas Instruments SN54LV74AW Datasheet HTML 10Page - Texas Instruments SN54LV74AW Datasheet HTML 11Page - Texas Instruments SN54LV74AW Datasheet HTML 12Page - Texas Instruments SN54LV74AW Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
6-Dec-2006
Addendum-Page 2


Similar Part No. - SN54LV74AW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV74A TI1-SN54LV74A_15 Datasheet
1Mb / 31P
[Old version datasheet]   Dual Positive-Edge-Triggered D-Type Flip-Flops
More results

Similar Description - SN54LV74AW

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO74G74A POTATO-PO74G74A_14 Datasheet
1Mb / 6P
   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Texas Instruments
SN54LV74 TI1-SN54LV74_10 Datasheet
148Kb / 8P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
SN54AC74 TI1-SN54AC74_15 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
SN54HC74 TI1-SN54HC74_15 Datasheet
164Kb / 15P
[Old version datasheet]   Dual D-Type Positive-Edge-Triggered Flip-Flops
SN54LV74 TI-SN54LV74 Datasheet
137Kb / 7P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
SN74LV74A-EP TI1-SN74LV74A-EP Datasheet
506Kb / 14P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
SN54LV74A TI1-SN54LV74A_15 Datasheet
1Mb / 31P
[Old version datasheet]   Dual Positive-Edge-Triggered D-Type Flip-Flops
CD54AC74 TI1-CD54AC74_14 Datasheet
686Kb / 15P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
CD54ACT74 TI1-CD54ACT74_14 Datasheet
887Kb / 14P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
National Semiconductor ...
DM54L74 NSC-DM54L74 Datasheet
88Kb / 4P
   Dual Positive-Edge-Triggered D Flip-Flops
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com