Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

315-505-22-03 Datasheet(PDF) 1 Page - Marl International Limited

Part # 315-505-22-03
Description  PANEL INDICATOR LEDs - 횠6.35mm Mounting
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

315-505-22-03 Datasheet(HTML) 1 Page - Marl International Limited

  315-505-22-03 Datasheet HTML 1Page - Marl International Limited 315-505-22-03 Datasheet HTML 2Page - Marl International Limited 315-505-22-03 Datasheet HTML 3Page - Marl International Limited 315-505-22-03 Datasheet HTML 4Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PART NUMBER
COLOUR
LENS
VOLTAGE
CURRENT
LUMINOUS
WAVE
OPERATING
STORAGE
DC
DC
INTENSITY
LENGTH
TEMP
TEMP
Vopr
lopr
lv@20mA
λ
p
Topr
Tstg
315-505-21
Red
Colour Diffused 12
20
60
627
-40 ~ +85^
-40 ~ +85
Yes
315-506-21
Orange
Colour Diffused 12
20
160
607
-40 ~ +85^
-40 ~ +85
Yes
315-511-21
Yellow
Colour Diffused 12
21
40
590
-40 ~ +85^
-40 ~ +85
Yes
315-512-21
Green
Colour Diffused 12
20
120
565
-40 ~ +85^
-40 ~ +85
Yes
315-501-21
Red
Colour Diffused 12
20
2700
660
-40 ~ +85^
-40 ~ +85
Yes
315-521-21
Yellow
Colour Diffused 12
20
6100
595
-40 ~ +85^
-40 ~ +100
Yes
315-532-21
Green
Colour Diffused 12
20
11600
525
-30 ~ +85^
-40 ~ +100
Yes
315-930-21
Blue
Colour Diffused 12
20
3460
470
-30 ~ +85^
-40 ~ +100
Yes
315-997-21
Cold White
Colour Diffused 12
20
7800
*see below
-30 ~ +85^
-40 ~ +100
Yes
315-501-23
Red
Colour Diffused 24-28
20
2700
660
-40 ~ +85^
-40 ~ +85
Yes
315-521-23
Yellow
Colour Diffused 24-28
20
6100
595
-40 ~ +85^
-40 ~ +100
Yes
315-532-23
Green
Colour Diffused 24-28
20
11600
525
-30 ~ +85^
-40 ~ +100
Yes
315-930-23
Blue
Colour Diffused 24-28
20
3460
470
-30 ~ +85^
-40 ~ +100
Yes
315-997-23
Cold White
Colour Diffused 24-28
20
7800
*see below
-30 ~ +85^
-40 ~ +100
Yes
UNITS
Vdc
mA
mcd
nm
0
C
0
C
Low profile lens styling
Flying lead terminations and low current versions
available
Sealed to IP40
Supplied complete with mounting hardware
Product illustrated 315-532-21
PANEL INDICATOR LEDs - Ø6.35mm Mounting
Ordering Information & Typical Technical Characteristics (Ta = 25°C)
Mean Time Between Failure Typically = 100,000 Hours. Luminous intensity figures refer to the unmodified discrete LED.
FEATURES
SPECIFICATIONS
315 SERIES
PACK QUANTITY = 20 PIECES
SAMPLES AVAILABLE
© MARL INTERNATIONAL LTD 2007 : DS077/07 Issue 1
Page 1 of 4
How to Order:
website: www.marl.co.uk • email: sales@marl.co.uk •
Telephone +44 (0)1229 582430 Fax: +44 (0)1229 585155
The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation
relating to either products or service. Marl International reserve the right to alter without notice the specification or any conditions of supply
for products or service.
STANDARD INTENSITY
HIGH INTENSITY
^ = Products must be derated according to the derating information. Each derating graph refers to specific LEDs. Appropriate LED numbers
shown. Refer to page 3.
Intensities (lv) and colour shades of white (x,y co-ordinates) may vary between LEDs within
a batch.
997
*Typical emission colour cold white
x
0.296 0.283
0.330 0.330
y
0.276 0.305
0.360 0.318


Similar Part No. - 315-505-22-03

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
315-012-500-201 EDAC-315-012-500-201 Datasheet
111Kb / 2P
   315 Series Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.140" (3.56mm) Row Spacing | 0.470" (11.94mm) Insulator Height
315-012-500-201 EDAC-315-012-500-201 Datasheet
255Kb / 3P
   315 Series Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.140" (3.56mm) Row Spacing | 0.470" (11.94mm) Insulator Height
315-012-500-201 EDAC-315-012-500-201 Datasheet
278Kb / 3P
   Card Edge Connectors 0.156” (3.96mm) Pitch
315-012-500-202 EDAC-315-012-500-202 Datasheet
111Kb / 2P
   315 Series Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.140" (3.56mm) Row Spacing | 0.470" (11.94mm) Insulator Height
315-012-500-202 EDAC-315-012-500-202 Datasheet
255Kb / 3P
   315 Series Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.140" (3.56mm) Row Spacing | 0.470" (11.94mm) Insulator Height
More results

Similar Description - 315-505-22-03

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
352-505-04 MARL-352-505-04 Datasheet
284Kb / 3P
   PANEL INDICATOR LEDs - 횠6.35mm Mounting
319-505-21 MARL-319-505-21 Datasheet
372Kb / 4P
   PANEL INDICATOR LEDs - 횠6.35mm Mounting
318-530-04 MARL-318-530-04 Datasheet
164Kb / 3P
   PANEL INDICATOR LEDs - 횠6.35mm Mounting
307-303-2 MARL-307-303-2 Datasheet
320Kb / 3P
   PANEL INDICATOR LEDs - 횠4.8mm Mounting
411-501-21 MARL-411-501-21 Datasheet
326Kb / 4P
   PANEL INDICATOR LEDs - 횠8.0mm Mounting
327-000-21-50 MARL-327-000-21-50 Datasheet
347Kb / 4P
   PANEL INDICATOR LEDs - 횠8.0mm Mounting
423-501-21 MARL-423-501-21 Datasheet
298Kb / 4P
   PANEL INDICATOR LEDs - 횠9.5mm Mounting
612-301-21 MARL-612-301-21 Datasheet
336Kb / 3P
   PROFESSIONAL LED INDICATORS 횠6.35mm Mounting
610-301-21 MARL-610-301-21 Datasheet
337Kb / 3P
   PROFESSIONAL LED INDICATORS 횠6.35mm Mounting
611-301-21 MARL-611-301-21 Datasheet
336Kb / 3P
   PROFESSIONAL LED INDICATORS 횠6.35mm Mounting
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com