Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U30D60 Datasheet(PDF) 2 Page - Mospec Semiconductor

Part # U30D60
Description  POWER RECTIFIERS(30A,300-600V)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

U30D60 Datasheet(HTML) 2 Page - Mospec Semiconductor

  U30D60 Datasheet HTML 1Page - Mospec Semiconductor U30D60 Datasheet HTML 2Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - U30D60

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
U30D60A THINKISEMI-U30D60A Datasheet
720Kb / 2P
   30.0 Ampere Dual Common Anode Ultra Fast Recovery Rectifiers
U30D60A THINKISEMI-U30D60A Datasheet
1Mb / 3P
   30.0Ampere Heat Sink Dual Common Anode Ultra Fast Recovery Half Bridge Rectifiers
logo
Won-Top Electronics
U30D60C WTE-U30D60C Datasheet
61Kb / 4P
   30A GLASS PASSIVATED DUAL SUPEFAST RECTIFIER
logo
Thinki Semiconductor Co...
U30D60C THINKISEMI-U30D60C Datasheet
720Kb / 2P
   30.0 Ampere Dual Common Anode Ultra Fast Recovery Rectifiers
U30D60C THINKISEMI-U30D60C Datasheet
1Mb / 3P
   30.0Ampere Heat Sink Dual Common Cathode Ultra Fast Recovery Half Bridge Rectifiers
More results

Similar Description - U30D60

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
F30D30 MOSPEC-F30D30 Datasheet
140Kb / 2P
   POWER RECTIFIERS(30A,300-600V)
H30D30 MOSPEC-H30D30 Datasheet
144Kb / 2P
   HIGH EFFICIENCY RECTIFIERS(30A,300-600V)
U06C30 MOSPEC-U06C30 Datasheet
141Kb / 2P
   POWER RECTIFIERS(6.0A,300-600V)
U20C30 MOSPEC-U20C30 Datasheet
141Kb / 2P
   POWER RECTIFIERS(20A,300-600V)
U20D30 MOSPEC-U20D30 Datasheet
140Kb / 2P
   POWER RECTIFIERS(20A,300-600V)
U12C30 MOSPEC-U12C30 Datasheet
139Kb / 2P
   POWER RECTIFIERS(12A,300-600V)
U60D30 MOSPEC-U60D30 Datasheet
143Kb / 2P
   POWER RECTIFIERS(60A,300-600V)
F12C30 MOSPEC-F12C30 Datasheet
141Kb / 2P
   POWER RECTIFIERS(12A,300-600V)
F16C30 MOSPEC-F16C30 Datasheet
137Kb / 2P
   POWER RECTIFIERS(16A,300-600V)
U16C30 MOSPEC-U16C30 Datasheet
138Kb / 2P
   POWER RECTIFIERS(16A,300-600V)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com