Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TOM9311 Datasheet(PDF) 1 Page - Spectrum Microwave, Inc.

Part # TOM9311
Description  VOLTAGE CONTROLLED OSCILLATOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRUM [Spectrum Microwave, Inc.]
Direct Link  http://www.spectrummicrowave.com
Logo SPECTRUM - Spectrum Microwave, Inc.

TOM9311 Datasheet(HTML) 1 Page - Spectrum Microwave, Inc.

  TOM9311 Datasheet HTML 1Page - Spectrum Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VOLTAGE CONTROLLED
OSCILLATOR
TOM9311
Available as:
TOM9311, 4 Pin TO-8 (T4)
TON9311, 4 Pin Surface Mount (SM3)
TOP9311, 4 Pin Flatpack (FP4)
BXO9311, Connectorized Housing (H1)
Features
!
!
!
!
! Low Noise Bipolar Transistor
!
!
!
!
! Broad Tuning Range
!
!
!
!
! Operating Case Temp. -55 ºC to + 85 ºC
!
!
!
!
! Environmental Screening available
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta=25ºC
Ta=-55ºCto+85ºC
Typical Performance Data
Specifications
02/16/05
Maximum Ratings
Ambient Operating Temperature ........... -55ºC to + 100 ºC
Storage Temperature ............................ -62ºC to + 125 ºC
Case Temperature .............................................. + 125 ºC
DC Voltage ........................................................ + 20 Volts
Maximum DC Tuning Voltage ............................ + 20 Volts
Minimum DC Tuning Voltage ................................... 0 Volt
Note: Care should always be taken to effectively ground the case of each unit.
Legend
+25 ºC
+85 ºC - - - - - - - -55 ºC
Notes:
1. Phase noise is measured using the Aerofles PN9000.
2. Worst cae phase noise @ 100KHZ offset across frequency
rance and temperature extremes is - 100 dBc/Hz.
550 - 850 MHz
Frequency
Output Power (dBm)
+12
+10 Min.
Power Flatness (dB)
±0.3
±1.0 Max.
Tuning Voltage Range (v)
1 to 10
0 to 12
Tuning Voltage
Sensitivity (MHz/V)
30
20 Min.
Harmonics (dBc)
-20
-15 Max.
Spurious (dBc)
<-80
-80 Max.
Phase Noise
@ 100 KHz (dBc/hz)
---
5MHz Min.
Pushing (MHz/V)
3
4.0 Max.
Pulling (MHz); 20 dB RL
10
15.0 Max.
Frequency Drift (MHz/ºC
0.3
0.7 Max.
Power
Vdc
+12
+12
mA
35
40 Max.
550 - 850 MHz
550 - 850 MHz
27
8
01
03
05
6
9
10
0
26
7
19
04
5
8
10
+11
+10
+12
+13
500
600
650
700
750
800
900
3
4
550
850
Tuning Voltage (Volts)
Tuning Voltage (Volts)
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave (Europe) · 2707 Black Lake Place · Philadelphia, Pa. 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com


Similar Part No. - TOM9311

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TOM9311 APITECH-TOM9311 Datasheet
50Kb / 1P
   Voltage Controlled Oscillator
More results

Similar Description - TOM9311

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
DCSO1000-12 SYNERGY-DCSO1000-12 Datasheet
358Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
DCSR1280-8 SYNERGY-DCSR1280-8 Datasheet
488Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
MFC1921-5 SYNERGY-MFC1921-5 Datasheet
279Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
MFC8192-5 SYNERGY-MFC8192-5 Datasheet
494Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
DCMO80210-5 SYNERGY-DCMO80210-5 Datasheet
287Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
logo
Exar Corporation
XR-2209 EXAR-XR-2209 Datasheet
187Kb / 20P
   Voltage-Controlled Oscillator
logo
Z-Communications, Inc
CLV1137 ZCOMM-CLV1137 Datasheet
44Kb / 2P
   VOLTAGE CONTROLLED OSCILLATOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com