Electronic Components Datasheet Search |
|
512-532-24 Datasheet(PDF) 2 Page - Marl International Limited |
|
512-532-24 Datasheet(HTML) 2 Page - Marl International Limited |
2 / 3 page 512 Series MATERIALS PUSH-ON CONNECTORS Body Brass to BS 2874 CZ121 Nickel plated to BS 1224 Nut Brass to BS 2874 CZ121 nickel plated to BS 1224 Panel Seal Viton Termination Brass to BS 2874 CZ108 Copper flash undercoat with silver flash finish Lock Washer Zinc plated steel Fresnel lens Polycarbonate Encapsulation PC5430 resin TECHNICAL CHARACTERISTICS OPTIONAL FLYING LEAD TERMINATIONS ORDER SUPPLY WIRE WIRE NO/DIAMETER DIAMETER COMMENTS CODE VOLTAGE COLOUR LENGTH OF OVER SUFFIX CONDUCTORS INSULATION 15 DC Products Red-anode / Black-cathode 150mm 15 AC Products Brown-live / Blue-neutral 150mm Customised 19/0.15mm 1.2mm lengths 19 DC Products Red-anode / Black-cathode 1000mm available 19 AC Products Brown-live / Blue-neutral 1000mm 925-000-00 is brass tin plated. For use with 512 series lamps. Dimensions in mm (Typical) Not to scale Page 2 of 3 BS EN ISO 9001:2000 Approved Manufacturer website: www.marl.co.uk • email: sales@marl.co.uk • • Telephone +44 (0)1229 582430 • Fax: +44 (0)1229 585155 The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation relating to either products or service. Marl International reserve the right to alter without notice the specification or any conditions of supply for products or service. Dimensions in mm (Typical) Not to scale © MARL INTERNATIONAL LTD 2008 : DS 017/07 Issue 3 SERIES MAXIMUM MAXIMUM PANEL NUT MINIMUM MIN/MAX. POWER REVERSE CUTOUT MOUNTING MOUNTING PANEL DISSIPATION VOLTAGE TORQUE CENTRES THICKNESS 512 1000 1000 12.7 1.0 x,y=19.5 1.5-8.0 mw Vdc mm Nm mm mm * = current version • = voltage version Mounting Hole Anode termination indicated by red sleeve Mounting hole to be clean and burr free SAMPLES AVAILABLE |
Similar Part No. - 512-532-24 |
|
Similar Description - 512-532-24 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |