Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM1Z51 Datasheet(PDF) 3 Page - SEMTECH ELECTRONICS LTD.

Part # MM1Z51
Description  SILICON PLANAR ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

MM1Z51 Datasheet(HTML) 3 Page - SEMTECH ELECTRONICS LTD.

  MM1Z51 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. MM1Z51 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. MM1Z51 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. MM1Z51 Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Dated : 09/11/2007
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
MM1Z2V0~MM1Z75
Iz
0
0
10
20
Vz
30
40 V
8
mA
Test current Iz
5mA
10
20
30
0
Breakdown characteristics
Tj = constant (pulsed)
01
2
3
Test current Iz
5mA
10
20
45
7
6
Vz
Tj=25 C
o
10
9
V
Iz
30
40
Breakdown characteristics
Tj = constant (pulsed)
Tj=25 C
50
mA
o
2V7
3V3
3V9
4V7
5V6
6V8
8V2
10
12
15
18
22
27
33


Similar Part No. - MM1Z51

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
MM1Z51 EIC-MM1Z51 Datasheet
108Kb / 2P
   ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
MM1Z51 HTSEMI-MM1Z51 Datasheet
236Kb / 4P
   SILICON PLANAR ZENER DIODES
logo
Microdiode Electronics ...
MM1Z51 CHENDA-MM1Z51 Datasheet
890Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Nanjing International G...
MM1Z51 DGNJDZ-MM1Z51 Datasheet
1Mb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
MM1Z51 YFWDIODE-MM1Z51 Datasheet
476Kb / 3P
   Silicon Planar Zener Diodes
More results

Similar Description - MM1Z51

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com