Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

528-930-21-19 Datasheet(PDF) 3 Page - Marl International Limited

Part # 528-930-21-19
Description  PROFESSIONAL LED INDICATORS 횠13mm Mounting
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

528-930-21-19 Datasheet(HTML) 3 Page - Marl International Limited

  528-930-21-19 Datasheet HTML 1Page - Marl International Limited 528-930-21-19 Datasheet HTML 2Page - Marl International Limited 528-930-21-19 Datasheet HTML 3Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page 3 of 3
BS EN ISO 9001:2000
Approved Manufacturer
website: www.marl.co.uk • email: sales@marl.co.uk •
Telephone +44 (0)1229 582430 Fax: +44 (0)1229 585155
The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation
relating to either products or service. Marl International reserve the right to alter without notice the specification or any conditions of supply
for products or service.
© MARL INTERNATIONAL LTD 2008 : DS 037/06 Issue 4
DERATING INFORMATION
ALSO AVAILABLE
501 & 521
532, 930 & 997
PART NO.
COLOUR
VOLTAGE DC
(Vdc) Vopr
528-000-00-50
125 VDC
528-501-04
Red
20mA
528-501-21-15 Red
12 VDC
528-501-21-19 Red
12 VDC
528-501-22
Red
24 VDC
528-501-22-15 Red
24 VDC
528-501-22-19 Red
24 VDC
528-501-22-50 Red
24 VDC
528-501-23-15 Red
28 VDC
528-501-24-19 Red
48 VDC
528-501-25
Red
110 VDC
528-501-72
Red
24 VAC
528-501-75
Red
110 VAC
528-501-76
Red
230 VAC
528-501-76-15 Red
230 VAC
528-501-76-50 Red
230 VAC
528-501-86
Red
115 VAC
528-506-23
Orange
28 VDC
528-512-21-15 Green
12 VDC
528-512-22-15 Green
24 VDC
528-512-76
Green
230 VAC
528-521-04
Yellow
20mA
528-521-21-19 Yellow
12 VDC
528-521-22
Yellow
24 VDC
528-521-22-15 Yellow
24 VDC
528-521-22-19 Yellow
24 VDC
528-521-22-50 Yellow
24 VDC
UNITS
PART NO.
COLOUR
VOLTAGE DC
(Vdc) Vopr
528-521-23-15 Yellow
28 VDC
528-521-23-50 Yellow
28 VDC
528-521-53
Yellow
50 VDC
528-521-72
Yellow
24 VAC
528-521-75
Yellow
110 VAC
528-521-76
Yellow
230 VAC
528-521-76-50 Yellow
230 VAC
528-521-86
Yellow
115 VAC
528-532-04
Green
20mA
528-532-20
Green
5/6 VDC
528-532-21-19 Green
12 VDC
528-532-22
Green
24 VDC
528-532-22-19 Green
24 VDC
528-532-22-50 Green
24 VDC
528-532-24
Green
48 VDC
528-532-25
Green
110 VDC
528-532-42
Green
15 VDC
528-532-72
Green
24 VAC
528-532-74
Green
48 VAC
528-532-75
Green
110 VAC
528-532-76
Green
230 VAC
528-532-76-19 Green
230 VAC
528-532-76-21 Green
230 VAC
528-532-76-50 Green
230 VAC
528-532-86
Green
115 VAC
528-930-04
Blue
20mA
528-930-04-15 Blue
20mA
UNITS
PART NO.
COLOUR
VOLTAGE DC
(Vdc) Vopr
528-930-04-50 Blue
20mA
528-930-04-51 Blue
20mA
528-930-21-19 Blue
12 VDC
528-930-22
Blue
24 VDC
528-930-25
Blue
110 VDC
528-930-75
Blue
110 VAC
528-930-76
Blue
230 VAC
528-997-04
White
20mA
528-997-21-19 White
12 VDC
528-997-22
White
24 VDC
528-997-22-19 White
24 VDC
528-997-22-50 White
24 VDC
528-997-24
White
48 VDC
528-997-72
White
24 VAC
528-997-75
White
110 VAC
528-997-76
White
230 VAC
528-997-76-19 White
230 VAC
528-997-76-50 White
230 VAC
528-997-86
White
115 VAC
UNITS
SAMPLES AVAILABLE
Part numbers also available in the 528 Series:
The products listed above illustrate all of the options available to order. These products may have custom modifications that alter
their operation beyond the generic information contained within this datasheet. Please contact sales for further information.


Similar Part No. - 528-930-21-19

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
528-930-21 MARL-528-930-21 Datasheet
432Kb / 5P
   횠13.0mm mounting Robust stainless steel housing, sealed to IP67
528-930-21 MARL-528-930-21 Datasheet
432Kb / 5P
   industrial panel lamps
528-930-21 MARL-528-930-21 Datasheet
255Kb / 2P
   PANEL INDICATOR LED
More results

Similar Description - 528-930-21-19

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
507-501-21 MARL-507-501-21 Datasheet
266Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
508-501-21 MARL-508-501-21 Datasheet
275Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
692-501-21 MARL-692-501-21 Datasheet
309Kb / 3P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
611-301-21 MARL-611-301-21 Datasheet
336Kb / 3P
   PROFESSIONAL LED INDICATORS 횠6.35mm Mounting
672-290-22 MARL-672-290-22 Datasheet
247Kb / 2P
   PROFESSIONAL LED INDICATORS 횠25.4mm Mounting
524-501-21 MARL-524-501-21 Datasheet
277Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
696-301-21 MARL-696-301-21 Datasheet
299Kb / 3P
   PROFESSIONAL LED INDICATORS 횠6.1mm Mounting
603-301-04 MARL-603-301-04 Datasheet
274Kb / 3P
   PROFESSIONAL LED INDICATORS 횠5.0mm Mounting
684-312-04 MARL-684-312-04 Datasheet
272Kb / 3P
   PROFESSIONAL LED INDICATORS 횠6.35mm Mounting
538-501-63 MARL-538-501-63 Datasheet
244Kb / 2P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com