Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5817 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # SM5817
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

SM5817 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  SM5817 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dated : 23/12/2008
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
SM5817 THRU SM5819
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Reverse Voltage - 20 to 40 V
Forward Current - 1 A
Features
Fast switching
Glass passivated device
Ideal for surface mounted applications
Low leakage current
Metallurgically bonded construction
Mechanical data
Case: MELF (DO-213AB) molded plastic
Mounting position: Any
Absolute Maximum Ratings and Characteristics
Ratings at 25
OC ambient temperature unless otherwise specified. Single phase, half wave,60Hz, resistive or inductive load. For capacitive
load, derate current by 20%.
Parameter
Symbols
SM5817
SM5818
SM5819
Units
Maximum Repetitive Peak Reverse Voltage
VRRM
20
30
40
V
Maximum RMS Voltage
VRMS
14
21
28
V
Maximum DC Blocking Voltage
VDC
20
30
40
V
Maximum Average Forward Rectified Current at TA = 90
OC
IF(AV)
1
A
Peak Forward Surge Current 8.3 ms Single Half Sine-Wave Superimposed
on Rated Load (JEDEC method)
IFSM
25
A
Maximum Instantaneous Forward Voltage at 1 A DC
VF
0.45
0.55
0.6
V
Maximum Instantaneous Forward Voltage at 3.1 A DC
VF
0.75
0.875
0.9
V
Maximum Average Reverse Current at Rated DC Blocking
Voltage
at TA = 25
OC
at TA = 100
OC
IR
1
10
mA
Typical Thermal Resistance
1)
RθJA
80
OC/W
Typical Junction Capacitance
2)
CJ
110
pF
Operating and Storage Temperature Range
Tj,Tstg
- 65 to + 125
OC
1) Thermal Resistance (Junction to Ambient): Vertical PC Board Mounting, 0.5" (12.7 mm) Lead Length.
2) Measured at 1 MHz and applied reverse voltage of 4 volts.
Plastic case MELF (DO-213AB)
Dimensions in millimeters
Plastic case MELF (DO-213AB)
Dimensions in millimeters


Similar Part No. - SM5817

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SM5817 RECTRON-SM5817 Datasheet
191Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere)
logo
Goodwork Semiconductor ...
SM5817 GWSEMI-SM5817 Datasheet
56Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
UNIOHM CORPORATION
SM5817 UNIOHM-SM5817 Datasheet
62Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shanghai Shunye Electro...
SM5817 SHUNYE-SM5817 Datasheet
94Kb / 2P
   Silicon epitaxial planer type
logo
Bytes
SM5817 BYTES-SM5817 Datasheet
147Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SM5817

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SKO2 EIC-SKO2 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SD320YS PANJIT-SD320YS_09 Datasheet
89Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SD820T PANJIT-SD820T_09 Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B120L WEITRON-B120L Datasheet
100Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P2L VISHAY-MSS1P2L_11 Datasheet
91Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS1P3 VISHAY-MSS1P3_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS2P2 VISHAY-MSS2P2_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
logo
Weitron Technology
B520B WEITRON-B520B_09 Datasheet
603Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 04-Aug-08
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com