Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A5191HRTLG-XTD Datasheet(PDF) 5 Page - ON Semiconductor

Part # A5191HRTLG-XTD
Description  HART Modem
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

A5191HRTLG-XTD Datasheet(HTML) 5 Page - ON Semiconductor

  A5191HRTLG-XTD Datasheet HTML 1Page - ON Semiconductor A5191HRTLG-XTD Datasheet HTML 2Page - ON Semiconductor A5191HRTLG-XTD Datasheet HTML 3Page - ON Semiconductor A5191HRTLG-XTD Datasheet HTML 4Page - ON Semiconductor A5191HRTLG-XTD Datasheet HTML 5Page - ON Semiconductor A5191HRTLG-XTD Datasheet HTML 6Page - ON Semiconductor A5191HRTLG-XTD Datasheet HTML 7Page - ON Semiconductor A5191HRTLG-XTD Datasheet HTML 8Page - ON Semiconductor A5191HRTLG-XTD Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
A5191HRT
The internal HART modem modulates the transmit-signal and demodulates the receive signal. The transmit-signal shaper enables the
A5191HRT to transmit a HART compliant signal. The carrier is detected by comparing the receiver filter output with the difference
between two external voltage references. The analog receive circuitry band-pass filters the received signal for input to the modem and
the carrier detect circuitry. The oscillator provides the modem with a stable time base using either a simple external resonator or an
external clock source.
Figure 4: A5191HRT Block Diagram
4.1 A5191HRT Logic
The modem consists of a modulator and demodulator. The modem uses shift frequencies of nominally 1200Hz (for a 1) and 220Hz (for
a 0). The bit rate is 1200 bits/second.
4.1.1. Modulator
The modulator accepts digital data in NRZ form at the ITXD input and generates the FSK modulated signal at the OTXA output. INRTS
must be a logic low for the modulator to be active.
4.1.2. Demodulator
The demodulator accepts an FSK signal at the IRXA input and reproduces the original modulating signal at the ORXD output. The
nominal bit rate is 1200 bits per second. Figure 5 illustrates the demodulation process.
Figure 5: Demodulator Signal Timing
The output of the demodulator is qualified with the carrier detect signal (OCD), therefore, only IRXA signals large enough to be detected
(100mVp-p typically) by the carrier detect circuit produce received serial data at ORXD.
Maximum demodulator jitter is 12 percent of one bit given input frequencies within HART specifications, a clock frequency of 460.8kHz
(±1.0 percent) and zero input (IRXA) asymmetry.
Rev. 3 | Page 5 of 13 | www.onsemi.com


Similar Part No. - A5191HRTLG-XTD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
A5191HRTLG-XTD ONSEMI-A5191HRTLG-XTD Datasheet
199Kb / 14P
   HART Modem
March, 2013 ??Rev. 6
A5191HRTLG-XTD ONSEMI-A5191HRTLG-XTD Datasheet
160Kb / 14P
   HART Modem
September, 2016 ??Rev. 9
More results

Similar Description - A5191HRTLG-XTD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
A5191HRT ONSEMI-A5191HRT_11 Datasheet
198Kb / 14P
   HART Modem
December, 2011 ??Rev. 5
NCN5193 ONSEMI-NCN5193 Datasheet
200Kb / 14P
   HART Modem
June, 2014 ??Rev. P4
NCN5192 ONSEMI-NCN5192 Datasheet
309Kb / 13P
   HART Modem
October, 2011 ??Rev. 2
logo
Maxim Integrated Produc...
DS8500 MAXIM-DS8500 Datasheet
107Kb / 6P
   HART Modem
Rev 0; 10/08
logo
ON Semiconductor
NCN5192 ONSEMI-NCN5192_14 Datasheet
247Kb / 13P
   HART Modem
February, 2014 ??Rev. 3
NCN5193 ONSEMI-NCN5193_16 Datasheet
198Kb / 14P
   HART Modem
March, 2016 ??Rev. 1
A5191HRTPG ONSEMI-A5191HRTPG Datasheet
199Kb / 14P
   HART Modem
March, 2013 ??Rev. 6
A5191HRT ONSEMI-A5191HRT_16 Datasheet
160Kb / 14P
   HART Modem
September, 2016 ??Rev. 9
NCN5193 ONSEMI-NCN5193_3 Datasheet
199Kb / 14P
   HART Modem
September, 2016 ??Rev. 3
logo
Maxim Integrated Produc...
DS8500 MAXIM-DS8500_09 Datasheet
170Kb / 7P
   HART Modem
Rev 1; 2/09
logo
List of Unclassifed Man...
20C12 ETC1-20C12 Datasheet
468Kb / 11P
   HART MODEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com