Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A5191HRTPG-XTD Datasheet(PDF) 10 Page - ON Semiconductor

Part # A5191HRTPG-XTD
Description  HART Modem
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

A5191HRTPG-XTD Datasheet(HTML) 10 Page - ON Semiconductor

Back Button A5191HRTPG-XTD Datasheet HTML 5Page - ON Semiconductor A5191HRTPG-XTD Datasheet HTML 6Page - ON Semiconductor A5191HRTPG-XTD Datasheet HTML 7Page - ON Semiconductor A5191HRTPG-XTD Datasheet HTML 8Page - ON Semiconductor A5191HRTPG-XTD Datasheet HTML 9Page - ON Semiconductor A5191HRTPG-XTD Datasheet HTML 10Page - ON Semiconductor A5191HRTPG-XTD Datasheet HTML 11Page - ON Semiconductor A5191HRTPG-XTD Datasheet HTML 12Page - ON Semiconductor A5191HRTPG-XTD Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
A5191HRT
Table 6: AC Characteristics
VDD = 3.0V to 5.5V, VSS = 0V, TA = -40°C to +85°C
Pin Name
Description
Min.
Typ.
Max.
Units
IRXA
Receive analog input
Leakage current
Frequency – mark (logic 1)
Frequency – space (logic 0)
1190
2180
1200
2200
±150
1210
2220
nA
Hz
Hz
ORXAF
Output of the high-pass filter
Slew rate
Gain bandwidth (GBW)
Voltage range
150
0.15
0.025
VDD – 0.15
V/μs
kHz
V/μs
IRXAC
Carrier detect and receive filter input
Leakage current
±500
nA
OTXA
Modulator output
Frequency – mark (logic 1)
Frequency – mark (logic 0)
Amplitude (IAREF 1.235V)
Slope
Loading (IAREF = 1.235V)
30
1196.9
2194.3
500
2.79
Hz
Hz
mVDD
mV/μs
kΩ
ORXD
Receive digital output
Rise/fall time
20
ns
OCD
Carrier detect output
Rise/fall time
20
ns
The modular output frequencies are proportional to the input clock frequency (460.8kHz).
Table 7: Modem Characteristics
VDD = 3.0V to 5.5V, VSS = 0V, TA = -40°C to +85°C
Parameter
Min.
Typ.
Max.
Units
Demodulator jitter
Conditions
1. Input frequencies at 1200Hz ±10Hz, 2200Hz ± 20Hz
2. Clock frequency of 460.8kHz ± 0.1%
3. Input (HLXA) asymmetry, 0
12
% of 1 bit
Table 8: Ceramic Resonator - External Clock Specifications
VDD = 3.0V to 5.5V, VSS = 0V, TA = -40°C to +85°C
Parameter
Min.
Typ.
Max.
Units
Resonator
Tolerance
Frequency
460.8
1.0
%
kHz
External
Clock frequency
Duty cycle
Amplitude
456.2
40
460.8
50
VOH - VOL
465.4
60
kHz
%
V
Rev. 3 | Page 10 of 13 | www.onsemi.com


Similar Part No. - A5191HRTPG-XTD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
A5191HRTPG-XTD ONSEMI-A5191HRTPG-XTD Datasheet
199Kb / 14P
   HART Modem
March, 2013 ??Rev. 6
A5191HRTPG-XTD ONSEMI-A5191HRTPG-XTD Datasheet
160Kb / 14P
   HART Modem
September, 2016 ??Rev. 9
More results

Similar Description - A5191HRTPG-XTD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
A5191HRT ONSEMI-A5191HRT_11 Datasheet
198Kb / 14P
   HART Modem
December, 2011 ??Rev. 5
NCN5193 ONSEMI-NCN5193 Datasheet
200Kb / 14P
   HART Modem
June, 2014 ??Rev. P4
NCN5192 ONSEMI-NCN5192 Datasheet
309Kb / 13P
   HART Modem
October, 2011 ??Rev. 2
logo
Maxim Integrated Produc...
DS8500 MAXIM-DS8500 Datasheet
107Kb / 6P
   HART Modem
Rev 0; 10/08
logo
ON Semiconductor
NCN5192 ONSEMI-NCN5192_14 Datasheet
247Kb / 13P
   HART Modem
February, 2014 ??Rev. 3
NCN5193 ONSEMI-NCN5193_16 Datasheet
198Kb / 14P
   HART Modem
March, 2016 ??Rev. 1
A5191HRTPG ONSEMI-A5191HRTPG Datasheet
199Kb / 14P
   HART Modem
March, 2013 ??Rev. 6
A5191HRT ONSEMI-A5191HRT_16 Datasheet
160Kb / 14P
   HART Modem
September, 2016 ??Rev. 9
NCN5193 ONSEMI-NCN5193_3 Datasheet
199Kb / 14P
   HART Modem
September, 2016 ??Rev. 3
logo
Maxim Integrated Produc...
DS8500 MAXIM-DS8500_09 Datasheet
170Kb / 7P
   HART Modem
Rev 1; 2/09
logo
List of Unclassifed Man...
20C12 ETC1-20C12 Datasheet
468Kb / 11P
   HART MODEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com