Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3121JCPZ-RL Datasheet(PDF) 4 Page - ON Semiconductor

Part # ADP3121JCPZ-RL
Description  Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3121JCPZ-RL Datasheet(HTML) 4 Page - ON Semiconductor

  ADP3121JCPZ-RL Datasheet HTML 1Page - ON Semiconductor ADP3121JCPZ-RL Datasheet HTML 2Page - ON Semiconductor ADP3121JCPZ-RL Datasheet HTML 3Page - ON Semiconductor ADP3121JCPZ-RL Datasheet HTML 4Page - ON Semiconductor ADP3121JCPZ-RL Datasheet HTML 5Page - ON Semiconductor ADP3121JCPZ-RL Datasheet HTML 6Page - ON Semiconductor ADP3121JCPZ-RL Datasheet HTML 7Page - ON Semiconductor ADP3121JCPZ-RL Datasheet HTML 8Page - ON Semiconductor ADP3121JCPZ-RL Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ADP3121
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (VCC = 12 V, BST = 4 V to 26 V, TA = 0°C to 85°C, unless otherwise noted) (Note 5)
Characteristic
Test Conditions
Symbol
Min
Typ
Max
Unit
SUPPLY
Supply Voltage Range
VCC
4.15
13.2
V
Supply Current
BST = 12 V, IN = 0 V
ISYS
2
5
mA
OD INPUTS
Input Voltage High
2.0
V
Input Voltage Low
0.8
V
Input Current
−1
+1
mA
Hysteresis
90
250
mV
PWM INPUTS
Input Voltage High
2.0
V
Input Voltage Low
0.8
V
Input Current
−1
+1
mA
Hysteresis
90
250
mV
HIGH−SIDE DRIVER
Output Resistance, Sourcing Current
BST − SW = 12 V; TA = 25°C
2.3
W
BST − SW = 12 V; TA = 0°C to 85°C
1.7
2.8
W
Output Resistance, Sinking Current
BST – SW = 12 V; TA = 25°C
2.3
W
BST − SW = 12 V; TA = 0°C to 85°C
1.7
2.8
W
Output Resistance, Unbiased
BST – SW = 0 V
10
kW
Transition Times
BST – SW = 12 V, CLOAD = 3 nF,
see Figure 4
trDRVH
20
32
ns
BST – SW = 12 V, CLOAD = 3 nF,
see Figure 4
tfDRVH
20
30
ns
Propagation Delay Times
BST – SW = 12 V, CLOAD = 3 nF
tpdhDRVH
20
30
50
ns
25°C ≤ TA ≤ 85°C, see Figure 4
BST – SW = 12 V, CLOAD = 3 nF,
see Figure 4
tpdlDRVH
32
47
ns
See Figure 3
tpdlOD
30
45
ns
See Figure 3
tpdhOD
20
40
ns
SW Pull−Down Resistance
SW to PGND
10
kW
LOW−SIDE DRIVER
Output Resistance, Sourcing Current
TA = 25°C
2.4
W
TA = 0°C to 85°C
1.8
2.8
W
Output Resistance, Sinking Current
TA = 25°C
1.6
W
TA = 0°C to 85°C
1.0
1.8
W
Output Resistance, Unbiased
VCC = PGND
10
kW
Transition Times
CLOAD = 3 nF, see Figure 4
trDRVL
20
30
ns
CLOAD = 3 nF, see Figure 4
tfDRVL
10
20
ns
Propagation Delay Times
CLOAD = 3 nF, see Figure 4
tpdhDRVL
15
35
ns
CLOAD = 3 nF, see Figure 4
tpdlDRVL
17
32
ns
See Figure 3
tpdlOD
37
52
ns
See Figure 3
tpdhOD
100
180
ns
5. ALL limits at temperature extremes are guaranteed via correlation using standard statistical quality control (SQC) methods


Similar Part No. - ADP3121JCPZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3120 AD-ADP3120 Datasheet
272Kb / 16P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
REV. 0
ADP3120A AD-ADP3120A Datasheet
292Kb / 16P
   Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
REV. 0
logo
ON Semiconductor
ADP3120A ONSEMI-ADP3120A Datasheet
132Kb / 8P
   Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
August, 2008 ??Rev. 3
logo
Analog Devices
ADP3120AJCPZ-RL AD-ADP3120AJCPZ-RL Datasheet
292Kb / 16P
   Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
REV. 0
logo
ON Semiconductor
ADP3120AJCPZ-RL ONSEMI-ADP3120AJCPZ-RL Datasheet
132Kb / 8P
   Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
August, 2008 ??Rev. 3
More results

Similar Description - ADP3121JCPZ-RL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3418 ONSEMI-NCP3418 Datasheet
90Kb / 10P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
May, 2004 ??Rev. 10
NCP3418 ONSEMI-NCP3418_06 Datasheet
110Kb / 9P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
May, 2006 ??Rev. 12
logo
Analog Devices
ADP3650 AD-ADP3650 Datasheet
279Kb / 12P
   Dual, Bootstrapped, 12 V MOSFET Driver with Output Disable
REV. A
ADP3418 AD-ADP3418 Datasheet
326Kb / 16P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
REV. B
ADP3120A AD-ADP3120A Datasheet
292Kb / 16P
   Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
REV. 0
logo
ON Semiconductor
ADP3110A ONSEMI-ADP3110A Datasheet
132Kb / 8P
   Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
August, 2008 ??Rev. 4
logo
Analog Devices
ADP3110 AD-ADP3110 Datasheet
245Kb / 12P
   Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
REV. 0
logo
ON Semiconductor
ADP3418 ONSEMI-ADP3418 Datasheet
308Kb / 13P
   Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
May 2010 ??Rev. 6
NCP3418BDR2G ONSEMI-NCP3418BDR2G Datasheet
255Kb / 9P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
April, 2007 -- Rev. 13
logo
Analog Devices
ADP3120 AD-ADP3120 Datasheet
272Kb / 16P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com