Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

614-535-22-35 Datasheet(PDF) 2 Page - Marl International Limited

Part # 614-535-22-35
Description  PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

614-535-22-35 Datasheet(HTML) 2 Page - Marl International Limited

  614-535-22-35 Datasheet HTML 1Page - Marl International Limited 614-535-22-35 Datasheet HTML 2Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Body
Black Anodised Aluminium
Nut
Bright Nickel Plated Brass
Panel Seal
Viton
Lens
Polycarbonate
Encapsulation
PC5430 Resin
Lock Washer
Spring Steel
614 Series
MATERIALS
CIRCUIT DIAGRAM
TECHNICAL CHARACTERISTICS
Page 2 of 2
Red wire denotes red anode, green wire denotes green
anode. Centre wire is common cathode black.
BS EN ISO 9001:2000
Approved Manufacturer
website: www.marl.co.uk • email: sales@marl.co.uk •
Telephone +44 (0)1229 582430 Fax: +44 (0)1229 585155
The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation
relating to either products or service. Marl International reserve the right to alter without notice the specification or any conditions of supply
for products or service.
Dimensions in mm (Typical)
Not to scale
© MARL INTERNATIONAL LTD 2008 : DS 072/07 Issue 2
MOUNTING HOLE
SERIES
MAXIMUM
PANEL
NUT
MINIMUM
MIN/MAX.
POWER
CUTOUT
MOUNTING MOUNTING
PANEL
DISSIPATION
TORQUE
CENTRES
THICKNESS
614
700
8.1
0.6
x,y = 14.5
1.5-13.0
UNITS
mW
Vdc
Nm
mm
mm
CONNECTION OPTIONS
• Red LED option - Red wire termination anode
• Green LED option - Green wire termination anode
• Amber LED option - Red and Green wire termination anode
• Black wire termination cathode
SAMPLES AVAILABLE


Similar Part No. - 614-535-22-35

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
614-535-20-35 MARL-614-535-20-35 Datasheet
214Kb / 2P
   PANEL INDICATOR LED
614-535-21-35 MARL-614-535-21-35 Datasheet
214Kb / 2P
   PANEL INDICATOR LED
614-535-23-35 MARL-614-535-23-35 Datasheet
214Kb / 2P
   PANEL INDICATOR LED
More results

Similar Description - 614-535-22-35

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
614-530-04 MARL-614-530-04 Datasheet
155Kb / 2P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
507-501-21 MARL-507-501-21 Datasheet
266Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
508-501-21 MARL-508-501-21 Datasheet
275Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
524-501-21 MARL-524-501-21 Datasheet
277Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
698-501-63 MARL-698-501-63 Datasheet
246Kb / 2P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
643-503-04 MARL-643-503-04 Datasheet
345Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
503-501-21 MARL-503-501-21 Datasheet
269Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
534-501-63 MARL-534-501-63 Datasheet
247Kb / 2P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
677-501-21 MARL-677-501-21 Datasheet
292Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
692-501-21 MARL-692-501-21 Datasheet
309Kb / 3P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com