Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

671-292-22 Datasheet(PDF) 2 Page - Marl International Limited

Part # 671-292-22
Description  PROFESSIONAL LED INDICATORS 횠25.4mm Mounting
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

671-292-22 Datasheet(HTML) 2 Page - Marl International Limited

  671-292-22 Datasheet HTML 1Page - Marl International Limited 671-292-22 Datasheet HTML 2Page - Marl International Limited 671-292-22 Datasheet HTML 3Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
671 Series
MATERIALS
Body
Black Anodised Aluminium
Lens
Epoxy
Encapsulation
PC5430 Resin
Terminations
Zinc Plated Steel
Header
Nylon 66
Panel Seal
Neoprene
Lock Washer
Spring Steel
Nut
Aluminium
TECHNICAL CHARACTERISTICS
SERIES
MAXIMUM
PANEL
NUT
MINIMUM
MIN/MAX.
POWER
CUTOUT
MOUNTING MOUNTING PANEL
DISSIPATION
TORQUE
CENTRES
THICKNESS
671
2500
25.4
1.2
x,y = 41.0
2.0-10.0
UNITS
mw
mm
Nm
mm
mm
Page 2 of 3
BS EN ISO 9001:2000
Approved Manufacturer
website: www.marl.co.uk • email: sales@marl.co.uk •
Telephone +44 (0)1229 582430 Fax: +44 (0)1229 585155
The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation
relating to either products or service. Marl International reserve the right to alter without notice the specification or any conditions of supply
for products or service.
Dimensions in mm (Typical)
Not to scale
Mounting hole to clean and burr free
© MARL INTERNATIONAL LTD 2007 : DS 048/06 Issue 3
Mounting Hole
DERATING INFORMATION
289, 290, 291, 293, 294 & 295
292
18.0
49.0
Ø25.4
+0.02
0
+ = Anode


Similar Part No. - 671-292-22

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
671-292-22 MARL-671-292-22 Datasheet
374Kb / 4P
   횠25.4mm mounting Black anodised aluminium housing
671-292-22 MARL-671-292-22 Datasheet
374Kb / 4P
   high performance panel lamps
671-292-22 MARL-671-292-22 Datasheet
374Kb / 4P
   Large LED indication
More results

Similar Description - 671-292-22

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
672-290-22 MARL-672-290-22 Datasheet
247Kb / 2P
   PROFESSIONAL LED INDICATORS 횠25.4mm Mounting
671-289-87-50 MARL-671-289-87-50 Datasheet
174Kb / 2P
   PROFESSIONAL LED INDICATORS 횠25.4mm Mounting
672-290-99 MARL-672-290-99 Datasheet
172Kb / 2P
   PROFESSIONAL LED INDICATORS 횠25.4mm Mounting
507-501-21 MARL-507-501-21 Datasheet
266Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
508-501-21 MARL-508-501-21 Datasheet
275Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
692-501-21 MARL-692-501-21 Datasheet
309Kb / 3P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
611-301-21 MARL-611-301-21 Datasheet
336Kb / 3P
   PROFESSIONAL LED INDICATORS 횠6.35mm Mounting
524-501-21 MARL-524-501-21 Datasheet
277Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
696-301-21 MARL-696-301-21 Datasheet
299Kb / 3P
   PROFESSIONAL LED INDICATORS 횠6.1mm Mounting
603-301-04 MARL-603-301-04 Datasheet
274Kb / 3P
   PROFESSIONAL LED INDICATORS 횠5.0mm Mounting
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com