Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

672-293-75 Datasheet(PDF) 1 Page - Marl International Limited

Part # 672-293-75
Description  PROFESSIONAL LED INDICATORS 횠25.4mm Mounting
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

672-293-75 Datasheet(HTML) 1 Page - Marl International Limited

  672-293-75 Datasheet HTML 1Page - Marl International Limited 672-293-75 Datasheet HTML 2Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
How to Order:
website: www.marl.co.uk • email: sales@marl.co.uk •
Telephone +44 (0)1229 582430 Fax: +44 (0)1229 585155
The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation
relating to either products or service. Marl International reserve the right to alter without notice the specification or any conditions of supply
for products or service.
Black anodised aluminium housing
RIA 12 approved versions available
Sealed to IP67
Internal reverse protection diode fitted as standard in all
voltage models.
Large LED indication
AC Version available upon request
PROFESSIONAL LED INDICATORS Ø25.4mm Mounting
SAMPLES AVAILABLE
© MARL INTERNATIONAL LTD 2007 : DS 049/06 Issue 2
Ordering Information & Typical Technical Characteristics (Ta = 25°C)
Mean Time Between Failure = 100,000 Hours. Luminous intensity figures refer to the unmodified discrete LED.
FEATURES
SPECIFICATION
672 SERIES
PACK QUANTITY = 1 PIECE
Page 1 of 2
PART NUMBER
COLOUR
LENS
VOLTAGE CURRENT LUMINOUS
WAVE
OPERATING STORAGE
DC (Vdc) DC (mA)
INTENSITY
LENGTH
TEMP
TEMP
Vopr
lopr
lv@20mA (mcd) λp (nm)
Topr
Tstg
672-290-22
Red
Colour Diffused 24
19
30
625
-40 ~ +85^ -40 ~ +85
Yes
672-291-22
Yellow
Colour Diffused 24
19
20
590
-40 ~ +85^ -40 ~ +85
Yes
672-292-22
Green
Colour Diffused 24
19
200
565
-40 ~ +85^ -40 ~ +85
Yes
672-290-75
Red
Colour Diffused 110vac/dc 19
30
625
-40 ~ +85^ -40 ~ +85
Yes
672-291-75
Yellow
Colour Diffused 110vac/dc 19
20
590
-40 ~ +85^ -40 ~ +85
Yes
672-292-75
Green
Colour Diffused 110vac/dc 10
200
565
-40 ~ +85^ -40 ~ +85
Yes
672-289-22
Red
Colour Diffused 24
19
400
660
-40 ~ +85^ -40 ~ +85
Yes
672-293-22
Yellow
Colour Diffused 24
19
820
590
-40 ~ +85^ -40 ~ +85
Yes
672-294-22
Blue
Colour Diffused 24
19
19
468
-40 ~ +85^ -40 ~ +85
Yes
672-295-22
Cool White
Colour Diffused 24
19
890
see below -40 ~ +85^ -40 ~ +85
Yes
672-289-75
Red
Colour Diffused 110vac/dc 10
400
660
-40 ~ +85^ -40 ~ +85
Yes
672-293-75
Yellow
Colour Diffused 110vac/dc 10
820
590
-40 ~ +85^ -40 ~ +85
Yes
672-294-75
Blue
Colour Diffused 110vac/dc 10
19
468
-40 ~ +85^ -40 ~ +85
Yes
672-295-75
Cool White
Colour Diffused 110vac/dc 10
890
see below -40 ~ +85^ -40 ~ +85
Yes
UNITS
Vdc
mA
mcd
nm
°C
°C
HIGH INTENSITY
STANDARD INTENSITY
Other voltages AC/DC available. Please contact our Technical Sales.
^ = Products must be derated according to the derating information. Each derating graph refers to specific LEDs. Appropriate LED numbers
shown - Refer to page 2. The -75 products will operate at 110Vac or 110DC.
Intensities (lv) and colour shades of white (x,y co-ordinates) may vary between LEDs within a
batch.
295 *Typical emission colour cool white
x
0.248 0.391 0.380 0.280
y
0.286 0.436 0.381 0.284


Similar Part No. - 672-293-75

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
672-293-21 MARL-672-293-21 Datasheet
401Kb / 4P
   횠25.4mm mounting Black anodised aluminium housing
More results

Similar Description - 672-293-75

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
671-289-87-50 MARL-671-289-87-50 Datasheet
174Kb / 2P
   PROFESSIONAL LED INDICATORS 횠25.4mm Mounting
671-290-22 MARL-671-290-22 Datasheet
283Kb / 3P
   PROFESSIONAL LED INDICATORS 횠25.4mm Mounting
672-290-99 MARL-672-290-99 Datasheet
172Kb / 2P
   PROFESSIONAL LED INDICATORS 횠25.4mm Mounting
507-501-21 MARL-507-501-21 Datasheet
266Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
508-501-21 MARL-508-501-21 Datasheet
275Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
692-501-21 MARL-692-501-21 Datasheet
309Kb / 3P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
611-301-21 MARL-611-301-21 Datasheet
336Kb / 3P
   PROFESSIONAL LED INDICATORS 횠6.35mm Mounting
524-501-21 MARL-524-501-21 Datasheet
277Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
696-301-21 MARL-696-301-21 Datasheet
299Kb / 3P
   PROFESSIONAL LED INDICATORS 횠6.1mm Mounting
603-301-04 MARL-603-301-04 Datasheet
274Kb / 3P
   PROFESSIONAL LED INDICATORS 횠5.0mm Mounting
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com