Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMBT2222ADW1T1G Datasheet(PDF) 4 Page - Leshan Radio Company

Part # LMBT2222ADW1T1G
Description  Dual General Purpose Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBT2222ADW1T1G Datasheet(HTML) 4 Page - Leshan Radio Company

  LMBT2222ADW1T1G Datasheet HTML 1Page - Leshan Radio Company LMBT2222ADW1T1G Datasheet HTML 2Page - Leshan Radio Company LMBT2222ADW1T1G Datasheet HTML 3Page - Leshan Radio Company LMBT2222ADW1T1G Datasheet HTML 4Page - Leshan Radio Company LMBT2222ADW1T1G Datasheet HTML 5Page - Leshan Radio Company LMBT2222ADW1T1G Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1000
10
20
30
50
70
100
200
300
500
700
1.0
k
0.1
0.2 0.3
0.5 0.7 1.0
2.0 3.0
5.0 7.0 10
20
30
50 70 100
200 300
500 700
IC, COLLECTOR CURRENT (mA)
Figure 1. DC Current Gain
1.0
0.8
0.6
0.4
0.2
0
0.005
0.01
0.02 0.03
0.05
0.1
0.2 0.3
0.5
1.0
2.0
3.0
5.0
10
20
30
50
IB, BASE CURRENT (mA)
Figure 2. Collector Saturation Region
Figure 3. Turn–On Time
IC, COLLECTOR CURRENT (mA)
70
100
200
50
10
20
70
5.0
100
5.0 7.0
30
50
200
10
30
7.0
20
IC/IB = 10
TJ = 25°C
tr @ VCC = 30 V
td @ VEB(off) = 2.0 V
td @ VEB(off) = 0
3.0
2.0
300
500
500
5.0
7.0
10
20
30
50
70
100
200
300
Figure 4. Turn–Off Time
IC, COLLECTOR CURRENT (mA)
10
20
70 100
5.0 7.0
30
50
200 300 500
VCC = 30 V
IC/IB = 10
IB1 = IB2
TJ = 25°C
t′s = ts - 1/8 tf
tf
4/6
LMBT2222ADW1T1G
LESHAN RADIO COMPANY, LTD.


Similar Part No. - LMBT2222ADW1T1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBT2222ADW1T1G LRC-LMBT2222ADW1T1G Datasheet
447Kb / 8P
   Dual General Purpose Transistors NPN Silicon ROHS requirements.
LMBT2222ADW1T1G LRC-LMBT2222ADW1T1G_12 Datasheet
447Kb / 8P
   Dual General Purpose Transistors NPN Silicon ROHS requirements.
LMBT2222ADW1T1G LRC-LMBT2222ADW1T1G_15 Datasheet
255Kb / 7P
   Dual General Purpose Transistors
More results

Similar Description - LMBT2222ADW1T1G

ManufacturerPart #DatasheetDescription
logo
Rohm
EMX26 ROHM-EMX26 Datasheet
82Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
UMF5 HTSEMI-UMF5 Datasheet
616Kb / 2P
   General purpose transistors (dual transistors)
UMG3N HTSEMI-UMG3N Datasheet
1Mb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMX18 ROHM-EMX18_1 Datasheet
82Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMH2 HTSEMI-EMH2 Datasheet
318Kb / 1P
   General purpose transistors (dual transistors)
UMH10N HTSEMI-UMH10N Datasheet
297Kb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMT18 ROHM-EMT18_10 Datasheet
716Kb / 4P
   General purpose transistors(dual transistors)
IMX1T110 ROHM-IMX1T110 Datasheet
93Kb / 4P
   General purpose transistors(dual transistors)
logo
Shenzhen Jin Yu Semicon...
UMB3N HTSEMI-UMB3N Datasheet
508Kb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMT18 ROHM-EMT18 Datasheet
78Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMD12 HTSEMI-EMD12 Datasheet
709Kb / 2P
   General purpose transistors (dual transistors)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com