Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM08010-37HS Datasheet(PDF) 3 Page - Stealth Microwave, Inc.

Part # SM08010-37HS
Description  800-1000 MHz 5 Watt Linear Power Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Direct Link  http://www.stealthmicrowave.com
Logo STEALTH_MICROWAVE - Stealth Microwave, Inc.

SM08010-37HS Datasheet(HTML) 3 Page - Stealth Microwave, Inc.

  SM08010-37HS Datasheet HTML 1Page - Stealth Microwave, Inc. SM08010-37HS Datasheet HTML 2Page - Stealth Microwave, Inc. SM08010-37HS Datasheet HTML 3Page - Stealth Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM08010-37HS
800-1000 MHz
5 Watt Linear Power Amplifier
FOR GSM APPLICATIONS
Pin
Description
Values
RF Input
Input Connector (SMA Female)
0 dBm typ.
RF Output
Output Connector (SMA Female)
+ 37 dBm @ P1dB
GND
Ground Turret
---
+10 VDC
DC Input Voltage
+ 12 Volts @ 1.9 Amperes
On/Off
TTL Logic On/Off
0 Volts = Off, +5 Volts = On
Specifications subject to change without notice.


Similar Part No. - SM08010-37HS

ManufacturerPart #DatasheetDescription
logo
Stealth Microwave, Inc.
SM08010-34HS STEALTH_MICROWAVE-SM08010-34HS Datasheet
90Kb / 3P
   800-1000 MHz 3 Watt Linear Power Amplifier
More results

Similar Description - SM08010-37HS

ManufacturerPart #DatasheetDescription
logo
Stealth Microwave, Inc.
SM08010-34HS STEALTH_MICROWAVE-SM08010-34HS Datasheet
90Kb / 3P
   800-1000 MHz 3 Watt Linear Power Amplifier
SM08010-42 STEALTH_MICROWAVE-SM08010-42 Datasheet
129Kb / 3P
   800-1000 MHz 12 Watt Linear Power Amplifier
SM08010-42L STEALTH_MICROWAVE-SM08010-42L Datasheet
216Kb / 3P
   800-1000 MHz 12 Watt Linear Power Amplifier
SM08096-37 STEALTH_MICROWAVE-SM08096-37 Datasheet
93Kb / 2P
   800-960 MHz 5 Watt Linear Power Amplifier
SM1025-37MQ2 STEALTH_MICROWAVE-SM1025-37MQ2 Datasheet
96Kb / 4P
   1000-2500 MHz 5 Watt Linear Power Amplifier
SM08010-51LD STEALTH_MICROWAVE-SM08010-51LD Datasheet
150Kb / 3P
   800 - 1000 MHz 120 Watt Power Amplifier
SM0825-40Q STEALTH_MICROWAVE-SM0825-40Q Datasheet
142Kb / 3P
   800-2500 MHz 10 Watt Linear Power Amplifier
SM0825-33 STEALTH_MICROWAVE-SM0825-33 Datasheet
424Kb / 4P
   800-2500 MHz 2 Watt Linear Power Amplifier
SM0825-40 STEALTH_MICROWAVE-SM0825-40 Datasheet
129Kb / 3P
   800-2500 MHz 10 Watt Linear Power Amplifier
SM04080-36HS STEALTH_MICROWAVE-SM04080-36HS Datasheet
94Kb / 3P
   400-800 MHz 4 Watt Linear Power Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com