Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMBT2369ALT1G Datasheet(PDF) 5 Page - Leshan Radio Company

Part # LMBT2369ALT1G
Description  Switching Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBT2369ALT1G Datasheet(HTML) 5 Page - Leshan Radio Company

  LMBT2369ALT1G Datasheet HTML 1Page - Leshan Radio Company LMBT2369ALT1G Datasheet HTML 2Page - Leshan Radio Company LMBT2369ALT1G Datasheet HTML 3Page - Leshan Radio Company LMBT2369ALT1G Datasheet HTML 4Page - Leshan Radio Company LMBT2369ALT1G Datasheet HTML 5Page - Leshan Radio Company LMBT2369ALT1G Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
LESHAN RADIO COMPANY, LTD.
5/6
LMBT2369LT1G
LMBT2369ALT1G
β
F = 10
T J = 25°C
I C , COLLECTOR CURRENT (mA)
Figure 13. Minimum Current Gain Characteristics
V CE = 1 V
I C , COLLECTOR CURRENT (mA)
Figure 14. Saturation Voltage Limits
I C , COLLECTOR CURRENT (mA)
Figure 15. Typical Temperature Coefficients
T J = 125°C
75°C
25°C
–15°C
–55°C
TJ= 25°C and 75°C
MAX V BE(sat)
MIN V BE(sat)
MAX V CE(sat)
(25°C to 125°C)
(–55°C to +25°C)
(–55°C to +25°C)
(25°C to 125°C)
θ
VC for V CE(sat)
θ
VB for V BE(sat)
APPROXIMATE DEVIATION
FROM NOMINAL
–55°C to +25°C
25°C to 125°C
θ
VC
±0.15 mV/°C
±0.15 mV/°C
θ
VB
±0.4 mV/°C
±0.3 mV/°C
1
2
5
10
20
50
100
200
100
50
20
1.4
1.2
1.0
0.8
0.6
0.4
0.2
1
2
5
1020
50100
1.0
0.5
0
–0.5
–0.1
–1.5
–2.0
–2.5
0
10
20
30
40
50
60
70
80
90
100


Similar Part No. - LMBT2369ALT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBT2369ALT1 LRC-LMBT2369ALT1 Datasheet
243Kb / 6P
   Switching Transistors
More results

Similar Description - LMBT2369ALT1G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPS3638 MOTOROLA-MPS3638 Datasheet
321Kb / 8P
   Switching Transistors
2N2369 MOTOROLA-2N2369 Datasheet
291Kb / 6P
   Switching Transistors
logo
New Jersey Semi-Conduct...
2N3996 NJSEMI-2N3996 Datasheet
87Kb / 1P
   SWITCHING TRANSISTORS
logo
WILLAS ELECTRONIC CORP
MMBT2369(A)LT1 WILLAS-MMBT2369(A)LT1 Datasheet
386Kb / 6P
   Switching Transistors
logo
Motorola, Inc
MPS2369 MOTOROLA-MPS2369 Datasheet
97Kb / 4P
   Switching Transistors
logo
ON Semiconductor
MMBT2369LT1G ONSEMI-MMBT2369LT1G_09 Datasheet
195Kb / 6P
   Switching Transistors
September, 2009 ??Rev. 7
logo
Guangdong Kexin Industr...
FMMT3903 KEXIN-FMMT3903 Datasheet
37Kb / 2P
   Switching Transistors
logo
Motorola, Inc
MMBT2369LT1 MOTOROLA-MMBT2369LT1 Datasheet
304Kb / 8P
   Switching Transistors
logo
Comset Semiconductor
BSX62 COMSET-BSX62 Datasheet
78Kb / 3P
   SWITCHING TRANSISTORS
logo
Guangdong Kexin Industr...
FMMT4126 KEXIN-FMMT4126 Datasheet
37Kb / 2P
   Switching Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com