Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMBT3904DW1T1G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LMBT3904DW1T1G
Description  Dual General Purpose Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBT3904DW1T1G Datasheet(HTML) 1 Page - Leshan Radio Company

  LMBT3904DW1T1G Datasheet HTML 1Page - Leshan Radio Company LMBT3904DW1T1G Datasheet HTML 2Page - Leshan Radio Company LMBT3904DW1T1G Datasheet HTML 3Page - Leshan Radio Company LMBT3904DW1T1G Datasheet HTML 4Page - Leshan Radio Company LMBT3904DW1T1G Datasheet HTML 5Page - Leshan Radio Company LMBT3904DW1T1G Datasheet HTML 6Page - Leshan Radio Company LMBT3904DW1T1G Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LESHAN RADIO COMPANY, LTD.
1
2
3
4
5
6
SOT-363
LMBT3904DW1T1G
Device
Shipping
ORDERING INFORMATION
LMBT3904DW1T1G
Marking
3000 Units/Reel
The LMBT3904DW1T1 device is a spin–off of our popular
SOT–23/SOT–323 three–leaded device. It is designed for general
purpose amplifier applications and is housed in the SOT–363
six–leaded surface mount package. By putting two discrete devices in
one package, this device is ideal for low–power surface mount
applications where board space is at a premium.
hFE, 100–300
Low VCE(sat), ≤ 0.4 V
Simplifies Circuit Design
Reduces Board Space
Reduces Component Count
Available in 8 mm, 7–inch/3,000 Unit Tape and Reel
Device Marking: LMBT3904DW1T1G = MA
Symbol
Value
Unit
Collector–Emitter Voltage
VCEO
40
Vdc
Collector–Base Voltage
VCBO
60
Vdc
Emitter–Base Voltage
VEBO
6.0
Vdc
Collector Current – Continuous
IC
200
mAdc
Electrostatic Discharge
ESD
HBM>16000,
MM>2000
V
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Package Dissipation(1)
TA = 25°C
PD
150
mW
Thermal Resistance Junction to
Ambient
RqJA
833
°C/W
Junction and Storage
Temperature Range
TJ, Tstg
–55 to +150
°C
1. Device mounted on FR4 glass epoxy printed circuit board using the minimum
1. recommended footprint.
Rating
MAXIMUM RATINGS
Dual General Purpose
Transistor
Q1
Q2
(1)
(2)
(3)
(4)
(5)
(6)
Featrues
MA
1/10
LMBT3904DW1T3G
10000 Units/Reel
MA
compliance with RoHS requirements.
We declare that the material of product


Similar Part No. - LMBT3904DW1T1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBT3904DW1T1G LRC-LMBT3904DW1T1G_15 Datasheet
246Kb / 7P
   Dual General Purpose Transistor
More results

Similar Description - LMBT3904DW1T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC858CDXV6 ONSEMI-BC858CDXV6 Datasheet
65Kb / 6P
   Dual General Purpose Transistor
March, 2003 - Rev. 2
MBT3946DW1T1G ONSEMI-MBT3946DW1T1G Datasheet
246Kb / 10P
   Dual General Purpose Transistor
October, 2009 ??Rev. 5
logo
Unisonic Technologies
IMX2 UTC-IMX2_11 Datasheet
100Kb / 2P
   GENERAL PURPOSE DUAL TRANSISTOR
logo
WILLAS ELECTRONIC CORP
MMBT2907ADW1T1 WILLAS-MMBT2907ADW1T1 Datasheet
437Kb / 5P
   Dual General Purpose Transistor
logo
ON Semiconductor
NST3904DP6T5G ONSEMI-NST3904DP6T5G Datasheet
101Kb / 4P
   Dual General Purpose Transistor
April, 2008 ??Rev. 0
NST3946DW1T1 ONSEMI-NST3946DW1T1 Datasheet
168Kb / 12P
   Dual General Purpose Transistor
January, 2004 ??Rev. 2
EMT1DXV6 ONSEMI-EMT1DXV6_14 Datasheet
60Kb / 4P
   Dual General Purpose Transistor
November, 2014 ??Rev. 2
logo
Unisonic Technologies
IMT17 UTC-IMT17_15 Datasheet
194Kb / 4P
   GENERAL PURPOSE DUAL TRANSISTOR
logo
ON Semiconductor
MBT3906DW1T1 ONSEMI-MBT3906DW1T1 Datasheet
111Kb / 6P
   Dual General Purpose Transistor
January, 2005 ??Rev. 1
logo
Leshan Radio Company
LMBT3904DW1T1G LRC-LMBT3904DW1T1G_15 Datasheet
246Kb / 7P
   Dual General Purpose Transistor
logo
Unisonic Technologies
UMZ1N UTC-UMZ1N_15 Datasheet
95Kb / 3P
   GENERAL PURPOSE DUAL TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com