Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST2SC2787 Datasheet(PDF) 4 Page - SEMTECH ELECTRONICS LTD.

Part # ST2SC2787
Description  NPN Silicon Epitaxial Planar Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

ST2SC2787 Datasheet(HTML) 4 Page - SEMTECH ELECTRONICS LTD.

  ST2SC2787 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. ST2SC2787 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. ST2SC2787 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. ST2SC2787 Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD. ST2SC2787 Datasheet HTML 5Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Dated : 23/05/2002
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
ST 2SC2787
10.7MHz
Forward transfer amittance
vs. collector current
0.2
1
10
100
500
-gre
Reverse transfer admittance
vs. collector current
gfe 100MHz
-bfe 10.7MHz
I C, mA
110 20
-bfe 100MHz
1
0.1
0.4
0.8
0.6
gfe
VCE=6V
output short
0.2 -gre
0
100 MHz
I C, mA
110
-bre 100 MHz
VCE=6V
input short
10.7MHz
10.7MHz
-bre
-3
Collector base time constant
vs. emitter current
I E, mA
-0.1
1
10
-0.3
-1
100
1000
-10 -20
VCB= 6V
f=31.9MHz
Input admittance vs. collector current
gie
0.1
0.1
1
100
10
10.7MHz
I C, mA
120
10
gie
bie
bie
100 MHz
VCE=6V
output short
Ctr(Ic=0)
Input & output capacitance
vs. reverse voltage
VBE(sat)
Base collector saturation volage
vs. collector current
0.1
0.01
0.1
1
I C, mA
1
VCE(sat)
20
10
0.5
0.2
0.1
IC/IB=10
2
1
3
10
VCB, V
VEB, V
10
1
100
f=1MHz
Cob(IE=0)


Similar Part No. - ST2SC2787

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
ST2SC2784 SEMTECH_ELEC-ST2SC2784 Datasheet
129Kb / 2P
   NPN Silicon Epitaxial Planar Transistor
ST2SC2785 SEMTECH_ELEC-ST2SC2785 Datasheet
146Kb / 2P
   NPN Silicon Epitaxial Planar Transistor
ST2SC2786 SEMTECH_ELEC-ST2SC2786 Datasheet
322Kb / 5P
   NPN Silicon Epitaxial Planar Transistor
More results

Similar Description - ST2SC2787

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BFY84 SEME-LAB-BFY84 Datasheet
19Kb / 2P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
AUK corp
SUR541EF AUK-SUR541EF Datasheet
176Kb / 4P
   NPN Epitaxial Planar Silicon Transistor
logo
SeCoS Halbleitertechnol...
2SC4226 SECOS-2SC4226_11 Datasheet
258Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR526H KODENSHI-SUR526H Datasheet
275Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR539J KODENSHI-SUR539J Datasheet
279Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR543EF KODENSHI-SUR543EF Datasheet
276Kb / 5P
   Epitaxial planar NPN silicon transistor
logo
Sanken electric
2SC2921 SANKEN-2SC2921_07 Datasheet
33Kb / 1P
   Silicon NPN Epitaxial Planar Transistor
logo
Seme LAB
2N4239 SEME-LAB-2N4239 Datasheet
122Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
2N3114CSM SEME-LAB-2N3114CSM_09 Datasheet
163Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
Micro Electronics
BC485 MICRO-ELECTRONICS-BC485 Datasheet
57Kb / 1P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
2N4123 MICRO-ELECTRONICS-2N4123 Datasheet
85Kb / 2P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com