Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT32TDI-T3 Datasheet(PDF) 9 Page - ON Semiconductor

Part # CAT32TDI-T3
Description  CMOS White LED Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT32TDI-T3 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button CAT32TDI-T3 Datasheet HTML 5Page - ON Semiconductor CAT32TDI-T3 Datasheet HTML 6Page - ON Semiconductor CAT32TDI-T3 Datasheet HTML 7Page - ON Semiconductor CAT32TDI-T3 Datasheet HTML 8Page - ON Semiconductor CAT32TDI-T3 Datasheet HTML 9Page - ON Semiconductor CAT32TDI-T3 Datasheet HTML 10Page - ON Semiconductor CAT32TDI-T3 Datasheet HTML 11Page - ON Semiconductor CAT32TDI-T3 Datasheet HTML 12Page - ON Semiconductor CAT32TDI-T3 Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
CAT37
© 2009 SCILLC. All rights reserved.
9
Doc. No. MD-5005 Rev. V
Characteristics subject to change without notice
TYPICAL APPLICATION CIRCUITS
Two LEDs with DC Level Dimming Control
15mA
R1
6.34Ω
10kΩ
180kΩ
L1
6.8µH
VDC
Dimming
2
3
1
5
4
SW
VIN
SHDN
D1
C2
1µF
C1
1µF
VIN
3V to 4.2V
CAT37
FB
GND
Efficiency – Two LEDs
Three LEDs with DC Level Dimming Control
15mA
R1
6.34Ω
10kΩ
180kΩ
L1
6.8µH
VDC
Dimming
2
3
1
5
4
SW
VIN
SHDN
D1
C2
1µF
C1
1µF
VIN
3V to 4.2V
CAT37
FB
GND
Efficiency –- Three LEDs
Four LEDs with PWM Dimming Control
15mA
R1
6.34Ω
10kΩ
180kΩ
0.1µF
10kΩ
L1
6.8µH
PWM
2
3
1
5
4
SW
VIN
SHDN
D1
C2
1µF
C1
1µF
VIN
3V to 4.2V
CAT37
FB
GND
Efficiency – Four LEDs
60
65
70
75
80
85
90
0
5
10
15
20
25
30
LED CURRENT [mA]
VIN=3.0V
VIN=3.6V
VIN = 3.6V
VIN = 3.0V
60
65
70
75
80
85
90
0
5
10
15
20
25
30
LED CURRENT [mA]
VIN=3.0V
VIN=3.6V
VIN = 3.6V
VIN = 3.0V
60
65
70
75
80
85
90
0
5
10
15
20
25
30
LED CURRENT [mA]
VIN = 3.0V
VIN = 3.6V
VIN = 3.0V
VIN = 3.6V


Similar Part No. - CAT32TDI-T3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT32TDI-T3 CATALYST-CAT32TDI-T3 Datasheet
296Kb / 14P
   CMOS White LED Driver
logo
ON Semiconductor
CAT32TDI-T3 ONSEMI-CAT32TDI-T3 Datasheet
194Kb / 11P
   CMOS White LED Driver
March, 2010 ??Rev. 4
More results

Similar Description - CAT32TDI-T3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT32 CATALYST-CAT32 Datasheet
193Kb / 14P
   CMOS White LED Driver
logo
ON Semiconductor
CAT32EKT ONSEMI-CAT32EKT Datasheet
172Kb / 11P
   CMOS White LED Driver
March, 2010 ??Rev. 4
CAT32 ONSEMI-CAT32_14 Datasheet
134Kb / 11P
   CMOS White LED Driver
April, 2014 ??Rev. 5
logo
Catalyst Semiconductor
CAT32 CATALYST-CAT32_08 Datasheet
296Kb / 14P
   CMOS White LED Driver
logo
Copal Electronics
W-52 COPAL-W-52 Datasheet
194Kb / 11P
   CMOS White LED Driver
logo
ON Semiconductor
CAT32 ONSEMI-CAT32 Datasheet
194Kb / 11P
   CMOS White LED Driver
March, 2010 ??Rev. 4
logo
ELM Technology Corporat...
ELM900 ELM-TECH-ELM900 Datasheet
632Kb / 2P
   CMOS White LED flashlight driver
logo
ELM Electronics
ELM900 ELM-ELM900 Datasheet
632Kb / 2P
   CMOS White LED flashlight driver
logo
ELM Technology Corporat...
ELM900B-S ELM-TECH-ELM900B-S Datasheet
54Kb / 2P
   CMOS White LED flashlight driver
logo
ELM Electronics
ELM900-SERIES ELM-ELM900-SERIES Datasheet
632Kb / 2P
   CMOS White LED flashlight driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com