Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT32ZD4-GT3 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CAT32ZD4-GT3
Description  CMOS White LED Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT32ZD4-GT3 Datasheet(HTML) 3 Page - ON Semiconductor

  CAT32ZD4-GT3 Datasheet HTML 1Page - ON Semiconductor CAT32ZD4-GT3 Datasheet HTML 2Page - ON Semiconductor CAT32ZD4-GT3 Datasheet HTML 3Page - ON Semiconductor CAT32ZD4-GT3 Datasheet HTML 4Page - ON Semiconductor CAT32ZD4-GT3 Datasheet HTML 5Page - ON Semiconductor CAT32ZD4-GT3 Datasheet HTML 6Page - ON Semiconductor CAT32ZD4-GT3 Datasheet HTML 7Page - ON Semiconductor CAT32ZD4-GT3 Datasheet HTML 8Page - ON Semiconductor CAT32ZD4-GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
CAT37
© 2009 SCILLC. All rights reserved.
3
Doc. No. MD-5005 Rev. V
Characteristics subject to change without notice
ABSOLUTE MAXIMUM RATINGS
(1)
Parameter
Rating
Unit
VIN, FB, SHDN
¯¯¯¯¯ voltage
8
V
SW voltage
20
V
Storage Temperature Range
-65 to +160
ºC
Junction Temperature
125
ºC
Lead Soldering Temperature (10 secs)
300
ºC
ESD Rating – Human Body Model
2000
V
RECOMMENDED OPERATING CONDITIONS
Parameter
Range
Unit
VIN
2.5 to 7
V
Ambient Temperature Range
-40 to +85
°C
Inductor L1
6.8 ± 20% typical
µH
Input Capacitor C1
1.0 ± 20% typical
µF
Output Capacitor C2
1.0 ± 20% typical
µF
ILED with 1 to 4 LEDs in series
0 to 20
mA
Typical application circuit with external components is shown on page 1.
ELECTRICAL OPERATING CHARACTERISTICS
Over recommended operating conditions unless otherwise specified. TA = 25ºC, VIN = 3V and V SHDN
¯¯¯¯¯ = 3V.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Input Voltage Range
2.5
7
V
IQ
Quiescent Current
VFB = 0.2 V
0.5
0.7
mA
ISD
Shutdown Current
VSHDN = 0 V
0.05
1
µA
VFB
FB Pin Voltage
4 LEDs at 15 mA
85
95
105
mV
IFB
FB Pin Leakage Current
1
2
µA
Shutdown High Threshold
0.85
V
Shutdown Low Threshold
0.25
V
ISHDN
Shutdown Pin Current
1
nA
fSW
Boost Converter Frequency
0.8
1.2
1.6
MHz
DC
Maximum Switch Duty Cycle
90
95
%
ISWL
Switch Current Limit
400
550
780
mA
Switch Saturation Voltage
ISW = 300 mA
150
200
mV
Switch Leakage Current
Switch Off, VSW = 5 V
0.01
5
µA
Efficiency
Figure 1 with specified components
83
%
Notes:
(1)
These are stress ratings only and functional operation is not implied. Exposure to absolute maximum ratings for prolonged time periods
may affect device reliability. All voltages are with respect to ground.


Similar Part No. - CAT32ZD4-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT32ZD4-GT3 CATALYST-CAT32ZD4-GT3 Datasheet
296Kb / 14P
   CMOS White LED Driver
More results

Similar Description - CAT32ZD4-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT32 CATALYST-CAT32 Datasheet
193Kb / 14P
   CMOS White LED Driver
logo
ON Semiconductor
CAT32EKT ONSEMI-CAT32EKT Datasheet
172Kb / 11P
   CMOS White LED Driver
March, 2010 ??Rev. 4
CAT32 ONSEMI-CAT32_14 Datasheet
134Kb / 11P
   CMOS White LED Driver
April, 2014 ??Rev. 5
logo
Catalyst Semiconductor
CAT32 CATALYST-CAT32_08 Datasheet
296Kb / 14P
   CMOS White LED Driver
logo
Copal Electronics
W-52 COPAL-W-52 Datasheet
194Kb / 11P
   CMOS White LED Driver
logo
ON Semiconductor
CAT32 ONSEMI-CAT32 Datasheet
194Kb / 11P
   CMOS White LED Driver
March, 2010 ??Rev. 4
logo
ELM Technology Corporat...
ELM900 ELM-TECH-ELM900 Datasheet
632Kb / 2P
   CMOS White LED flashlight driver
logo
ELM Electronics
ELM900 ELM-ELM900 Datasheet
632Kb / 2P
   CMOS White LED flashlight driver
logo
ELM Technology Corporat...
ELM900B-S ELM-TECH-ELM900B-S Datasheet
54Kb / 2P
   CMOS White LED flashlight driver
logo
ELM Electronics
ELM900-SERIES ELM-ELM900-SERIES Datasheet
632Kb / 2P
   CMOS White LED flashlight driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com