Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT32TDI-GT3 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CAT32TDI-GT3
Description  CMOS White LED Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT32TDI-GT3 Datasheet(HTML) 2 Page - ON Semiconductor

  CAT32TDI-GT3 Datasheet HTML 1Page - ON Semiconductor CAT32TDI-GT3 Datasheet HTML 2Page - ON Semiconductor CAT32TDI-GT3 Datasheet HTML 3Page - ON Semiconductor CAT32TDI-GT3 Datasheet HTML 4Page - ON Semiconductor CAT32TDI-GT3 Datasheet HTML 5Page - ON Semiconductor CAT32TDI-GT3 Datasheet HTML 6Page - ON Semiconductor CAT32TDI-GT3 Datasheet HTML 7Page - ON Semiconductor CAT32TDI-GT3 Datasheet HTML 8Page - ON Semiconductor CAT32TDI-GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
CAT37
Doc. No. MD-5005 Rev. V
2
© 2009 SCILLC. All rights reserved.
Characteristics subject to change without notice
ORDERING INFORMATION
Part Number
Package
Quantity per Reel
Package Marking
CAT37TDI-T3
TSOT-23 5-lead
(1)
3,000
LM
CAT37TDI-GT3
TSOT-23 5-lead
(2)
3,000
UL
PIN CONFIGURATION
TSOT-23 5-Lead
Top View
1mm maximum height
θ
JA = 250ºC/W [free air]
PIN DESCRIPTION
Pin Number
Name
Function
1
SW
Switch pin. This is the drain of the internal power switch. For minimum EMI,
minimize the trace area connected to this pin.
2
GND
Ground pin. Connect pin 2 to ground.
3
FB
LED (cathode) connection pin.
4
SHDN
¯¯¯¯¯
Shutdown pin.
5
VIN
Input supply pin. This pin should be bypassed with a capacitor to ground. A 1µF
capacitor mounted close to the pin is recommended.
Notes:
(1) Matte-Tin Plated Finish (RoHS-compliant).
(2) NiPdAu Plated Finish (RoHS-compliant).
SHDN
VIN
FB
2
3
15
4
SW
GND


Similar Part No. - CAT32TDI-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT32TDI-GT3 CATALYST-CAT32TDI-GT3 Datasheet
296Kb / 14P
   CMOS White LED Driver
logo
ON Semiconductor
CAT32TDI-GT3 ONSEMI-CAT32TDI-GT3 Datasheet
194Kb / 11P
   CMOS White LED Driver
March, 2010 ??Rev. 4
More results

Similar Description - CAT32TDI-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT32 CATALYST-CAT32 Datasheet
193Kb / 14P
   CMOS White LED Driver
logo
ON Semiconductor
CAT32EKT ONSEMI-CAT32EKT Datasheet
172Kb / 11P
   CMOS White LED Driver
March, 2010 ??Rev. 4
CAT32 ONSEMI-CAT32_14 Datasheet
134Kb / 11P
   CMOS White LED Driver
April, 2014 ??Rev. 5
logo
Catalyst Semiconductor
CAT32 CATALYST-CAT32_08 Datasheet
296Kb / 14P
   CMOS White LED Driver
logo
Copal Electronics
W-52 COPAL-W-52 Datasheet
194Kb / 11P
   CMOS White LED Driver
logo
ON Semiconductor
CAT32 ONSEMI-CAT32 Datasheet
194Kb / 11P
   CMOS White LED Driver
March, 2010 ??Rev. 4
logo
ELM Technology Corporat...
ELM900 ELM-TECH-ELM900 Datasheet
632Kb / 2P
   CMOS White LED flashlight driver
logo
ELM Electronics
ELM900 ELM-ELM900 Datasheet
632Kb / 2P
   CMOS White LED flashlight driver
logo
ELM Technology Corporat...
ELM900B-S ELM-TECH-ELM900B-S Datasheet
54Kb / 2P
   CMOS White LED flashlight driver
logo
ELM Electronics
ELM900-SERIES ELM-ELM900-SERIES Datasheet
632Kb / 2P
   CMOS White LED flashlight driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com