Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVTH16543DGGRE4 Datasheet(PDF) 5 Page - Texas Instruments

Part # 74LVTH16543DGGRE4
Description  3.3-V ABT 16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74LVTH16543DGGRE4 Datasheet(HTML) 5 Page - Texas Instruments

  74LVTH16543DGGRE4 Datasheet HTML 1Page - Texas Instruments 74LVTH16543DGGRE4 Datasheet HTML 2Page - Texas Instruments 74LVTH16543DGGRE4 Datasheet HTML 3Page - Texas Instruments 74LVTH16543DGGRE4 Datasheet HTML 4Page - Texas Instruments 74LVTH16543DGGRE4 Datasheet HTML 5Page - Texas Instruments 74LVTH16543DGGRE4 Datasheet HTML 6Page - Texas Instruments 74LVTH16543DGGRE4 Datasheet HTML 7Page - Texas Instruments 74LVTH16543DGGRE4 Datasheet HTML 8Page - Texas Instruments 74LVTH16543DGGRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
SN54LVTH16543, SN74LVTH16543
3.3-V ABT 16-BIT REGISTERED TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCBS699D – JULY 1997 – REVISED APRIL 1999
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
–0.5 V to 4.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
–0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range applied to any output in the high-impedance
or power-off state, VO (see Note 1)
–0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range applied to any output in the high state, VO (see Note 1)
–0.5 V to VCC + 0.5 V
. . . . . . . . . . . . .
Current into any output in the low state, IO: SN54LVTH16543
96 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SN74LVTH16543
128 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Current into any output in the high state, IO (see Note 2): SN54LVTH16543
48 mA
. . . . . . . . . . . . . . . . . . . . .
SN74LVTH16543
64 mA
. . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0)
–50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0)
–50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 3): DGG package
81
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DL package
74
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
2. This current flows only when the output is in the high state and VO > VCC.
3. The package thermal impedance is calculated in accordance with JESD 51.
recommended operating conditions (see Note 4)
SN54LVTH16543
SN74LVTH16543
UNIT
MIN
MAX
MIN
MAX
UNIT
VCC
Supply voltage
2.7
3.6
2.7
3.6
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
VI
Input voltage
5.5
5.5
V
IOH
High-level output current
–24
–32
mA
IOL
Low-level output current
48
64
mA
∆t/∆v
Input transition rise or fall rate
Outputs enabled
10
10
ns/V
∆t/∆VCC
Power-up ramp rate
200
200
µs/V
TA
Operating free-air temperature
–55
125
–40
85
°C
NOTE 4: All unused control inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - 74LVTH16543DGGRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LVTH16543DGGRE4 TI-74LVTH16543DGGRE4 Datasheet
216Kb / 12P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - 74LVTH16543DGGRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVTH16543 TI-SN54LVTH16543_07 Datasheet
258Kb / 14P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT16543 TI-SN54LVT16543 Datasheet
145Kb / 8P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH16952 TI-SN54LVTH16952 Datasheet
211Kb / 13P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT16543 TI1-SN54LVT16543_15 Datasheet
830Kb / 14P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH16543 TI-SN54LVTH16543_06 Datasheet
216Kb / 12P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH16952 TI-SN54LVTH16952_07 Datasheet
353Kb / 15P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT16952 TI-SN54LVT16952 Datasheet
194Kb / 11P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT543 TI-SN54LVT543_07 Datasheet
385Kb / 15P
[Old version datasheet]   3.3-V ABT OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT543 TI-SN54LVT543 Datasheet
335Kb / 13P
[Old version datasheet]   3.3-V ABT OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH543 TI-SN54LVTH543_08 Datasheet
528Kb / 17P
[Old version datasheet]   3.3-V ABT OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com