Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT3606HV4-GT2 Datasheet(PDF) 7 Page - ON Semiconductor

Part # CAT3606HV4-GT2
Description  6-Channel Low Noise Charge Pump White LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT3606HV4-GT2 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button CAT3606HV4-GT2 Datasheet HTML 3Page - ON Semiconductor CAT3606HV4-GT2 Datasheet HTML 4Page - ON Semiconductor CAT3606HV4-GT2 Datasheet HTML 5Page - ON Semiconductor CAT3606HV4-GT2 Datasheet HTML 6Page - ON Semiconductor CAT3606HV4-GT2 Datasheet HTML 7Page - ON Semiconductor CAT3606HV4-GT2 Datasheet HTML 8Page - ON Semiconductor CAT3606HV4-GT2 Datasheet HTML 9Page - ON Semiconductor CAT3606HV4-GT2 Datasheet HTML 10Page - ON Semiconductor CAT3606HV4-GT2 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
CAT3606
© 2008 SCILLC. All rights reserved.
7
Doc. No. MD-5009 Rev. D
Characteristics subject to change without notice
TYPICAL CHARACTERISTICS
VIN = 3.6V, EN = VIN, ENM
¯¯¯ = ENS
¯¯¯ = GND, CIN = COUT = 1µF, RSET = 24kΩ (20mA per LED), TAMB = 25ºC, unless
otherwise specified.
0.90
0.95
1.00
1.05
1.10
-40-20
0
20
40
60
80100
VIN = 3.6V
6LEDsat15mA
0.0
1.0
2.0
3.0
4.0
5.0
VIN = 3.6V
all LEDs open
0.90
0.95
1.00
1.05
1.10
6LEDsat 20mA
Ground Current vs. Input Voltage (1.5x mode)
INPUT VOLTAGE [V]
INPUT VOLTAGE [V]
INPUT VOLTAGE [V]
TEMPERATURE [ºC]
INPUT VOLTAGE [V]
INPUT VOLTAGE [V]
Supply Current vs. Input Voltage
Oscillator Frequency vs. Input Voltage
Oscillator Frequency vs. Temperature
Output Resistance vs. Input Voltage (1x mode)
Output Resistance vs. Input Voltage (1.5x mode)
80
100
120
140
6LEDsat 15mA
1x mode
1.5x mode
0
1
2
3
4
100mA load
100mA load
2
4
6
8
10
3.0
3.2
3.4
3.6
3.8
4.0
4.2
3.0
3.2
3.4
3.6
3.8
4.0
4.2
3.0
3.2
3.4
3.6
3.8
4.0
4.2
3.0
3.2
3.4
3.6
3.8
4.0
4.2
3.0
3.2
3.4
3.6
3.8
4.0
4.2
100mA load
100mA load


Similar Part No. - CAT3606HV4-GT2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT3606HV4-GT2 ONSEMI-CAT3606HV4-GT2 Datasheet
259Kb / 11P
   6-Channel Low Noise Charge Pump White LED Driver
January, 2010 ??Rev. 3
More results

Similar Description - CAT3606HV4-GT2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3606 CATALYST-CAT3606_08 Datasheet
367Kb / 12P
   6-Channel Low Noise Charge Pump White LED Driver
logo
ON Semiconductor
CAT3606 ONSEMI-CAT3606 Datasheet
259Kb / 11P
   6-Channel Low Noise Charge Pump White LED Driver
January, 2010 ??Rev. 3
logo
Catalyst Semiconductor
CAT3606 CATALYST-CAT3606 Datasheet
598Kb / 11P
   6-Channel Low Noise Charge Pump White LED Driver
logo
Rohm
BD2606MVV ROHM-BD2606MVV Datasheet
1Mb / 20P
   6-Channel Charge Pump White LED Driver
logo
Allegro MicroSystems
A8434 ALLEGRO-A8434 Datasheet
446Kb / 11P
   6-Channel High Efficiency Charge Pump White LED Driver
logo
SG Micro Corp
SGM3144 SGMICRO-SGM3144_16 Datasheet
2Mb / 12P
   6-Channel PWM Dimming Charge Pump White LED Driver
logo
Eutech Microelectronics...
EUP3654 EUTECH-EUP3654 Datasheet
82Kb / 1P
   6 Channel, 1X/1.5X Charge Pump White LED Driver
logo
California Micro Device...
CM9156A CALMIRCO-CM9156A Datasheet
561Kb / 15P
   Charge Pump White LED Driver
CM9156B CALMIRCO-CM9156B Datasheet
545Kb / 13P
   Charge-Pump White LED Driver
logo
Orister Corporation
RS9360A ORISTER-RS9360A Datasheet
483Kb / 8P
   Charge-Pump White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com