Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT3614HV2-T2 Datasheet(PDF) 9 Page - ON Semiconductor

Part # CAT3614HV2-T2
Description  4-Channel 1-Wire LED Driver in 3 x 3mm Package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT3614HV2-T2 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button CAT3614HV2-T2 Datasheet HTML 5Page - ON Semiconductor CAT3614HV2-T2 Datasheet HTML 6Page - ON Semiconductor CAT3614HV2-T2 Datasheet HTML 7Page - ON Semiconductor CAT3614HV2-T2 Datasheet HTML 8Page - ON Semiconductor CAT3614HV2-T2 Datasheet HTML 9Page - ON Semiconductor CAT3614HV2-T2 Datasheet HTML 10Page - ON Semiconductor CAT3614HV2-T2 Datasheet HTML 11Page - ON Semiconductor CAT3614HV2-T2 Datasheet HTML 12Page - ON Semiconductor CAT3614HV2-T2 Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
CAT3614
© 2008 SCILLC. All rights reserved.
9
Doc. No. MD-5035, Rev. C
Characteristics subject to change without notice
BLOCK DIAGRAM
Figure 2. CAT3614 Functional Block Diagram
BASIC OPERATION
At power-up, the CAT3614 starts operating in 1x mode
where the output will be approximately equal to the
input supply voltage (less any internal voltage losses).
If the output voltage is sufficient to regulate all LED
currents the device remains in 1x operating mode.
If the input voltage is insufficient or falls to a level
where the regulated currents cannot be maintained,
the device automatically switches (after a fixed delay
of 400µs) into 1.5x mode.
In 1.5x mode, the output is approximately equal to 1.5
times the input supply voltage (less any internal
voltage losses).
The above sequence is repeated each and every time
the chip is powered-up or is taken out of shutdown
mode (via EN/DIM pin).
Mode Control
1MHz
Oscillator
Current
Setting DAC
Serial
Interface
Registers
Reference
Voltage
1x mode (LDO)
1.5x Charge Pump
VIN
C1-
C2-
C1+
C2+
VOUT
CIN
1µF
1µF
1µF
EN/DIM
LED1
LED2
LED3
LED4
GND
LED Channel
Current Regulators


Similar Part No. - CAT3614HV2-T2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3614HV2-T2 CATALYST-CAT3614HV2-T2 Datasheet
452Kb / 12P
   4-Channel 1-Wire LED Driver in 3x3mm Package
CAT3614HV2-T2 CATALYST-CAT3614HV2-T2 Datasheet
217Kb / 13P
   4-Channel 1-Wire LED Driver in 3 x 3mm Package
logo
ON Semiconductor
CAT3614HV2-T2 ONSEMI-CAT3614HV2-T2 Datasheet
164Kb / 12P
   4-Channel 1-Wire LED Driver in 3 x 3 mm Package
April, 2010 ??Rev. 2
More results

Similar Description - CAT3614HV2-T2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3614 CATALYST-CAT3614_08 Datasheet
217Kb / 13P
   4-Channel 1-Wire LED Driver in 3 x 3mm Package
logo
ON Semiconductor
CAT3614 ONSEMI-CAT3614 Datasheet
164Kb / 12P
   4-Channel 1-Wire LED Driver in 3 x 3 mm Package
April, 2010 ??Rev. 2
CAT3603HV2 ONSEMI-CAT3603HV2 Datasheet
381Kb / 12P
   3-Channel LED Driver in 3 x 3mm Package
Doc. No. MD-5017 Rev. F
logo
Catalyst Semiconductor
CAT3614 CATALYST-CAT3614 Datasheet
452Kb / 12P
   4-Channel 1-Wire LED Driver in 3x3mm Package
logo
ON Semiconductor
CAT3603 ONSEMI-CAT3603 Datasheet
168Kb / 11P
   3-Channel LED Driver in 3 x 3 mm Package
January, 2010 ??Rev. 5
logo
Catalyst Semiconductor
CAT3603 CATALYST-CAT3603 Datasheet
510Kb / 12P
   3-Channel LED Driver in 3x3mm Package
logo
Vishay Siliconix
TLHW490 VISHAY-TLHW490 Datasheet
183Kb / 6P
   White LED in 3mm T 1 Waterclear Package
Rev. 1.2, 31-Aug-04
logo
Linear Technology
LT3466-1 LINER-LT3466-1_15 Datasheet
415Kb / 20P
   White LED Driver and Boost Converter in 3mm 3mm DFN Package
logo
Everlight Electronics C...
EAILP03RDAB1 EVERLIGHT-EAILP03RDAB1 Datasheet
260Kb / 9P
   3mm Infrared LED,T-1 3/4
logo
Monolithic Power System...
MP2615B MPS-MP2615B Datasheet
881Kb / 20P
   2A, 1 Cell Li-ion Battery Charger In 3mm x 3mm Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com