Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM1819-52LD Datasheet(PDF) 2 Page - Stealth Microwave, Inc.

Part # SM1819-52LD
Description  1805 - 1880 MHz 160 Watt Power Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Direct Link  http://www.stealthmicrowave.com
Logo STEALTH_MICROWAVE - Stealth Microwave, Inc.

SM1819-52LD Datasheet(HTML) 2 Page - Stealth Microwave, Inc.

  SM1819-52LD Datasheet HTML 1Page - Stealth Microwave, Inc. SM1819-52LD Datasheet HTML 2Page - Stealth Microwave, Inc. SM1819-52LD Datasheet HTML 3Page - Stealth Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM1819-52LD
1805 - 1880 MHz
160 Watt Power Amplifier
DIMENSIONS IN INCHES
RF
OUTPUT
INCORPORATED
J1
Made in USA
RF
INPUT
RF
OUTPUT
J1
INPUT
RF
Made in USA
HEATSINK OPTION


Similar Part No. - SM1819-52LD

ManufacturerPart #DatasheetDescription
logo
DB Unlimited.
SM181008-1 DBUNLIMITED-SM181008-1 Datasheet
297Kb / 1P
   Released from Engineering
logo
SUNMATE electronic Co.,...
SM1812A SUNMATE-SM1812A Datasheet
996Kb / 4P
   METAL OXIDE VARISTORS
SM1812A101K SUNMATE-SM1812A101K Datasheet
996Kb / 4P
   METAL OXIDE VARISTORS
SM1812A121K SUNMATE-SM1812A121K Datasheet
996Kb / 4P
   METAL OXIDE VARISTORS
SM1812A151K SUNMATE-SM1812A151K Datasheet
996Kb / 4P
   METAL OXIDE VARISTORS
More results

Similar Description - SM1819-52LD

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AWB7122 SKYWORKS-AWB7122 Datasheet
779Kb / 10P
   1805 MHz to 1880 MHz Small-Cell Power Amplifier Module
logo
ANADIGICS, Inc
AWB7122 ANADIGICS-AWB7122 Datasheet
738Kb / 9P
   1805 MHz to 1880 MHz Small-Cell Power Amplifier Module
logo
WALSIN TECHNOLOGY CORPO...
RFBPF1109B301T WALSIN-RFBPF1109B301T Datasheet
568Kb / 7P
   1805 ~ 1880 MHz Working Frequency
logo
Tyco Electronics
PHM1880-15 MACOM-PHM1880-15 Datasheet
130Kb / 2P
   Wireless Power Module, 15W 1805-1880 MHz
logo
SIRENZA MICRODEVICES
XD010-22S-D2F SIRENZA-XD010-22S-D2F Datasheet
215Kb / 5P
   1805-1880 MHz Class A/AB 12W Power Amplifier Module
logo
Skyworks Solutions Inc.
SKY66291-11 SKYWORKS-SKY66291-11 Datasheet
1Mb / 14P
   1805 to 1880 MHz High-Efficiency 4 W Power Amplifier
logo
Tyco Electronics
PH1819-90 MACOM-PH1819-90 Datasheet
108Kb / 1P
   Wireless Power Transistor 90 Watts, 1805-1880 MHz
logo
M/A-COM Technology Solu...
PH1819-33 MA-COM-PH1819-33 Datasheet
180Kb / 2P
   Wireless Bipolar Power Transistor 33W, 1805-1880 MHz
PH1819-45 MA-COM-PH1819-45 Datasheet
184Kb / 2P
   Wireless Bipolar Power Transistor 45W, 1805-1880 MHz
logo
WALSIN TECHNOLOGY CORPO...
SF11091842B305T WALSIN-SF11091842B305T Datasheet
729Kb / 8P
   1805~1880 MHz Band Working Frequency
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com