Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54LVTH182514 Datasheet(PDF) 8 Page - Texas Instruments

Part # SN54LVTH182514
Description  3.3-V ABT SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54LVTH182514 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN54LVTH182514 Datasheet HTML 4Page - Texas Instruments SN54LVTH182514 Datasheet HTML 5Page - Texas Instruments SN54LVTH182514 Datasheet HTML 6Page - Texas Instruments SN54LVTH182514 Datasheet HTML 7Page - Texas Instruments SN54LVTH182514 Datasheet HTML 8Page - Texas Instruments SN54LVTH182514 Datasheet HTML 9Page - Texas Instruments SN54LVTH182514 Datasheet HTML 10Page - Texas Instruments SN54LVTH182514 Datasheet HTML 11Page - Texas Instruments SN54LVTH182514 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
SN54LVTH18514, SN54LVTH182514, SN74LVTH18514, SN74LVTH182514
3.3-V ABT SCAN TEST DEVICES
WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
SCBS670C – AUGUST 1996 – REVISED MARCH 1998
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
register overview
With the exception of the bypass and device-identification registers, any test register can be thought of as a
serial-shift register with a shadow latch on each bit. The bypass and device-identification registers differ in that
they contain only a shift register. During the appropriate capture state (Capture-IR for instruction register,
Capture-DR for data registers), the shift register can be parallel loaded from a source specified by the current
instruction. During the appropriate shift state (Shift-IR or Shift-DR), the contents of the shift register are shifted
out from TDO while new contents are shifted in at TDI. During the appropriate update state (Update-IR or
Update-DR), the shadow latches are updated from the shift register.
instruction register description
The instruction register (IR) is eight bits long and tells the device what instruction is to be executed. Information
contained in the instruction includes the mode of operation (either normal mode, in which the device performs
its normal logic function, or test mode, in which the normal logic function is inhibited or altered), the test operation
to be performed, which of the four data registers is to be selected for inclusion in the scan path during
data-register scans, and the source of data to be captured into the selected data register during Capture-DR.
Table 3 lists the instructions supported by the ’LVTH18514 and ’LVTH182514. The even-parity feature specified
for SCOPE devices is supported in this device. Bit 7 of the instruction opcode is the parity bit. Any instructions
that are defined for SCOPE devices but are not supported by this device default to BYPASS.
During Capture-IR, the IR captures the binary value 10000001. As an instruction is shifted in, this value is shifted
out via TDO and can be inspected as verification that the IR is in the scan path. During Update-IR, the value
that has been shifted into the IR is loaded into shadow latches. At this time, the current instruction is updated
and any specified mode change takes effect. At power up or in the Test-Logic-Reset state, the IR is reset to the
binary value 10000001, which selects the IDCODE instruction. The instruction register order of scan is shown
in Figure 2.
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
TDO
TDI
Bit 7
Parity
(MSB)
Bit 0
(LSB)
Figure 2. Instruction Register Order of Scan


Similar Part No. - SN54LVTH182514

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVTH182514 TI1-SN54LVTH182514 Datasheet
584Kb / 38P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
More results

Similar Description - SN54LVTH182514

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVTH18504A TI1-SN54LVTH18504A_12 Datasheet
881Kb / 38P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
SN54LVTH18504A TI-SN54LVTH18504A Datasheet
544Kb / 35P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
SN54LVTH18514 TI1-SN54LVTH18514_17 Datasheet
584Kb / 38P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
SN54LVTH18512 TI-SN54LVTH18512_07 Datasheet
703Kb / 38P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54LVTH18512 TI-SN54LVTH18512 Datasheet
562Kb / 36P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN74LVTH18502A-EP TI1-SN74LVTH18502A-EP Datasheet
935Kb / 42P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54LVTH18502A TI-SN54LVTH18502A Datasheet
613Kb / 38P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54LVTH18502A TI-SN54LVTH18502A_08 Datasheet
784Kb / 40P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54LVT18512 TI-SN54LVT18512 Datasheet
588Kb / 36P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN74LVT182502 TI1-SN74LVT182502 Datasheet
509Kb / 36P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com