Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM1920-52LD Datasheet(PDF) 3 Page - Stealth Microwave, Inc.

Part # SM1920-52LD
Description  1930 - 1990 MHz 160 Watt Power Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Direct Link  http://www.stealthmicrowave.com
Logo STEALTH_MICROWAVE - Stealth Microwave, Inc.

SM1920-52LD Datasheet(HTML) 3 Page - Stealth Microwave, Inc.

  SM1920-52LD Datasheet HTML 1Page - Stealth Microwave, Inc. SM1920-52LD Datasheet HTML 2Page - Stealth Microwave, Inc. SM1920-52LD Datasheet HTML 3Page - Stealth Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM1920-52LD
1930 - 1990 MHz
160 Watt Power Amplifier
A2
A1
J1 CONNECTOR PINOUT
Pin
Description
Values
RF INPUT
Input Connector ( SMA Female )
+8 dBm (max.)
RF OUTPUT
Output Connector (SMA Female)
+ 52 dBm @ P1dB (typ.)
A1
+VDC
+28V
A2
GND
--
1
TTL On/Off`
+5V = on / 0V = off (if equipped)
2
Reflected power detection
Set to 3.35 V @ 40dBm of CW reflected power
Detector Slope: 60 mV / dB
3
GND
--
4
Temp
Temp in deg C = (Voltage on pin - .500)*100
e.g. .90 V = 40 deg C
5
Forward Power Detection
Set to 4.00 V @ 52 dBm of CW output power into 50
Detector Slope: 60 mV / dB


Similar Part No. - SM1920-52LD

ManufacturerPart #DatasheetDescription
logo
Stealth Microwave, Inc.
SM1920-47L STEALTH_MICROWAVE-SM1920-47L Datasheet
127Kb / 2P
   1900-2000MHz 50 Watt Linear Power Amplifier
SM1920-47LQ STEALTH_MICROWAVE-SM1920-47LQ Datasheet
154Kb / 2P
   1900-2000MHz 50 Watt Linear Power Amplifier FOR PCS APPLICATIONS
More results

Similar Description - SM1920-52LD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MHW1910-1 NXP-MHW1910-1 Datasheet
147Kb / 8P
   1930-1990 MHz, 10W RF POWER LDMOS AMPLIFIER
REV 2
logo
Infineon Technologies A...
PTF191601 INFINEON-PTF191601 Datasheet
61Kb / 4P
   LDMOS RF Power Field Effect Transistor 160 W, 1930-1990 MHz
2004-03-17
PTF191601F INFINEON-PTF191601F Datasheet
206Kb / 10P
   Thermally-Enhnaced High Power RF LDMOS FETs 160 W, 1930-1990 MHz
2004-09-16
logo
WALSIN TECHNOLOGY CORPO...
RFBPF1109B201T WALSIN-RFBPF1109B201T Datasheet
619Kb / 7P
   1930 ~ 1990 MHz Band Working Frequency
logo
Tyco Electronics
PH1920-45 MACOM-PH1920-45 Datasheet
146Kb / 2P
   WIRELESS BIPOLAR POWER TRASISTOR 45W 1930-1990 MHZ
logo
M/A-COM Technology Solu...
PH1920-45 MA-COM-PH1920-45 Datasheet
138Kb / 2P
   Wireless Bipolar Power Transistor 45W, 1930-1990 MHz
logo
Tyco Electronics
PH1920-33 MACOM-PH1920-33 Datasheet
133Kb / 2P
   Wireless Bipolar Power Transistor, 33W 1930 - 1990 MHz
logo
WALSIN TECHNOLOGY CORPO...
SF11091960B201T WALSIN-SF11091960B201T Datasheet
765Kb / 8P
   1930~1990 MHz Band Working Frequency
logo
Tyco Electronics
PH1920-90 MACOM-PH1920-90 Datasheet
48Kb / 1P
   Wireless Power Transistor 90 Watts, 1930-1990 MHz
logo
SIRENZA MICRODEVICES
XD010-24S-D2F SIRENZA-XD010-24S-D2F Datasheet
220Kb / 5P
   1930-1990 MHz Class A/AB 12W CDMA Driver Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com