Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT4101TV-T75 Datasheet(PDF) 8 Page - ON Semiconductor

Part # CAT4101TV-T75
Description  1 A Constant-Current LED Driver with PWM Dimming
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT4101TV-T75 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button CAT4101TV-T75 Datasheet HTML 3Page - ON Semiconductor CAT4101TV-T75 Datasheet HTML 4Page - ON Semiconductor CAT4101TV-T75 Datasheet HTML 5Page - ON Semiconductor CAT4101TV-T75 Datasheet HTML 6Page - ON Semiconductor CAT4101TV-T75 Datasheet HTML 7Page - ON Semiconductor CAT4101TV-T75 Datasheet HTML 8Page - ON Semiconductor CAT4101TV-T75 Datasheet HTML 9Page - ON Semiconductor CAT4101TV-T75 Datasheet HTML 10Page - ON Semiconductor CAT4101TV-T75 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
CAT4101
Doc. No. MD-5036, Rev. D
8
© 2009 SCILLC. All rights reserved.
Characteristics subject to change without notice
APPLICATION INFORMATION
SINGLE 12 V SUPPLY
The circuit shown in Figure 3 shows how to power
three LEDs in series from a single 12 V supply using
the CAT4101. The CAT4101 can not be driven
directly from 12 V, three components are needed to
create a lower voltage for the VIN pin (below 5.5 V).
Resistor R2 and zener diode D provide a regulated
voltage while the quiescent current runs through the
N-Channel transistor M. Suitable parts for this circuit
are the ON Semiconductor MM3Z6V2 zener diode
and the 2N7002L N-channel transistor (SOT23
package).
Figure 3. Single Supply Driving Three LEDs
POWER DISSIPATION
The power dissipation (PD) of the CAT4101 can be
calculated as follows:
() (
)
LED
LED
IN
IN
D
I
V
I
V
P
×
+
×
=
where
VLED is the voltage at the LED pin.
Combinations of high VLED voltage or high ambient
temperature can cause the CAT4101 to enter
thermal shutdown. In applications where VLED is
high, a resistor can be inserted in series with the
LED string to lower PD.
Thermal dissipation of the junction heat consists
primarily of two paths in series. The first path is the
junction to the case (
θ
JC) thermal resistance which is
defined by the package style, and the second path is
the case to ambient (
θ
CA) thermal resistance, which
is dependent on board layout. The overall junction to
ambient (
θ
JA) thermal resistance is equal to:
θ
JA = θJC + θCA
For a given package style and board layout, the
operating junction temperature TJ is a function of the
power dissipation PD, and the ambient temperature,
resulting in the following equation:
TJ = TAMB + PD JC + θCA) = TAMB + PD θJA
The CAT4101 TO-263 5-lead package provides a
thermal resistance when the ground tab is soldered
down to the PCB. When mounted on a double-sided
printed circuit board with two square inches of
copper allocated for “heat spreading”, the resulting
θ
JA is about 30°C/W.
For example, at 60°C ambient temperature, the
maximum power dissipation is calculated as follow:
W
3
30
60
150
T
T
P
JA
AMB
Jmax
Dmax
=
=
θ
=
-
-
RECOMMENDED LAYOUT
The board layout should provide good thermal
dissipation through the PCB. Multiple via can be
used to connect the tab of the CAT4101 to a large
ground plane underneath the package.
Input capacitor C1 should be placed as close to the
driver IC as possible. The RSET resistor should
have a Kelvin connection to the GND pin of the
CAT4101.
Figure 4. CAT4101 Recommended Layout
VIN
R2
5 k
D
6.2 V
M
CAT4101
12 V
R1
C1
0.1 µF
EN/PWM
RSET
LED
GND
C2
1 µF


Similar Part No. - CAT4101TV-T75

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT4101TV-T75 ONSEMI-CAT4101TV-T75 Datasheet
159Kb / 10P
   1 A Constant-Current LED Driver with PWM Dimming
February, 2010 ??Rev. 4
CAT4101TV-T75 ONSEMI-CAT4101TV-T75 Datasheet
152Kb / 9P
   1 A Constant-Current LED Driver
July, 2012 ??Rev. 8
More results

Similar Description - CAT4101TV-T75

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT4101 ONSEMI-CAT4101 Datasheet
159Kb / 10P
   1 A Constant-Current LED Driver with PWM Dimming
February, 2010 ??Rev. 4
logo
E-CMOS Corporation
EC4215 E-CMOS-EC4215 Datasheet
257Kb / 6P
   Constant Current LED Driver with PWM Dimming
logo
Shenzhen Huazhimei Semi...
HM7138 HMSEMI-HM7138 Datasheet
375Kb / 7P
   PWM dimming LED constant current driver
logo
New Japan Radio
NJW4615A NJRC-NJW4615A Datasheet
70Kb / 4P
   Constant Current LED Driver with PWM Dimming Control
logo
Shenzhen Huazhimei Semi...
HM3343 HMSEMI-HM3343 Datasheet
1Mb / 10P
   PWM dimming LED constant current driver chip
HM7236 HMSEMI-HM7236 Datasheet
672Kb / 7P
   PWM dimming linear buck LED constant current driver
HM7237 HMSEMI-HM7237 Datasheet
395Kb / 6P
   PWM dimming linear buck LED constant current driver
HM3342 HMSEMI-HM3342 Datasheet
779Kb / 11P
   high-frequency PWM dimming LED constant current driver chip
logo
ON Semiconductor
CAT4109V-GT2 ONSEMI-CAT4109V-GT2 Datasheet
176Kb / 11P
   3-Channel Constant-Current RGB LED Driver with Individual PWM Dimming
Doc. No. MD-5042, Rev. A
CAT4109 ONSEMI-CAT4109 Datasheet
163Kb / 12P
   3-Channel Constant-Current RGB LED Driver with Individual PWM Dimming
March, 2010 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com