Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT4104VP2-GT3 Datasheet(PDF) 10 Page - ON Semiconductor

Part # CAT4104VP2-GT3
Description  700 mA Quad Channel Constant Current LED Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT4104VP2-GT3 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button CAT4104VP2-GT3 Datasheet HTML 6Page - ON Semiconductor CAT4104VP2-GT3 Datasheet HTML 7Page - ON Semiconductor CAT4104VP2-GT3 Datasheet HTML 8Page - ON Semiconductor CAT4104VP2-GT3 Datasheet HTML 9Page - ON Semiconductor CAT4104VP2-GT3 Datasheet HTML 10Page - ON Semiconductor CAT4104VP2-GT3 Datasheet HTML 11Page - ON Semiconductor CAT4104VP2-GT3 Datasheet HTML 12Page - ON Semiconductor CAT4104VP2-GT3 Datasheet HTML 13Page - ON Semiconductor CAT4104VP2-GT3 Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
CAT4104
Doc. No. MD-5041 Rev. B
10
© 2009 SCILLC. All rights reserved.
Characteristics subject to change without notice
VIN
CAT4104
5 V
VCC
R1
1436
M1
C1
0.1 µF
EN/PWM
RSET
LED1
LED2
LED3
LED4
GND
350 mA
C2
1 µF
R2
5 k
RPTC
Figure 6. LED Current Derating
POWER DISSIPATION
The power dissipation (PD) of the CAT4104 can be
calculated as follows:
() (
)
LEDN
LEDN
IN
IN
D
I
V
I
V
P
×
Σ
+
×
=
where VLEDN is the voltage at the LED pin, and ILEDN is
the LED current. Combinations of high VLEDN voltage
and
high
ambient
temperature
can
cause
the
CAT4104 to enter thermal shutdown. In applications
where VLEDN is high, a resistor can be inserted in
series with the LED string to lower the power
dissipation PD.
Thermal dissipation of the junction heat consists
primarily of two paths in series. The first path is the
junction to the case (
θ
JC) thermal resistance which is
defined by the package style, and the second path is
the case to ambient (
θ
CA) thermal resistance, which is
dependent on board layout. The overall junction to
ambient (
θ
JA) thermal resistance is equal to:
θ
JA = θJC + θCA
For a given package style and board layout, the
operating junction temperature TJ is a function of the
power dissipation PD, and the ambient temperature,
resulting in the following equation:
TJ = TAMB + PD JC + θCA) = TAMB + PD θJA
When mounted on a double-sided printed circuit
board with two square inches of copper allocated for
“heat spreading”, the resulting
θ
JA is about 90°C/W for
the TDFN-8 package, and 160°C/W for the SOIC-8
package.
For example, at 60°C ambient temperature, the
maximum power dissipation for the TDFN-8 is
calculated as follow:
W
1
90
60
150
T
T
P
JA
AMB
Jmax
Dmax
=
=
θ
=
-
-
RECOMMENDED LAYOUT
A small ceramic capacitor should be placed as close
as possible to the driver VIN pin. The RSET resistor
should have a Kelvin connection to the GND pin of
the CAT4104.
The board layout should provide good thermal
dissipation through the PCB. In the case of the
CAT4104VP2 in the TDFN package, a via can be
used to connect the center tab to a large ground
plane underneath as shown on figure 7.
Figure 7. CAT4104 Recommended Layout


Similar Part No. - CAT4104VP2-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT4104VP2-GT3 ONSEMI-CAT4104VP2-GT3 Datasheet
184Kb / 13P
   700 mA Quad Channel Constant Current LED Driver
March, 2010 ??Rev. 2
More results

Similar Description - CAT4104VP2-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT4104 ONSEMI-CAT4104 Datasheet
184Kb / 13P
   700 mA Quad Channel Constant Current LED Driver
March, 2010 ??Rev. 2
logo
FOSLINK SEMICONDUCTOR C...
FSP3300 FOSLINK-FSP3300 Datasheet
173Kb / 7P
   350 MA CONSTANT-CURRENT LED DRIVER
logo
NXP Semiconductors
PCA9952 PHILIPS-PCA9952 Datasheet
1Mb / 48P
   16-channel Fm I2C-bus 57 mA constant current LED driver
Rev. 7.1-29 June 2015
logo
Catalyst Semiconductor
CAT4016 CATALYST-CAT4016 Datasheet
226Kb / 15P
   16-Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4008 ONSEMI-CAT4008 Datasheet
160Kb / 13P
   8-Channel Constant Current LED Driver
March, 2010 ??Rev. 2
CAT4016 ONSEMI-CAT4016 Datasheet
180Kb / 14P
   16-Channel Constant Current LED Driver
April, 2010 ??Rev. 4
logo
Leshan Radio Company
LR9026 LRC-LR9026 Datasheet
463Kb / 9P
   16-channel constant current LED driver
logo
LDT Co., Ltd
LD1018 LDT-LD1018 Datasheet
386Kb / 24P
   16 Channel Constant Current LED Driver
logo
Comchip Technology
TB62783FNG COMCHIP-TB62783FNG_15 Datasheet
74Kb / 6P
   8-Channel Constant-Current LED Driver
logo
Marktech Corporate
TCA62724FMG MARKTECH-TCA62724FMG Datasheet
212Kb / 15P
   3-Channel Constant-Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com