Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT4106HV4-GT2 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CAT4106HV4-GT2
Description  6W Quad Channel DC/DC LED Driver with Diagnostics
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT4106HV4-GT2 Datasheet(HTML) 3 Page - ON Semiconductor

  CAT4106HV4-GT2 Datasheet HTML 1Page - ON Semiconductor CAT4106HV4-GT2 Datasheet HTML 2Page - ON Semiconductor CAT4106HV4-GT2 Datasheet HTML 3Page - ON Semiconductor CAT4106HV4-GT2 Datasheet HTML 4Page - ON Semiconductor CAT4106HV4-GT2 Datasheet HTML 5Page - ON Semiconductor CAT4106HV4-GT2 Datasheet HTML 6Page - ON Semiconductor CAT4106HV4-GT2 Datasheet HTML 7Page - ON Semiconductor CAT4106HV4-GT2 Datasheet HTML 8Page - ON Semiconductor CAT4106HV4-GT2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
CAT4106
© 2009 SCILLC. All rights reserved.
3
Doc. No. MD-5037, Rev. A
Characteristics subject to change without notice
ELECTRICAL OPERATING CHARACTERISTICS
VIN = 5 V, VL (inductor drive voltage) = 12 V, TAMB = 25°C (over recommended operating conditions unless
specified otherwise)
Symbol
Description
Conditions
Min
Typ
Max
Units
IQ
VIN Operating Current
Switching
(ILED = 30 mA)
Not Switching (ILED = 30 mA)
Switching
(ILED = 60 mA)
Not Switching (ILED = 60 mA)
2.5
2.0
3.4
2.9
3.5
3.0
4.4
3.9
mA
ISD
VIN input shutdown Current
VEN = 0V
1
µA
VIH
VIL
REN
EN/PWM
Logic High Threshold
Logic Low Threshold
Internal Pull-Down Resistor
Device Enable Level
Disable/PWM Level
0.4
100
0.8
0.7
200
1.3
300
V
V
kΩ
VUVLO
Undervoltage lockout (UVLO)
VIN pin voltage
2.0
V
TSD
Thermal Shutdown Threshold
150
°C
THYS
Thermal Hysteresis
20
°C
VRSET
RSET regulation voltage
10 μA < IRSET < 2 mA.
1.17
1.20
1.23
V
ILED/IRSET
RSET to LED Current gain ratio 30 mA LED current
100
VDO
LED Channel Dropout Voltage
ILED = 175 mA
0.5
V
ΔILED
LED Channel Matching
0.5 V < VLED < 5 V
-5
±1
+5
%
ILED-OFF
LED Channel leakage
Channel is Off
1
µA
VVFMAX
O/C Detect voltage threshold
1.15
1.20
1.25
V
VVFMIN
S/C Detect voltage threshold
1.15
1.20
1.25
V
VCTRL
ICTRL
CTRL pin voltage accuracy
CTRL pin maximum load
Offset to Lowest LED output
- 0.1
25
0
+ 0.1
V
µA
IFAULT
¯¯¯¯¯¯
Pull-down Drive Current
Open Drain Leakage Current
FAULT
¯¯¯¯¯¯ is Active (0.1 V bias)
FAULT
¯¯¯¯¯¯ is Inactive
1
2
1
mA
µA
VFB
IFB
FB Pin control voltage
FB pin input leakage current
Normal switching
mode regulation
285
300
315
1
mV
µA
FSW
ISWMAX
RSW
DCMAX
DCMIN
ISWLEAK
OVPSW
SW Pin
Switching Frequency
Switch Pin Current Limit
Switch Pin On-resistance
Maximum Duty Cycle
Minimum Duty Cycle
Switch Leakage Current
Over Voltage Protection Detect
ISW = 500 mA
Prior to Current Limiting
Prior to Pulse-Skipping
VSW = 20 V
Enters Low Power mode
0.7
0.8
1.0
1.0
1.0
96
5
40
1.3
5
MHz
A
%
%
µA
V


Similar Part No. - CAT4106HV4-GT2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT4106HV4-GT2 ONSEMI-CAT4106HV4-GT2 Datasheet
282Kb / 15P
   6 W Quad Channel DC/DC LED Driver with Diagnostics
March, 2010 ??Rev. 0
CAT4106HV4-GT2 ONSEMI-CAT4106HV4-GT2 Datasheet
219Kb / 15P
   6 W Quad Channel DC/DC LED Driver
June, 2014 ??Rev. 4
More results

Similar Description - CAT4106HV4-GT2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT4106 ONSEMI-CAT4106 Datasheet
282Kb / 15P
   6 W Quad Channel DC/DC LED Driver with Diagnostics
March, 2010 ??Rev. 0
CAT4106 ONSEMI-CAT4106_14 Datasheet
219Kb / 15P
   6 W Quad Channel DC/DC LED Driver
June, 2014 ??Rev. 4
logo
ams AG
AS1113 AMSCO-AS1113_1 Datasheet
996Kb / 24P
   50mA, 16-Channel LED Driver with Diagnostics
logo
TEXAS ADVANCED OPTOELEC...
AS1113 TAOS-AS1113 Datasheet
3Mb / 25P
   50mA, 16-Channel LED Driver with Diagnostics
logo
ams AG
AS1113 AMSCO-AS1113_04 Datasheet
3Mb / 25P
   50mA, 16-Channel LED Driver with Diagnostics
logo
Princeton Technology Co...
PT16972 PTC-PT16972 Datasheet
429Kb / 4P
   4-Channel 100mA LED Driver with DC-DC Controller
logo
ams AG
AS1113 AMSCO-AS1113 Datasheet
921Kb / 24P
   50mA, 16-Channel LED Driver with Diagnostics
logo
M.S. Kennedy Corporatio...
DHC2800S MSK-DHC2800S Datasheet
265Kb / 9P
   6W DC-DC CONVERTERS
logo
Anaren Microwave
DHC2800S ANAREN-DHC2800S Datasheet
412Kb / 9P
   6W DC-DC CONVERTERS
logo
Minmax Technology Co., ...
MDWI06 MINMAX-MDWI06 Datasheet
462Kb / 4P
   DC-DC CONVERTER 6W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com