Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT4237TD-T3 Datasheet(PDF) 7 Page - ON Semiconductor

Part # CAT4237TD-T3
Description  High Voltage CMOS Boost White LED Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT4237TD-T3 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button CAT4237TD-T3 Datasheet HTML 3Page - ON Semiconductor CAT4237TD-T3 Datasheet HTML 4Page - ON Semiconductor CAT4237TD-T3 Datasheet HTML 5Page - ON Semiconductor CAT4237TD-T3 Datasheet HTML 6Page - ON Semiconductor CAT4237TD-T3 Datasheet HTML 7Page - ON Semiconductor CAT4237TD-T3 Datasheet HTML 8Page - ON Semiconductor CAT4237TD-T3 Datasheet HTML 9Page - ON Semiconductor CAT4237TD-T3 Datasheet HTML 10Page - ON Semiconductor CAT4237TD-T3 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
CAT4237
2008 SCILLC. All rights reserved.
7
Doc. No. MD-5013, Rev. C
Characteristics subject to change without notice
TYPICAL CHARACTERISTICS
VIN = 3.6V, CIN = 4.7μF, COUT = 0.22µF, L = 33µH with 8 LEDs at 20mA, TAMB = 25ºC, unless otherwise specified.
Power-up with 8 LEDs at 20mA
Switch ON Resistance vs. Input Voltage
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
INPUT VOLTAGE [V]
FB pin voltage vs. Temperature
297
298
299
300
301
302
303
-50
0
50
100
150
TEMPERATURE [ºC]
VIN=3.6V, 8LEDs
ILED=20mA
Shutdown Voltage vs. Input Voltage
0.2
0.4
0.6
0.8
1.0
3.0
3.5
4.0
4.5
5.0
INPUT VOLTAGE [V]
125°C
25°C
85°C
-40°C
Maximum Output Current vs. Input Voltage
0
20
40
60
80
100
120
140
2.53.0
3.54.0
4.55.0
INPUT VOLTAGE [V]
VOUT = 15V
VOUT = 20V


Similar Part No. - CAT4237TD-T3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT4237TD-T3 CATALYST-CAT4237TD-T3 Datasheet
301Kb / 14P
   High Voltage CMOS Boost White LED Driver
logo
ON Semiconductor
CAT4237TD-T3 ONSEMI-CAT4237TD-T3 Datasheet
279Kb / 13P
   High Voltage CMOS Boost White LED Driver
February, 2010 ??Rev. 2
CAT4237TD-T3 ONSEMI-CAT4237TD-T3 Datasheet
270Kb / 12P
   High Voltage CMOS Boost White LED Driver
November, 2011 ??Rev. 3
More results

Similar Description - CAT4237TD-T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT4237 ONSEMI-CAT4237 Datasheet
279Kb / 13P
   High Voltage CMOS Boost White LED Driver
February, 2010 ??Rev. 2
logo
Catalyst Semiconductor
CAT4237 CATALYST-CAT4237 Datasheet
533Kb / 13P
   High Voltage CMOS Boost White LED Driver
logo
ON Semiconductor
CAT4237 ONSEMI-CAT4237_11 Datasheet
270Kb / 12P
   High Voltage CMOS Boost White LED Driver
November, 2011 ??Rev. 3
logo
Catalyst Semiconductor
CAT4237 CATALYST-CAT4237_07 Datasheet
302Kb / 14P
   High Voltage CMOS Boost White LED Driver
CAT4237 CATALYST-CAT4237_08 Datasheet
301Kb / 14P
   High Voltage CMOS Boost White LED Driver
CAT37 CATALYST-CAT37_05 Datasheet
557Kb / 12P
   CMOS White LED Driver Boost Converter
logo
ON Semiconductor
CAT37 ONSEMI-CAT37 Datasheet
149Kb / 11P
   CMOS White LED Driver Boost Converter
February, 2010 ??Rev. 21
logo
Catalyst Semiconductor
CAT4137 CATALYST-CAT4137 Datasheet
302Kb / 14P
   CMOS Boost Converter - White LED Driver
logo
ON Semiconductor
CAT37TDI-T3 ONSEMI-CAT37TDI-T3 Datasheet
187Kb / 13P
   CMOS White LED Driver Boost Converter
Doc. No. MD-5005 Rev. V
CAT4137TD-T3 ONSEMI-CAT4137TD-T3 Datasheet
251Kb / 16P
   CMOS Boost Converter - White LED Driver
Doc. No. MD-5012 Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com