Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT5111YI-10-G Datasheet(PDF) 6 Page - ON Semiconductor

Part # CAT5111YI-10-G
Description  100-Tap Digitally Programmable Potentiometer with Buffered Wiper
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5111YI-10-G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CAT5111YI-10-G Datasheet HTML 2Page - ON Semiconductor CAT5111YI-10-G Datasheet HTML 3Page - ON Semiconductor CAT5111YI-10-G Datasheet HTML 4Page - ON Semiconductor CAT5111YI-10-G Datasheet HTML 5Page - ON Semiconductor CAT5111YI-10-G Datasheet HTML 6Page - ON Semiconductor CAT5111YI-10-G Datasheet HTML 7Page - ON Semiconductor CAT5111YI-10-G Datasheet HTML 8Page - ON Semiconductor CAT5111YI-10-G Datasheet HTML 9Page - ON Semiconductor CAT5111YI-10-G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
CAT5111
Doc. No. MD-2008 Rev. R
6
© 2008 SCILLC. All rights reserved.
Characteristics subject to change without notice
APPLICATIONS INFORMATION
Potentiometer Configuration
Applications
Programmable Instrumentation Amplifier
Programmable Sq. Wave Oscillator (555)
Sensor Auto Referencing Circuit
(a) resistive divider
(b) variable resistance
(c) two-port
R2
R3
A3
A1 = A2 = A3 = ¼ LM6064
R2 = R3 = R4 = 5kΩ
RPOT = 10kΩ
+5V
+2.5V
VO
R4
R3
R4
R2
R1
2
8
3
2
6
5
7
9
4
10
11
8
1
1
7
4
+
+
+
+5V
V1 (-)
V2 (+)
CAT5113/5114
DPP
+5V
0.01µF
0.01µF
0.003µF
pRPOT
(1-p)RPOT
R2
C
R1
RB
RA
5
3
6
7
8
4
1
2
65
3
2
8
1
7
4
+5V
DPP
555
+5V
-5V
VREF = 1V
VOUT = 1V ± 1mV
VSENSOR = 1V ± 50mV
VCORR
4
11
1
499kΩ
IC1B
IC1A
20kΩ
499kΩ
2
3
6
5
499kΩ
499kΩ
10kΩ
0.01µF
OSC
CS
IC3A
¼ 74HC132
+
+
2
8
1
7
7
4
+5V
+200mV
CAT5111/5112
IC2
DPP
+


Similar Part No. - CAT5111YI-10-G

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5111YI-10-G CATALYST-CAT5111YI-10-G Datasheet
256Kb / 11P
   100-Tap Digitally Programmable Potentiometer (DPP?? with Buffered Wiper
CAT5111YI-10-G CATALYST-CAT5111YI-10-G Datasheet
276Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP?? with Buffered Wiper
logo
ON Semiconductor
CAT5111YI-10-GT3 ONSEMI-CAT5111YI-10-GT3 Datasheet
253Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP?? with Buffered Wiper
Doc. No. MD-2008 Rev. S
CAT5111YI-10-GT3 ONSEMI-CAT5111YI-10-GT3 Datasheet
205Kb / 14P
   100?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 20
More results

Similar Description - CAT5111YI-10-G

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5111 CATALYST-CAT5111_08 Datasheet
276Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP?? with Buffered Wiper
logo
ON Semiconductor
CAT5111 ONSEMI-CAT5111 Datasheet
253Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP?? with Buffered Wiper
Doc. No. MD-2008 Rev. S
logo
Catalyst Semiconductor
CAT5111 CATALYST-CAT5111 Datasheet
67Kb / 7P
   100-Tap Digitally Programmable Potentiometer (DPP) with Buffered Wiper
CAT5111 CATALYST-CAT5111_07 Datasheet
256Kb / 11P
   100-Tap Digitally Programmable Potentiometer (DPP?? with Buffered Wiper
logo
ON Semiconductor
CAT5112LI-10-G ONSEMI-CAT5112LI-10-G Datasheet
203Kb / 11P
   32-Tap Digitally Programmable Potentiometer with Buffered Wiper
Doc. No. MD-2002 Rev. N
CAT5112 ONSEMI-CAT5112 Datasheet
208Kb / 11P
   32-Tap Digitally Programmable Potentiometer (DPP?? with Buffered Wiper
Doc. No. MD-2002 Rev. O
logo
Catalyst Semiconductor
CAT5112 CATALYST-CAT5112_07 Datasheet
250Kb / 11P
   32-Tap Digitally Programmable Potentiometer (DPP?? with Buffered Wiper
CAT5113 CATALYST-CAT5113 Datasheet
452Kb / 9P
   100-Tap Digitally Programmable Potentiometer
logo
ON Semiconductor
CAT5113LI-01-G ONSEMI-CAT5113LI-01-G Datasheet
222Kb / 13P
   100-Tap Digitally Programmable Potentiometer
Doc. No. MD-2009 Rev. X
logo
Catalyst Semiconductor
CAT5113 CATALYST-CAT5113_07 Datasheet
282Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com