Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54LVTH273FK Datasheet(PDF) 11 Page - Texas Instruments

Part # SN54LVTH273FK
Description  3.3-V ABT OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54LVTH273FK Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN54LVTH273FK Datasheet HTML 5Page - Texas Instruments SN54LVTH273FK Datasheet HTML 6Page - Texas Instruments SN54LVTH273FK Datasheet HTML 7Page - Texas Instruments SN54LVTH273FK Datasheet HTML 8Page - Texas Instruments SN54LVTH273FK Datasheet HTML 9Page - Texas Instruments SN54LVTH273FK Datasheet HTML 10Page - Texas Instruments SN54LVTH273FK Datasheet HTML 11Page - Texas Instruments SN54LVTH273FK Datasheet HTML 12Page - Texas Instruments SN54LVTH273FK Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
MECHANICAL DATA
MSSO002E – JANUARY 1995 – REVISED DECEMBER 2001
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DB (R-PDSO-G**)
PLASTIC SMALL-OUTLINE
4040065 /E 12/01
28 PINS SHOWN
Gage Plane
8,20
7,40
0,55
0,95
0,25
38
12,90
12,30
28
10,50
24
8,50
Seating Plane
9,90
7,90
30
10,50
9,90
0,38
5,60
5,00
15
0,22
14
A
28
1
20
16
6,50
6,50
14
0,05 MIN
5,90
5,90
DIM
A MAX
A MIN
PINS **
2,00 MAX
6,90
7,50
0,65
M
0,15
0
°–8°
0,10
0,09
0,25
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0,15.
D. Falls within JEDEC MO-150


Similar Part No. - SN54LVTH273FK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVTH273 TI1-SN54LVTH273 Datasheet
1Mb / 18P
[Old version datasheet]   3.3-V ABT OCTALD-TYPE FLIP-FLOPS WITH CLEAR
SN54LVTH273 TI1-SN54LVTH273_16 Datasheet
1Mb / 18P
[Old version datasheet]   3.3-V ABT OCTALD-TYPE FLIP-FLOPS WITH CLEAR
More results

Similar Description - SN54LVTH273FK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVTH273 TI1-SN54LVTH273_16 Datasheet
1Mb / 18P
[Old version datasheet]   3.3-V ABT OCTALD-TYPE FLIP-FLOPS WITH CLEAR
SN74LVTH273-EP TI1-SN74LVTH273-EP Datasheet
435Kb / 9P
[Old version datasheet]   3.3-V ABT OCTAL D-TYPE FLIP-FLOP WITH CLEAR
SN54ALS273 TI-SN54ALS273 Datasheet
93Kb / 6P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
1446753 TI-1446753 Datasheet
592Kb / 16P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN74ALS273NSR TI-SN74ALS273NSR Datasheet
831Kb / 18P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54AHC273 TI1-SN54AHC273_15 Datasheet
1Mb / 30P
[Old version datasheet]   Octal D-Type Flip-Flops With Clear
SN54HC273 TI1-SN54HC273_16 Datasheet
1Mb / 32P
[Old version datasheet]   Octal D-Type Flip-Flops With Clear
logo
Renesas Technology Corp
HD74HC273 RENESAS-HD74HC273 Datasheet
71Kb / 10P
   Octal D-type Flip-Flops (with Clear)
logo
Texas Instruments
SN54LV273 TI1-SN54LV273_08 Datasheet
158Kb / 8P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54HC273 TI-SN54HC273 Datasheet
557Kb / 18P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com