Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54LVU04A Datasheet(PDF) 5 Page - Texas Instruments

Part # SN54LVU04A
Description  HEX INVERTERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54LVU04A Datasheet(HTML) 5 Page - Texas Instruments

  SN54LVU04A Datasheet HTML 1Page - Texas Instruments SN54LVU04A Datasheet HTML 2Page - Texas Instruments SN54LVU04A Datasheet HTML 3Page - Texas Instruments SN54LVU04A Datasheet HTML 4Page - Texas Instruments SN54LVU04A Datasheet HTML 5Page - Texas Instruments SN54LVU04A Datasheet HTML 6Page - Texas Instruments SN54LVU04A Datasheet HTML 7Page - Texas Instruments SN54LVU04A Datasheet HTML 8Page - Texas Instruments SN54LVU04A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
SN54LVU04A, SN74LVU04A
HEX INVERTERS
SCES130L − MARCH 1998 − REVISED DECEMBER 2004
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
50% VCC
VCC
VCC
0 V
0 V
th
tsu
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
Data Input
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
VCC
0 V
50% VCC
50% VCC
Input
Out-of-Phase
Output
In-Phase
Output
Timing Input
50% VCC
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
INVERTING AND NONINVERTING OUTPUTS
Output
Control
Output
Waveform 1
S1 at VCC
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
≈VCC
0 V
50% VCC
VOL + 0.3 V
50% VCC
≈0 V
VCC
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
LOW- AND HIGH-LEVEL ENABLING
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open Drain
Open
VCC
GND
VCC
TEST
S1
VCC
0 V
50% VCC
tw
VOLTAGE WAVEFORMS
PULSE DURATION
Input
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 1 MHz, ZO = 50 Ω, tr ≤ 3 ns, tf ≤ 3 ns.
D. The outputs are measured one at a time, with one input transition per measurement.
E. tPLZ and tPHZ are the same as tdis.
F. tPZL and tPZH are the same as ten.
G. tPHL and tPLH are the same as tpd.
H. All parameters and waveforms are not applicable to all devices.
From Output
Under Test
CL
(see Note A)
LOAD CIRCUIT FOR
3-STATE AND OPEN-DRAIN OUTPUTS
S1
VCC
RL = 1 kΩ
GND
From Output
Under Test
CL
(see Note A)
Test
Point
LOAD CIRCUIT FOR
TOTEM-POLE OUTPUTS
Open
50% VCC
50% VCC
50% VCC
50% VCC
50% VCC
50% VCC
50% VCC
50% VCC
VOH − 0.3 V
Figure 1. Load Circuit and Voltage Waveforms


Similar Part No. - SN54LVU04A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVU04A TI-SN54LVU04A Datasheet
701Kb / 16P
[Old version datasheet]   HEX INVERTERS
SN54LVU04A TI-SN54LVU04A Datasheet
673Kb / 18P
[Old version datasheet]   HEX INVERTERS
SN54LVU04A TI-SN54LVU04A Datasheet
674Kb / 18P
[Old version datasheet]   HEX INVERTERS
SN54LVU04A TI-SN54LVU04A_07 Datasheet
701Kb / 16P
[Old version datasheet]   HEX INVERTERS
SN54LVU04A TI-SN54LVU04A_10 Datasheet
673Kb / 18P
[Old version datasheet]   HEX INVERTERS
More results

Similar Description - SN54LVU04A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
[Old version datasheet]   HEX INVERTERS
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
[Old version datasheet]   HEX INVERTERS
logo
Diodes Incorporated
74LV04A DIODES-74LV04A Datasheet
299Kb / 9P
   HEX INVERTERS
logo
Texas Instruments
SN54LVC04A TI1-SN54LVC04A_15 Datasheet
1Mb / 27P
[Old version datasheet]   HEX INVERTERS
SN54LVU04 TI1-SN54LVU04_10 Datasheet
118Kb / 6P
[Old version datasheet]   HEX INVERTERS
SN54AC04 TI-SN54AC04 Datasheet
78Kb / 5P
[Old version datasheet]   HEX INVERTERS
logo
Hitachi Semiconductor
HD74LVU04A HITACHI-HD74LVU04A Datasheet
50Kb / 12P
   Hex Inverters
HD74LV04A HITACHI-HD74LV04A Datasheet
52Kb / 13P
   Hex Inverters
HD74HCT04A HITACHI-HD74HCT04A Datasheet
40Kb / 8P
   Hex Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com