Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NBXSBA017 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NBXSBA017
Description  Clock Oscillator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBXSBA017 Datasheet(HTML) 1 Page - ON Semiconductor

  NBXSBA017 Datasheet HTML 1Page - ON Semiconductor NBXSBA017 Datasheet HTML 2Page - ON Semiconductor NBXSBA017 Datasheet HTML 3Page - ON Semiconductor NBXSBA017 Datasheet HTML 4Page - ON Semiconductor NBXSBA017 Datasheet HTML 5Page - ON Semiconductor NBXSBA017 Datasheet HTML 6Page - ON Semiconductor NBXSBA017 Datasheet HTML 7Page - ON Semiconductor NBXSBA017 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2009
March, 2009 − Rev. 2
1
Publication Order Number:
NBXDBB017/D
NBXDBB017, NBXDBA017,
NBXHBA017, NBXSBA017
3.3 V, 156.25 MHz /
312.5MHz LVPECL Clock
Oscillator
The single and dual frequency crystal oscillator (XO) is designed to
meet today’s requirements for 3.3 V LVPECL clock generation
applications. The device uses a high Q fundamental crystal and Phase
Lock Loop (PLL) multiplier to provide selectable 156.25 MHz or
312.5 MHz, ultra low jitter and phase noise LVPECL differential
output.
This device is a member of ON Semiconductor’s PureEdge
t clock
family that provides accurate and precision clock solutions.
Available in 5 mm x 7 mm SMD (CLCC) package on 16 mm tape
and reel in quantities of 1,000. Frequency stability options available as
either 50 PPM NBXDBA017, NBXSBA017, NBXHBA017
(Industrial Temperature Range) or 20 PPM NBXDBB017
(Commercial Temperature Range).
Features
LVPECL Differential Output
Uses High Q Fundamental Mode Crystal and PLL Multiplier
Ultra Low Jitter and Phase Noise − 0.4 ps (12 kHz − 20 MHz)
Selectable Output Frequency − 156.25 MHz (default) / 312.5 MHz
Hermetically Sealed Ceramic SMD Package
RoHS Compliant
Operating Range 3.3 V ±10%
Total Frequency Stability − ±20 PPM or ±50 PPM
This is a Pb−Free Device
Applications
Networking
10 Gigabit Ethernet
Figure 1. Simplified Logic Diagram
PLL
Clock
Multiplier
Crystal
GND
FSEL/NC*
OE
CLK CLK
VDD
65
4
12
3
* NBXSBA017 and NBXHBA017 only
http://onsemi.com
MARKING DIAGRAMS
156.25/312.5 = Output Frequency (MHz)
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb−Free Package
6 PIN CLCC
LN SUFFIX
CASE 848AB
NBXDBB017
156.25/312.50
AWLYYWWG
NBXDBA017
156.25/312.50
AWLYYWWG
NBXHBA017
156.25
AWLYYWWG
NBXSBA017
312.5
AWLYYWWG
See detailed ordering and shipping information in the package
dimensions section on page 7 of this data sheet.
ORDERING INFORMATION


Similar Part No. - NBXSBA017

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBXSBA017 ONSEMI-NBXSBA017 Datasheet
146Kb / 8P
   3.3 V, 156.25 MHz / 312.5MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
More results

Similar Description - NBXSBA017

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
PX-4000-DAA-B VECTRON-PX-4000-DAA-B Datasheet
320Kb / 4P
   Clock Oscillator
PX-5010-EAJ105 VECTRON-PX-5010-EAJ105 Datasheet
1Mb / 7P
   Clock Oscillator
PX-7010-DAJ-105 VECTRON-PX-7010-DAJ-105 Datasheet
1Mb / 7P
   Clock Oscillator
logo
List of Unclassifed Man...
ECS-100 ETC1-ECS-100 Datasheet
100Kb / 1P
   CLOCK OSCILLATOR
FXO25TABF ETC2-FXO25TABF Datasheet
129Kb / 1P
   CLOCK OSCILLATOR
logo
Advanced Crystal Techno...
90H57 ACT-90H57 Datasheet
174Kb / 2P
   Clock oscillator
01/02/2017
logo
List of Unclassifed Man...
CCO-014S ETC2-CCO-014S Datasheet
116Kb / 1P
   Clock Oscillator
logo
Crystek Corporation
CUSO33XX CRYSTEKCRYSTAL-CUSO33XX Datasheet
111Kb / 1P
   Clock Oscillator
logo
ECS, Inc.
ECS-200 ECS-ECS-200 Datasheet
100Kb / 1P
   CLOCK OSCILLATOR
ECS-200X ECS-ECS-200X Datasheet
182Kb / 1P
   CLOCK OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com