Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1294ED16 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP1294ED16
Description  Enhanced Voltage Mode PWM Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1294ED16 Datasheet(HTML) 1 Page - ON Semiconductor

  NCP1294ED16 Datasheet HTML 1Page - ON Semiconductor NCP1294ED16 Datasheet HTML 2Page - ON Semiconductor NCP1294ED16 Datasheet HTML 3Page - ON Semiconductor NCP1294ED16 Datasheet HTML 4Page - ON Semiconductor NCP1294ED16 Datasheet HTML 5Page - ON Semiconductor NCP1294ED16 Datasheet HTML 6Page - ON Semiconductor NCP1294ED16 Datasheet HTML 7Page - ON Semiconductor NCP1294ED16 Datasheet HTML 8Page - ON Semiconductor NCP1294ED16 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
© Semiconductor Components Industries, LLC, 2009
July, 2009 − Rev. 0
1
Publication Order Number:
NCP1294/D
NCP1294
Flyback, Boost, Forward
PWM Controller
The NCP1294 fixed frequency feed forward voltage mode PWM
controller contains all of the features necessary to be configured in a
Flyback, Boost or Forward topology. This PWM controller has been
optimized for high frequency primary side control operation. In
addition, this device includes such features as: Soft−Start, accurate
duty cycle limit control, less than 50
mA startup current, over and
undervoltage protection, and bidirectional synchronization. The
NCP1294 is available in a 16 lead SOIC narrow surface mount
package.
Features
1.0 MHz Frequency Capability
Fixed Frequency Voltage Mode Operation, with Feed Forward
Thermal Shutdown
Undervoltage Lock−Out
Accurate Programmable Max Duty Cycle Limit
1.0 A Sink/Source Gate Drive
Programmable Pulse−By−Pulse Overcurrent Protection
Leading Edge Current Sense Blanking
75 ns Shutdown Propagation Delay
Programmable Soft−Start
Undervoltage Protection
Overvoltage Protection with Programmable Hysteresis
Bidirectional Synchronization
25 ns GATE Rise and Fall Time (1.0 nF Load)
3.3 V 3% Reference Voltage Output
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
VFB
ISET
1
16
COMP
RTCT
SS
OV
LGND
UV
VREF
FF
VCC
SYNC
PGND
ISENSE
VC
GATE
PIN CONNECTIONS AND
MARKING DIAGRAM
1
16
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
NCP1294EDR2G
SOIC−16
(Pb−Free)
2500 Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
NCP1294EDBR2G TSSOP−16
(Pb−Free)
SOIC−16
D SUFFIX
CASE 751B
1
16
TSSOP−16
DB SUFFIX
CASE 948F
NCP1294= Specific Device Code
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G or G = Pb−Free Package
NCP
1294
ALYW
G
1
16
2500 Tape & Reel


Similar Part No. - NCP1294ED16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1294EDBR2G ONSEMI-NCP1294EDBR2G Datasheet
210Kb / 13P
   Flyback, Boost, Forward PWM Controller
July, 2009 ??Rev. 0
NCP1294EDBR2G ONSEMI-NCP1294EDBR2G Datasheet
314Kb / 14P
   Flyback, Boost, Forward PWM Controller
August, 2021 - Rev. 1
NCP1294EDR2G ONSEMI-NCP1294EDR2G Datasheet
210Kb / 13P
   Flyback, Boost, Forward PWM Controller
July, 2009 ??Rev. 0
NCP1294EDR2G ONSEMI-NCP1294EDR2G Datasheet
314Kb / 14P
   Flyback, Boost, Forward PWM Controller
August, 2021 - Rev. 1
More results

Similar Description - NCP1294ED16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS51221 ONSEMI-CS51221 Datasheet
178Kb / 14P
   Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
CS51221 ONSEMI-CS51221_09 Datasheet
178Kb / 14P
   Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
CS51221 ONSEMI-CS51221 Datasheet
173Kb / 14P
   Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
logo
Cherry Semiconductor Co...
CS51221 CHERRY-CS51221 Datasheet
164Kb / 12P
   Enhanced Voltage Mode PWM Controller
logo
ON Semiconductor
CS51021A ONSEMI-CS51021A Datasheet
130Kb / 11P
   Enhanced Current Mode PWM Controller
February, 2006 ??Rev. 8
logo
Cherry Semiconductor Co...
CS51021 CHERRY-CS51021 Datasheet
170Kb / 9P
   Enhanced Current Mode PWM Controller
logo
Semtech Corporation
SC1103 SEMTECH-SC1103 Datasheet
97Kb / 8P
   VOLTAGE MODE PWM CONTROLLER
logo
Shaoxing Devechip Micro...
SDC7500 SDC-SDC7500 Datasheet
308Kb / 10P
   Voltage Mode PWM Controller
logo
Taiwan Semiconductor Co...
TS494 TSC-TS494 Datasheet
138Kb / 7P
   Voltage Mode PWM Controller
logo
List of Unclassifed Man...
AP494 ETC-AP494 Datasheet
175Kb / 8P
   VOLTAGE MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com