Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1294EDR16 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP1294EDR16
Description  Enhanced Voltage Mode PWM Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1294EDR16 Datasheet(HTML) 4 Page - ON Semiconductor

  NCP1294EDR16 Datasheet HTML 1Page - ON Semiconductor NCP1294EDR16 Datasheet HTML 2Page - ON Semiconductor NCP1294EDR16 Datasheet HTML 3Page - ON Semiconductor NCP1294EDR16 Datasheet HTML 4Page - ON Semiconductor NCP1294EDR16 Datasheet HTML 5Page - ON Semiconductor NCP1294EDR16 Datasheet HTML 6Page - ON Semiconductor NCP1294EDR16 Datasheet HTML 7Page - ON Semiconductor NCP1294EDR16 Datasheet HTML 8Page - ON Semiconductor NCP1294EDR16 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
NCP1294
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (−40°C < TA < 85°C; −40°C < TJ < 125°C; 3.0 V < VC < 15 V; 4.7 V < VCC < 15 V;
RT = 12 k; CT = 390 pF; unless otherwise specified.)
Characteristic
Unit
Max
Typ
Min
Test Conditions
Reference Voltage
Total Accuracy
0 mA < IREF < 2.0 mA
3.2
3.3
3.4
V
Line Regulation
6.0
20
mV
Load Regulation
0 mA < IREF < 2.0 mA
6.0
15
mV
Noise Voltage
10 Hz < F < 10 kHz. Note 2
50
mV
Op Life Shift
T = 1000 Hrs. Note 2
4.0
20
mV
Fault Voltage
2.8
2.95
3.1
V
VREF(OK) Voltage
2.9
3.05
3.2
V
VREF(OK) Hysteresis
30
100
150
mV
Current Limit
2.0
40
100
mA
Error Amp
Reference Voltage
VFB = COMP
1.234
1.263
1.285
V
VFB Input Current
VFB = 1.2 V
1.3
2.0
mA
Open Loop Gain
Note 2
60
dB
Unity Gain Bandwidth
Note 2
1.5
MHz
COMP Sink Current
COMP = 1.4 V, VFB = 1.45 V
3.0
12
32
mA
COMP Source Current
COMP = 1.4 V, VFB = 1.15 V
1.0
1.6
2.0
mA
COMP High Voltage
VFB = 1.15 V
2.8
3.1
3.4
V
COMP Low Voltage
VFB = 1.45 V
75
125
300
mV
PSRR
Freq = 120 Hz. Note 2
60
85
dB
SS Clamp, VCOMP
SS = 1.4 V, VFB = 0 V, ISET = 2.0 V
1.3
1.4
1.5
V
COMP Max Clamp
Note 2
1.7
1.8
1.9
V
Oscillator
Frequency Accuracy
260
273
320
kHz
Voltage Stability
1.0
2.0
%
Temperature Stability
−40°C < TJ < 125°C. (Note 2)
8.0
%
Max Frequency
Note 2
1.0
MHz
Duty Cycle
80
85
90
%
Peak Voltage
Note 2
1.94
2.0
2.06
V
Valley Clamp Voltage
0.9
0.95
1.0
V
Valley Voltage
Note 2
0.85
1.0
1.15
V
Discharge Current
0.85
1.0
1.15
mA
Synchronization
Input Threshold
0.9
1.4
1.8
V
Output Pulse Width
200
320
450
ns
Output High Voltage
100 mA Load
2.1
2.5
2.8
V
Input Resistance
35
70
140
kW
SYNC to Drive Delay
Time from SYNC to GATE Shutdown
100
140
180
ns
Output Drive Current
RSYNC = 1.0 W
1.0
1.5
2.25
mA
2. Guaranteed by design, not 100% tested in production.


Similar Part No. - NCP1294EDR16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1294EDR2G ONSEMI-NCP1294EDR2G Datasheet
210Kb / 13P
   Flyback, Boost, Forward PWM Controller
July, 2009 ??Rev. 0
NCP1294EDR2G ONSEMI-NCP1294EDR2G Datasheet
314Kb / 14P
   Flyback, Boost, Forward PWM Controller
August, 2021 - Rev. 1
More results

Similar Description - NCP1294EDR16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS51221 ONSEMI-CS51221 Datasheet
178Kb / 14P
   Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
CS51221 ONSEMI-CS51221_09 Datasheet
178Kb / 14P
   Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
CS51221 ONSEMI-CS51221 Datasheet
173Kb / 14P
   Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
logo
Cherry Semiconductor Co...
CS51221 CHERRY-CS51221 Datasheet
164Kb / 12P
   Enhanced Voltage Mode PWM Controller
logo
ON Semiconductor
CS51021A ONSEMI-CS51021A Datasheet
130Kb / 11P
   Enhanced Current Mode PWM Controller
February, 2006 ??Rev. 8
logo
Cherry Semiconductor Co...
CS51021 CHERRY-CS51021 Datasheet
170Kb / 9P
   Enhanced Current Mode PWM Controller
logo
Semtech Corporation
SC1103 SEMTECH-SC1103 Datasheet
97Kb / 8P
   VOLTAGE MODE PWM CONTROLLER
logo
Shaoxing Devechip Micro...
SDC7500 SDC-SDC7500 Datasheet
308Kb / 10P
   Voltage Mode PWM Controller
logo
Taiwan Semiconductor Co...
TS494 TSC-TS494 Datasheet
138Kb / 7P
   Voltage Mode PWM Controller
logo
List of Unclassifed Man...
AP494 ETC-AP494 Datasheet
175Kb / 8P
   VOLTAGE MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com