Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1607 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP1607
Description  Cost Effective Power Factor Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1607 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP1607 Datasheet HTML 4Page - ON Semiconductor NCP1607 Datasheet HTML 5Page - ON Semiconductor NCP1607 Datasheet HTML 6Page - ON Semiconductor NCP1607 Datasheet HTML 7Page - ON Semiconductor NCP1607 Datasheet HTML 8Page - ON Semiconductor NCP1607 Datasheet HTML 9Page - ON Semiconductor NCP1607 Datasheet HTML 10Page - ON Semiconductor NCP1607 Datasheet HTML 11Page - ON Semiconductor NCP1607 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
NCP1607
http://onsemi.com
8
TYPICAL CHARACTERISTICS
Figure 15. Gate Drive Resistance vs.
Temperature
Figure 16. LEB Duration vs. Temperature
TEMPERATURE (°C)
TEMPERATURE (°C)
125
100
75
50
25
0
−25
−50
0
2
4
8
10
12
16
18
125
100
75
50
25
0
−25
−50
240
250
260
270
280
6
14
150
ROH
ROL
150
Figure 17. Overcurrent Threshold Voltage vs.
Temperature
TEMPERATURE (°C)
125
100
75
50
25
0
−25
−50
Figure 18. Undervoltage Protection Threshold
Voltage vs. Temperature
Figure 19. Shutdown Thresholds vs.
Temperature
TEMPERATURE (°C)
TEMPERATURE (°C)
150
125
100
75
25
0
−25
−50
0.280
0.285
0.305
0.310
0.315
0.320
125
100
75
50
25
0
−25
−50
0.15
0.20
0.25
0.30
0.35
150
50
150
0.520
0.515
0.510
0.505
0.500
0.495
0.490
0.485
0.480
0.290
0.295
0.300
VSDH
VSDL
ISOURCE = 100 mA
ISINK = 100 mA


Similar Part No. - NCP1607

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1607BDR2G ONSEMI-NCP1607BDR2G Datasheet
181Kb / 23P
   Cost Effective Power Factor Controller
July, 2015 ??Rev. 2
NCP1607BOOSTGEVB ONSEMI-NCP1607BOOSTGEVB Datasheet
181Kb / 23P
   Cost Effective Power Factor Controller
July, 2015 ??Rev. 2
NCP1607 ONSEMI-NCP1607_15 Datasheet
181Kb / 23P
   Cost Effective Power Factor Controller
July, 2015 ??Rev. 2
More results

Similar Description - NCP1607

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1607BOOSTGEVB ONSEMI-NCP1607BOOSTGEVB Datasheet
181Kb / 23P
   Cost Effective Power Factor Controller
July, 2015 ??Rev. 2
NCP1607 ONSEMI-NCP1607_15 Datasheet
181Kb / 23P
   Cost Effective Power Factor Controller
July, 2015 ??Rev. 2
NCP1606 ONSEMI-NCP1606 Datasheet
242Kb / 22P
   Cost Effective Power Factor Controller
March, 2007 ??Rev. 3
logo
List of Unclassifed Man...
OB3350 ETC2-OB3350 Datasheet
464Kb / 10P
   Cost Effective LED Controller
logo
ON Semiconductor
MC33260 ONSEMI-MC33260_05 Datasheet
221Kb / 22P
   GreenLine TM Compact Power Factor Controller: Innovative Circuit for Cost Effective Solutions
September, 2005 ??Rev. 9
logo
Diodes Incorporated
AP3105 DIODES-AP3105 Datasheet
336Kb / 13P
   COST EFFECTIVE GREEN PWM CONTROLLER
AP3103A DIODES-AP3103A Datasheet
408Kb / 12P
   COST EFFECTIVE GREEN PWM CONTROLLER
AP3105D DIODES-AP3105D Datasheet
368Kb / 13P
   COST EFFECTIVE GREEN PWM CONTROLLER
February 2014 Rev. 2 - 2
AP3105NA DIODES-AP3105NA Datasheet
347Kb / 13P
   COST EFFECTIVE GREEN PWM CONTROLLER
logo
Excelliance MOS Corp.
EM8931 EXCELLIANCE-EM8931 Datasheet
256Kb / 10P
   Cost Effective PWM Forward Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com