Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP5393AMNR2G Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP5393AMNR2G
Description  2/3/4-Phase Controller for CPU Applications
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5393AMNR2G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP5393AMNR2G Datasheet HTML 7Page - ON Semiconductor NCP5393AMNR2G Datasheet HTML 8Page - ON Semiconductor NCP5393AMNR2G Datasheet HTML 9Page - ON Semiconductor NCP5393AMNR2G Datasheet HTML 10Page - ON Semiconductor NCP5393AMNR2G Datasheet HTML 11Page - ON Semiconductor NCP5393AMNR2G Datasheet HTML 12Page - ON Semiconductor NCP5393AMNR2G Datasheet HTML 13Page - ON Semiconductor NCP5393AMNR2G Datasheet HTML 14Page - ON Semiconductor NCP5393AMNR2G Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
NCP5393A
http://onsemi.com
11
ELECTRICAL CHARACTERISTICS (Unless otherwise stated: 0°CvTAv70°C; 4.75 VvVCCv5.25 V; All DAC Codes; CVCC = 0.1 mF)
Parameter
Unit
Max
Typ
Min
Test Conditions
PSI_L (Power Saving Phase Shed and Control, Active Low) (This pin is used in PVI mode only)
PSI_L Hysteresis
After Soft−Start, VHIGH − VLOW or VLOW − VHIGH
100
mV
CURRENT LIMIT
Current Sense Amp to ILIM Gain
20 mV < (CSx − CSxN) < 60 mV (CS inputs tied)
5.7
6.0
6.3
V/V
ILIM Pin Input Bias Current
0.5
mA
ILIM Pin Working Voltage Range
(Note 3)
0.2
2.0
V
ILIM Offset Voltage
Offset extrapolated to CSx−CSxN = 0 V, and referred
to the ILIM pin
30
mV
Delay
600
ns
VDDNB Current Limit Coefficient
= N x VNBILIM /VILIM, where N = number of VDD
phases, and VNBILIM is the equivalent voltage
threshold for NB Current Limit resulting from VILIM.
1.0
V
OFFSET INPUTS (VDD & VDDNB)
Output Offset Voltage Above VDAC
0
800
mV
OUTPUT OVERVOLTAGE PROTECTION (VDD & VDDNB)
Over Voltage Threshold
In normal operation, with no VID changes
VDAC
+ 220
VDAC
+ 235
VDAC
+ 250
mV
VCCA UNDERVOLTAGE PROTECTION
VCCA UVLO Start Threshold
4.0
4.25
4.5
V
VCCA UVLO Stop Threshold
3.8
4.05
4.3
V
VCCA UVLO Hysteresis
200
mV
INPUT SUPPLY CURRENT
VCC Operating Current
ENABLE held Low, No PWM operation
25
35
mA
12VMON
12VMON (High Threshold)
8
8.5
9
V
12VMON (Low Threshold)
7
7.5
8
V
12VMON Hysteresis
Low − High or High − Low
1.0
V
3. Guaranteed by design. Not production tested.
TYPICAL CHARACTERISTICS
Figure 1. SS Time vs. Temperature
Figure 2. Enable Threshold Voltage vs.
Temperature
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
75
50
25
0
1.95
1.97
1.99
2.01
2.03
75
50
25
0
1.0
1.1
1.2
1.3
1.4
1.5
Enable Increasing Voltage
Enable Decreasing Voltage


Similar Part No. - NCP5393AMNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5393 ONSEMI-NCP5393 Datasheet
490Kb / 21P
   2/3/4-Phase Controller for CPU Applications
February, 2008 - Rev. 0
NCP5393B ONSEMI-NCP5393B Datasheet
305Kb / 24P
   2/3/4-Phase Controller for CPU Applications
June, 2009 ??Rev. 0
NCP5393BMNR2G ONSEMI-NCP5393BMNR2G Datasheet
305Kb / 24P
   2/3/4-Phase Controller for CPU Applications
June, 2009 ??Rev. 0
NCP5393MNR2G ONSEMI-NCP5393MNR2G Datasheet
490Kb / 21P
   2/3/4-Phase Controller for CPU Applications
February, 2008 - Rev. 0
More results

Similar Description - NCP5393AMNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5392 ONSEMI-NCP5392 Datasheet
313Kb / 32P
   2/3/4-Phase Controller for CPU Applications
August, 2008 ??Rev. 3
NCP5392Q ONSEMI-NCP5392Q Datasheet
324Kb / 30P
   2/3/4-Phase Controller for CPU Applications
June, 2009 ??Rev. 0
NCP5387 ONSEMI-NCP5387 Datasheet
347Kb / 37P
   2/3/4 Phase Controller for CPU Applications
April, 2007 ??Rev. 3
NCP5392P ONSEMI-NCP5392P Datasheet
314Kb / 32P
   2/3/4-Phase Controller for CPU Applications
April, 2008 - Rev. 0
NCP5393B ONSEMI-NCP5393B Datasheet
305Kb / 24P
   2/3/4-Phase Controller for CPU Applications
June, 2009 ??Rev. 0
NCP5393 ONSEMI-NCP5393 Datasheet
490Kb / 21P
   2/3/4-Phase Controller for CPU Applications
February, 2008 - Rev. 0
NCP6251 ONSEMI-NCP6251 Datasheet
293Kb / 24P
   2/3/4-Phase Controller for CPU Applications
October, 2010 ??Rev. P0
NCP5395T ONSEMI-NCP5395T Datasheet
287Kb / 25P
   2/3/4-Phase Controller with On Board Gate Drivers for CPU Applications
June, 2009 ??Rev. 0
NCP6151S52MNR2G ONSEMI-NCP6151S52MNR2G Datasheet
47Kb / 1P
   VR12 2-, 3-, 4-Phase CPU Controller 1-Phase GPU Controller
6/16/2013
NCP5392T ONSEMI-NCP5392T Datasheet
316Kb / 30P
   2/3/4-Phase Controller with Light Load Power Saving Enhancement for CPU Applications
June, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com