Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP5393AMNR2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP5393AMNR2G
Description  2/3/4-Phase Controller for CPU Applications
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5393AMNR2G Datasheet(HTML) 3 Page - ON Semiconductor

  NCP5393AMNR2G Datasheet HTML 1Page - ON Semiconductor NCP5393AMNR2G Datasheet HTML 2Page - ON Semiconductor NCP5393AMNR2G Datasheet HTML 3Page - ON Semiconductor NCP5393AMNR2G Datasheet HTML 4Page - ON Semiconductor NCP5393AMNR2G Datasheet HTML 5Page - ON Semiconductor NCP5393AMNR2G Datasheet HTML 6Page - ON Semiconductor NCP5393AMNR2G Datasheet HTML 7Page - ON Semiconductor NCP5393AMNR2G Datasheet HTML 8Page - ON Semiconductor NCP5393AMNR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
NCP5393A
http://onsemi.com
3
Figure 2. NCP5393A Block Diagram
VCCA
+
5V UVLO
4.25V/4.05V
PVI/SVI
HYBRID
INTERFACE
+
VS−
VS+
DIFFOUT
+
FB
COMP
1.3 V
Diff Amp
Error Amp
VDD
Oscillator
ILIM
ENABLE
+
ILIMIT_VDD
VDD REGULATOR
Fault Logic
3−Phase
Detection
and
Monitor Circuits
+
+
CS1
CS1N
CS2
CS2N
CS3
CS3N
+
Gain = 6
+
Gain = 6
+
Gain = 6
+
Droop Amplifier
+
Gain = 6
CS4
CS4N
+
G4
VDD_DAC
VS+
OVP
DRVON
GND
VID0
VID1
VID2/SVD
VID3/SVC
VID4
VID5
12VMON
+
12V UVLO
8.5V/7.5V
1.3 V
DROOP
PWROK
NB_OFFSET
OFFSET
VDD_DAC OUT
ILIMIT_NB =
ILIMIT_VDD/N
(N = VDD
phase count)
FLAG
PWRGOOD
Gain = 1
ROSC
+
PWM4
+
PMW3
+
PWM1
+
PWM2
G1
G2
G3
+
NB_VS+
NB_VS−
NB_DIFFOUT
+
NB_FB
NB_COMP
1.3 V
Diff Amp
Error Amp
NB
Oscillator
+
NB_CS
NB_CSN
+
Gain = 6
Droop Amplifier
OVP
FAULT
1.3 V
NB_DROOP
Gain = 1
PWM_NB
PSI_L
NB_DRVON
+
ILIMIT_NB
NB REGULATOR
Fault Logic
and
Monitor Circuits
NB_G
NB_DAC OUT
fNB = 1.27 x fVDD
VDD Slew
Rate Limit
NB Slew
Rate Limit
+
+
VDD_SRL OUT
NB_SRL OUT
VDD_SRL
NB_DAC
NB_VS+
NB_VS−
NB_SRL
X
X
VDD OFFSET
SCALING
NB OFFSET
SCALING
NORMAL OPERATION
BOOT_VID & VFIX MODES
NORMAL OPERATION
BOOT_VID & VFIX MODES
VDD
NB
NCP5393A
MID
MID
MID
HI−Z
HI−Z
HI−Z
HI−Z
VDD PSI_L
VDD PSI_L
HI−Z
MID
SHED
+
VS−
MID
+
+
VCCB


Similar Part No. - NCP5393AMNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5393 ONSEMI-NCP5393 Datasheet
490Kb / 21P
   2/3/4-Phase Controller for CPU Applications
February, 2008 - Rev. 0
NCP5393B ONSEMI-NCP5393B Datasheet
305Kb / 24P
   2/3/4-Phase Controller for CPU Applications
June, 2009 ??Rev. 0
NCP5393BMNR2G ONSEMI-NCP5393BMNR2G Datasheet
305Kb / 24P
   2/3/4-Phase Controller for CPU Applications
June, 2009 ??Rev. 0
NCP5393MNR2G ONSEMI-NCP5393MNR2G Datasheet
490Kb / 21P
   2/3/4-Phase Controller for CPU Applications
February, 2008 - Rev. 0
More results

Similar Description - NCP5393AMNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5392 ONSEMI-NCP5392 Datasheet
313Kb / 32P
   2/3/4-Phase Controller for CPU Applications
August, 2008 ??Rev. 3
NCP5392Q ONSEMI-NCP5392Q Datasheet
324Kb / 30P
   2/3/4-Phase Controller for CPU Applications
June, 2009 ??Rev. 0
NCP5387 ONSEMI-NCP5387 Datasheet
347Kb / 37P
   2/3/4 Phase Controller for CPU Applications
April, 2007 ??Rev. 3
NCP5392P ONSEMI-NCP5392P Datasheet
314Kb / 32P
   2/3/4-Phase Controller for CPU Applications
April, 2008 - Rev. 0
NCP5393B ONSEMI-NCP5393B Datasheet
305Kb / 24P
   2/3/4-Phase Controller for CPU Applications
June, 2009 ??Rev. 0
NCP5393 ONSEMI-NCP5393 Datasheet
490Kb / 21P
   2/3/4-Phase Controller for CPU Applications
February, 2008 - Rev. 0
NCP6251 ONSEMI-NCP6251 Datasheet
293Kb / 24P
   2/3/4-Phase Controller for CPU Applications
October, 2010 ??Rev. P0
NCP5395T ONSEMI-NCP5395T Datasheet
287Kb / 25P
   2/3/4-Phase Controller with On Board Gate Drivers for CPU Applications
June, 2009 ??Rev. 0
NCP6151S52MNR2G ONSEMI-NCP6151S52MNR2G Datasheet
47Kb / 1P
   VR12 2-, 3-, 4-Phase CPU Controller 1-Phase GPU Controller
6/16/2013
NCP5392T ONSEMI-NCP5392T Datasheet
316Kb / 30P
   2/3/4-Phase Controller with Light Load Power Saving Enhancement for CPU Applications
June, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com