Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP5395 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP5395
Description  CPU Applications
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5395 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP5395 Datasheet HTML 4Page - ON Semiconductor NCP5395 Datasheet HTML 5Page - ON Semiconductor NCP5395 Datasheet HTML 6Page - ON Semiconductor NCP5395 Datasheet HTML 7Page - ON Semiconductor NCP5395 Datasheet HTML 8Page - ON Semiconductor NCP5395 Datasheet HTML 9Page - ON Semiconductor NCP5395 Datasheet HTML 10Page - ON Semiconductor NCP5395 Datasheet HTML 11Page - ON Semiconductor NCP5395 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
NCP5395
http://onsemi.com
8
ELECTRICAL CHARACTERISTICS
0°C < TA < 70°C; 0°C < TJ < 125°C; 4.75 < VCC < 5.25 V; All DAC Codes; CVCC = 0.1 mF unless otherwise noted.
Parameter
Test Conditions
Min
Typ
Max
Unit
ERROR AMPLIFIER
Input Bias Current
−200
200
nA
Open Loop DC Gain
CL = 60 pF to GND,
RL = 10 kW to GND
100
dB
Open Loop Unity Gain Bandwidth
CL = 60 pF to GND,
RL = 10 kW to GND
18
MHz
Open Loop Phase Margin
CL = 60 pF to GND,
RL = 10 kW to GND
70
°
Slew Rate
DVin = 100 mV, G = −10V/V,
DVout = 1.5 V − 2.5 V,
CL = 60 pF to GND,
DC Load = ±125 mA to GND
10
V/ms
Maximum Output Voltage
10 mV of Overdrive,
ISOURCE = 2.0 mA
3.0
V
Minimum Output Voltage
10 mV of Overdrive,
ISINK = 500 mA
75
mV
Output Source Current
10 mV of Overdrive,
Vout = 3.5 V
1.5
2.0
mA
Output Sink Current
10 mV of Overdrive,
Vout = 0.1 V
0.75
1.0
mA
DIFFERENTIAL SUMMING AMPLIFIER
V+ Input Pull down Resistance
DRVON = low
DRVON = high
0.6
6.0
kW
V+ Input Bias Voltage
DRVON = low
DRVON = high
0.5
0.86
V
Input Voltage Range (Note 4)
−0.3
3.0
V
−3 dB Bandwidth
CL = 80 pF to GND,
RL = 10 kW to GND
15
MHz
Closed Loop DC gain VS to Diffout (Note 4)
VS+ to VS− = 0.5 V to 1.6 V
0.98
1.0
1.02
V/V
Maximum Output Voltage
10 mV of Overdrive,
ISOURCE = 2 mA
3.0
V
Minimum Output Voltage
10 mV of Overdrive,
ISINK = 1 mA
0.5
V
Output Source Current
10 mV of Overdrive,
Vout = 3 V
1.5
2.0
mA
Output Sink Current
10 mV of Overdrive,
Vout = 0.2 V
1.0
1.5
mA
INTERNAL OFFSET VOLTAGE
Offset Voltage to the (+) Pin of the Error Amp & the
VDRP Pin
−2
0
+2
mV
3. Design guaranteed.
4. For propagation delays, “tpdh” refers to the specified signal going high “tpdl” refers to it going low. Reference Gate Timing Diagram.
5. Guaranteed by design; not tested in production.
6. Internal DAC voltage is centered 19 mV below the listed Voltage. For VR11.1/VR11.0/VR10
7. No DAC offset is implemented for AMD operation.


Similar Part No. - NCP5395

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5395G ONSEMI-NCP5395G Datasheet
260Kb / 25P
   On Board Gate Drivers for CPU Applications
February, 2012 ??Rev. 2
NCP5395T ONSEMI-NCP5395T Datasheet
287Kb / 25P
   2/3/4-Phase Controller with On Board Gate Drivers for CPU Applications
June, 2009 ??Rev. 0
NCP5395TMNR2G ONSEMI-NCP5395TMNR2G Datasheet
287Kb / 25P
   2/3/4-Phase Controller with On Board Gate Drivers for CPU Applications
June, 2009 ??Rev. 0
NCP5395TMNR2G ONSEMI-NCP5395TMNR2G Datasheet
256Kb / 25P
   2/3/4-Phase Controller
July, 2013 ??Rev. 1
NCP5395T ONSEMI-NCP5395T_13 Datasheet
256Kb / 25P
   2/3/4-Phase Controller
July, 2013 ??Rev. 1
More results

Similar Description - NCP5395

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5395G ONSEMI-NCP5395G Datasheet
260Kb / 25P
   On Board Gate Drivers for CPU Applications
February, 2012 ??Rev. 2
logo
Cherry Semiconductor Co...
CS51312 CHERRY-CS51312 Datasheet
276Kb / 18P
   Synchronous CPU Buck Controller for 12V Only Applications
logo
List of Unclassifed Man...
CP321 ETC2-CP321 Datasheet
835Kb / 144P
   Power PC-based CPU Board for CompactPCI Applications
logo
ON Semiconductor
NCP5392 ONSEMI-NCP5392 Datasheet
313Kb / 32P
   2/3/4-Phase Controller for CPU Applications
August, 2008 ??Rev. 3
NCP5392Q ONSEMI-NCP5392Q Datasheet
324Kb / 30P
   2/3/4-Phase Controller for CPU Applications
June, 2009 ??Rev. 0
NCP5387 ONSEMI-NCP5387 Datasheet
347Kb / 37P
   2/3/4 Phase Controller for CPU Applications
April, 2007 ??Rev. 3
NCP5392P ONSEMI-NCP5392P Datasheet
314Kb / 32P
   2/3/4-Phase Controller for CPU Applications
April, 2008 - Rev. 0
NCP5393B ONSEMI-NCP5393B Datasheet
305Kb / 24P
   2/3/4-Phase Controller for CPU Applications
June, 2009 ??Rev. 0
NCP5393 ONSEMI-NCP5393 Datasheet
490Kb / 21P
   2/3/4-Phase Controller for CPU Applications
February, 2008 - Rev. 0
NCP5393A ONSEMI-NCP5393A Datasheet
305Kb / 24P
   2/3/4-Phase Controller for CPU Applications
August, 2008 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com