Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75109A Datasheet(PDF) 8 Page - Texas Instruments

Part # SN75109A
Description  DUAL LINE DRIVERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75109A Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN75109A Datasheet HTML 3Page - Texas Instruments SN75109A Datasheet HTML 4Page - Texas Instruments SN75109A Datasheet HTML 5Page - Texas Instruments SN75109A Datasheet HTML 6Page - Texas Instruments SN75109A Datasheet HTML 7Page - Texas Instruments SN75109A Datasheet HTML 8Page - Texas Instruments SN75109A Datasheet HTML 9Page - Texas Instruments SN75109A Datasheet HTML 10Page - Texas Instruments SN75109A Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
SN55109A, SN55110A
SN75109A, SN75110A, SN75112
DUAL LINE DRIVERS
SLLS106B – DECEMBER 1975 – REVISED MAY 1995
2–8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
special pulse-control circuit
Figure 5 shows a circuit that may be used as a pulse generator output or in many other testing applications.
Input
2.5 V
A
B
C
D
To Other Logic and
Strobe Inputs
GND
–5 V
1/2 ‘109A
‘110A,
or SN75112
VCC –
VCC +
Y
Z
5 V
Output
6
5
4
3
2
1
1
2
3
4
5
6
1
2
3
4
5
6
12
3
4
5
6
Output Pulse
Input Pulse
Switch
Position
0 V
0 V
INPUT
OUTPUTS
AY
Z
High
Low
Off
On
On
Off
Figure 5. Pulse-Control Circuit


Similar Part No. - SN75109A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75107A TI-SN75107A Datasheet
280Kb / 19P
[Old version datasheet]   DUAL LINE RECEIVERS
SN75107A TI-SN75107A Datasheet
869Kb / 30P
[Old version datasheet]   DUAL LINE RECEIVERS
SN75107AD TI-SN75107AD Datasheet
869Kb / 30P
[Old version datasheet]   DUAL LINE RECEIVERS
SN75107AD TI1-SN75107AD Datasheet
1Mb / 31P
[Old version datasheet]   DUAL LINE RECEIVERS
SN75107ADE4 TI-SN75107ADE4 Datasheet
869Kb / 30P
[Old version datasheet]   DUAL LINE RECEIVERS
More results

Similar Description - SN75109A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55110A TI-SN55110A Datasheet
148Kb / 10P
[Old version datasheet]   DUAL LINE DRIVERS
SN55121 TI-SN55121 Datasheet
117Kb / 7P
[Old version datasheet]   DUAL LINE DRIVERS
logo
National Semiconductor ...
DS75110A NSC-DS75110A Datasheet
306Kb / 7P
   Dual Line Drivers
logo
Texas Instruments
SN55110A TI-SN55110A_03 Datasheet
374Kb / 16P
[Old version datasheet]   DUAL LINE DRIVERS
SN55110A TI1-SN55110A_14 Datasheet
875Kb / 22P
[Old version datasheet]   DUAL LINE DRIVERS
SN55110A TI-SN55110A_V01 Datasheet
1Mb / 23P
[Old version datasheet]   DUAL LINE DRIVERS
REVISED NOVEMBER 2024
SN55110A TI-SN55110A_06 Datasheet
547Kb / 18P
[Old version datasheet]   DUAL LINE DRIVERS
SN55121 TI1-SN55121_14 Datasheet
441Kb / 14P
[Old version datasheet]   DUAL LINE DRIVERS
SN55113 TI1-SN55113_14 Datasheet
859Kb / 23P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
SN55113 TI-SN55113 Datasheet
213Kb / 12P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com